Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

S7G2 Arkusz danych(PDF) 75 Page - Renesas Technology Corp

Numer części S7G2
Szczegółowy opis  32-bit ARM Cortex-M4 microcontroller
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S7G2 Arkusz danych(HTML) 75 Page - Renesas Technology Corp

Back Button S7G2 Datasheet HTML 71Page - Renesas Technology Corp S7G2 Datasheet HTML 72Page - Renesas Technology Corp S7G2 Datasheet HTML 73Page - Renesas Technology Corp S7G2 Datasheet HTML 74Page - Renesas Technology Corp S7G2 Datasheet HTML 75Page - Renesas Technology Corp S7G2 Datasheet HTML 76Page - Renesas Technology Corp S7G2 Datasheet HTML 77Page - Renesas Technology Corp S7G2 Datasheet HTML 78Page - Renesas Technology Corp S7G2 Datasheet HTML 79Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 116 page
background image
R01DS0262EU0100 Rev.1.00
Page 75 of 113
Feb 23, 2016
S7G2
2. Electrical Characteristics
Figure 2.49
SPI timing for slave when CPHA = 1
2.3.12
QSPI Timing
Note 1. tPcyc: PCLKA cycle.
Note 2. N is set to 0 or 1 in SFMSLD.
Note 3. N is set to 0 or 1 in SFMSHD.
Figure 2.50
QSPI clock timing
Table 2.26
QSPI timing
Conditions: High drive output is selected in the port drive capability bit in the PmnPFS register.
Item
Symbol
Min
Max
Unit*1
Test conditions
QSPI
QSPCK clock cycle
tQScyc
248
tPcyc
Figure 2.50
QSPCK clock high pulse width
tQSWH
tQScyc × 0.4
-
ns
QSPCK clock low pulse width
tQSWL
tQScyc × 0.4
-
ns
Data input setup time
tSu
11
-
ns
Figure 2.51
Data input hold time
tIH
0-
ns
QSSL setup time
tLEAD
(N+0.5) x
tQscyc - 5 *2
(N+0.5) x
tQscyc +100 *2
ns
QSSL hold time
tLAG
(N+0.5) x
tQscyc - 5 *3
(N+0.5) x
tQscyc +100 *3
ns
Data output delay
tOD
-4
ns
Data output hold time
tOH
–3.3
-
ns
Successive transmission delay
tTD
116
tQScyc
SSLA0
input
RSPCKA
CPOL = 0
input
RSPCKA
CPOL = 1
input
MISOA
output
MOSIA
input
tDr, tDf
tSA
tOH
tLEAD
tTD
tLAG
tH
LSB OUT
(Last data)
DATA
MSB OUT
MSB IN
DATA
LSB IN
MSB IN
LSB OUT
tSU
tOD
tREL
MSB OUT
SPI
tQScyc
QSPCLK output
tQSWH
tQSWL


Podobny opis - S7G2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
LPC540XX NXP-LPC540XX Datasheet
3Mb / 168P
   32-bit ARM Cortex-M4 microcontroller
Rev. 1.8-22 June 2018
logo
Renesas Technology Corp
S3A7 RENESAS-S3A7 Datasheet
1Mb / 133P
   32-bit ARM Cortex-M4 microcontroller
logo
NXP Semiconductors
LPC546XX NXP-LPC546XX Datasheet
3Mb / 169P
   32-bit ARM Cortex-M4 microcontroller
Rev. 2.5-20 June 2018
LPC408X-7X NXP-LPC408X-7X Datasheet
2Mb / 123P
   32-bit ARM Cortex-M4 MCU;
Rev. 1-17 September 2012
LPC5411X NXP-LPC5411X Datasheet
2Mb / 105P
   32-bit ARM Cortex-M4/M0 MCU
Rev. 2.1-9 May 2018
logo
List of Unclassifed Man...
NUC122ZD2AN ETC2-NUC122ZD2AN Datasheet
1Mb / 66P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100VE3AN ETC2-NUC100VE3AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M0516LAN TALEMA-M0516LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
LPC1766 ETC2-LPC1766 Datasheet
1Mb / 70P
   32-bit ARM Cortex-M3 microcontroller;
logo
Holtek Semiconductor In...
HT32F52231 HOLTEK-HT32F52231 Datasheet
4Mb / 50P
   32-Bit ARM Cortex-M0 Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com