Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

S124 Arkusz danych(PDF) 85 Page - Renesas Technology Corp

Numer części S124
Szczegółowy opis  32-bit ARM Cortex-M0 microcontroller
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S124 Arkusz danych(HTML) 85 Page - Renesas Technology Corp

Back Button S124 Datasheet HTML 81Page - Renesas Technology Corp S124 Datasheet HTML 82Page - Renesas Technology Corp S124 Datasheet HTML 83Page - Renesas Technology Corp S124 Datasheet HTML 84Page - Renesas Technology Corp S124 Datasheet HTML 85Page - Renesas Technology Corp S124 Datasheet HTML 86Page - Renesas Technology Corp S124 Datasheet HTML 87Page - Renesas Technology Corp S124 Datasheet HTML 88Page - Renesas Technology Corp S124 Datasheet HTML 89Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 98 page
background image
R01DS0264EU0100 Rev.1.00
Page 85 of 95
Feb 23, 2016
S124
2. Electrical Characteristics
2.12
Flash Memory Characteristics
2.12.1
Code Flash Memory Characteristics
Note 1. The reprogram/erase cycle is the number of erasures for each block. When the reprogram/erase cycle is n times
(n = 1,000), erasing can be performed n times for each block. For instance, when 4-byte programming is
performed 256 times for different addresses in 1-KB blocks, and then the entire block is erased, the reprogram/
erase cycle is counted as one. However, programming the same address for several times as one erasure is not
enabled. (overwriting is prohibited.)
Note 2. Characteristic when using the flash memory programmer and the self-programming library provided by Renesas
Electronics.
Note 3. This result is obtained from reliability testing.
Note 1. Does not include the time until each operation of the flash memory is started after instructions are executed by
the software.
Note 2. The lower-limit frequency of ICLK is 1 MHz during programming or erasing the flash memory. When using ICLK
at below 4 MHz, the frequency can be set to 1 MHz, 2 MHz, or 3 MHz. A non-integer frequency such as 1.5 MHz
cannot be set.
Note 3. The frequency accuracy of ICLK must be ±3.5% while programming or erasing the flash memory. Confirm the
frequency accuracy of the clock source.
Table 2.56
Code flash characteristics (1)
Item
Symbol
Min
Typ
Max
Unit
Conditions
Reprogramming/erasure cycle*1
NPEC
1000
--
Times
-
Data hold time
After 1000 times NPEC
tDRP
20*2, *3
--
Year
Ta = +85°C
Table 2.57
Code flash characteristics (2)
High-speed operating mode
Conditions: VCC = AVCC0 = 2.7 to 5.5 V
Item
Symbol
ICLK = 1 MHz
ICLK = 32 MHz
Unit
Min
Typ
Max
Min
Typ
Max
Programming time
4-byte
tP4
-
116
998
-
54
506
μs
Erasure time
1-KB
tE1K
-
9.03
287
-
5.67
222
ms
Blank check time
4-byte
tBC4
--
56.8
--
16.6
μs
1-KB
tBC1K
--
1899
--
140
μs
Erase suspended time
tSED
--
22.5
--
10.7
μs
Startup area switching setting time
tSAS
-
21.9
585
-
12.1
447
ms
Access window time
tAWS
-
21.9
585
-
12.1
447
ms
OCD/serial programmer ID setting time
tOSIS
-
21.9
585
-
12.1
447
ms
Flash memory mode transition wait
time 1
tDIS
2
--
2
--
μs
Flash memory mode transition wait
time 2
tMS
5
--
5
--
μs


Podobny numer części - S124

ProducentNumer częściArkusz danychSzczegółowy opis
logo
New Jersey Semi-Conduct...
S12400H NJSEMI-S12400H Datasheet
93Kb / 2P
   RMS on -state current
logo
Hamamatsu Corporation
S12426 HAMAMATSU-S12426 Datasheet
611Kb / 5P
   Low bias operation, high-speed Si APD for 900 nm
S12426 HAMAMATSU-S12426_15 Datasheet
611Kb / 5P
   Low bias operation, high-speed Si APD for 900 nm
S12443 HAMAMATSU-S12443_15 Datasheet
797Kb / 10P
   CMOS linear image sensor
More results

Podobny opis - S124

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
NUC122ZD2AN ETC2-NUC122ZD2AN Datasheet
1Mb / 66P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100VE3AN ETC2-NUC100VE3AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M0516LAN TALEMA-M0516LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Holtek Semiconductor In...
HT32F52231 HOLTEK-HT32F52231 Datasheet
4Mb / 50P
   32-Bit ARM Cortex-M0 Microcontroller
logo
Nuvoton Technology Corp...
NUC140 NUVOTON-NUC140 Datasheet
1Mb / 77P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC130LE3CN ETC2-NUC130LE3CN Datasheet
1Mb / 75P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M058LAN TALEMA-M058LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100RE3AN TALEMA-NUC100RE3AN Datasheet
1Mb / 60P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC100VD2AN ETC2-NUC100VD2AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvoton Technology Corp...
NUC100 NUVOTON-NUC100_V01 Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com