Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

S124 Arkusz danych(PDF) 17 Page - Renesas Technology Corp

Numer części S124
Szczegółowy opis  32-bit ARM Cortex-M0 microcontroller
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S124 Arkusz danych(HTML) 17 Page - Renesas Technology Corp

Back Button S124 Datasheet HTML 13Page - Renesas Technology Corp S124 Datasheet HTML 14Page - Renesas Technology Corp S124 Datasheet HTML 15Page - Renesas Technology Corp S124 Datasheet HTML 16Page - Renesas Technology Corp S124 Datasheet HTML 17Page - Renesas Technology Corp S124 Datasheet HTML 18Page - Renesas Technology Corp S124 Datasheet HTML 19Page - Renesas Technology Corp S124 Datasheet HTML 20Page - Renesas Technology Corp S124 Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 98 page
background image
R01DS0264EU0100 Rev.1.00
Page 17 of 95
Feb 23, 2016
S124
1. Overview
1.7
Pin Lists
Pin number
Timers
Communication Interfaces
Analogs
HMI
111
1
C2
CACREF_
C
P400
AGTIO1_
D
GTIOC6A
_A
SCK0_B/
SCK1_B
SCL0_A
TS20
IRQ0
222
-
-
P401
GTETRG
A_B
GTIOC6B
_A
CTX0_B CTS0_RT
S0_B/
SS0_B/
TXD1_B/
MOSI1_B/
SDA1_B
SDA0_A
TS19
IRQ5
3
-
-
-
-
P402
CRX0_B RXD1_B/
MISO1_B/
SCL1_B
TS18
IRQ4
4
---
-
P403
GTIOC3A
_B
CTS1_RT
S1_B/
SS1_B
TS17
533
2
A1
VCL
644
3
B1
XCIN
P215
7
5
5
4
C1
XCOUT
P214
866
5
D1
VSS
977
6
D3
XTAL
P213
GTETRG
A_D
TXD1_A/
MOSI1_A/
SDA1_A
IRQ2
10
8
8
7
D2
EXTAL
P212
AGTEE1 GTETRG
B_D
RXD1_A/
MISO1_A/
SCL1_A
IRQ3
11
9
9
8
E1
VCC
12
-
-
-
-
P411
AGTOA1 GTOVUP
_B
GTIOC6A
_B
TXD0_B/
MOSI0_B/
SDA0_B
MOSIA_B
TS07
IRQ4
13
-
-
-
-
P410
AGTOB1 GTOVLO
_B
GTIOC6B
_B
RXD0_B/
MISO0_B/
SCL0_B
MISOA_B
TS06
IRQ5
14
10
10
-
-
P409
GTOWUP
_B
GTIOC5A
_B
TXD9_A/
MOSI9_A/
SDA9_A
TS05
IRQ6
15
11
11
9
-
P408
GTOWLO
_B
GTIOC5B
_B
RXD9_A/
MISO9_A/
SCL9_A
TS04
IRQ7
16
12
12
10
E2
P407
RTCOUT USB_VBU
S
CTS0_RT
S0_D/
SS0_D
SDA0_B SSLB3_A ADTRG0_
B
TS03
17
13
13
11
F1
VSS_USB
18
14
14
12
F2
USB_DM
19
15
15
13
F3
USB_DP
20
16
16
14
F4
VCC_US
B
21
17
17
15
F5
VCC_US
B_LDO
22
18
18
-
-
P206
GTIU_A
RXD0_D/
MISO0_D/
SCL0_D
SDA1_A SSLB1_A
TS01
IRQ0
23
-
-
-
-
CLKOUT_
A
P205
AGTO1
GTIV_A
GTIOC4A
_B
TXD0_D/
MOSI0_D/
SDA0_D/
CTS9_RT
S9_A/
SS9_A
SCL1_A SSLB0_A
TSCAP_A
IRQ1
24
---
-
CACREF_
A
P204
AGTIO1_
A
GTIW_A GTIOC4B
_B
SCK0_D/
SCK9_A
SCL0_B RSPCKB_
A
TS00
25
19
19
16
E3
RES
26
20
20
17
E4
MD
P201
27
21
21
18
E5
P200
NMI
28
-
-
-
-
P304
GTIOC1A
_B
29
-
-
-
-
P303
GTIOC1B
_B
TS02
30
22
22
-
-
P302
GTOUUP
_A
GTIOC4A
_A
SSLB3_B
TS08
IRQ5
31
23
23
19
-
P301
GTOULO
_A
GTIOC4B
_A
SSLB2_B
TS09
IRQ6
32
24
24
20
F6
SWCLK
P300
GTOUUP
_C
GTIOC0A
_A
SSLB1_B
33
25
25
21
E6
SWDIO
P108
GTOULO
_C
GTIOC0B
_A
CTS9_RT
S9_B/
SS9_B
SSLB0_B
34
26
26
22
D4
CLKOUT_
B
P109
GTOVUP
_A
GTIOC1A
_A
CTX0_A
TXD9_B/
MOSI9_B/
SDA9_B
MOSIB_B
TS10


Podobny numer części - S124

ProducentNumer częściArkusz danychSzczegółowy opis
logo
New Jersey Semi-Conduct...
S12400H NJSEMI-S12400H Datasheet
93Kb / 2P
   RMS on -state current
logo
Hamamatsu Corporation
S12426 HAMAMATSU-S12426 Datasheet
611Kb / 5P
   Low bias operation, high-speed Si APD for 900 nm
S12426 HAMAMATSU-S12426_15 Datasheet
611Kb / 5P
   Low bias operation, high-speed Si APD for 900 nm
S12443 HAMAMATSU-S12443_15 Datasheet
797Kb / 10P
   CMOS linear image sensor
More results

Podobny opis - S124

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
NUC122ZD2AN ETC2-NUC122ZD2AN Datasheet
1Mb / 66P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100VE3AN ETC2-NUC100VE3AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M0516LAN TALEMA-M0516LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Holtek Semiconductor In...
HT32F52231 HOLTEK-HT32F52231 Datasheet
4Mb / 50P
   32-Bit ARM Cortex-M0 Microcontroller
logo
Nuvoton Technology Corp...
NUC140 NUVOTON-NUC140 Datasheet
1Mb / 77P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC130LE3CN ETC2-NUC130LE3CN Datasheet
1Mb / 75P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M058LAN TALEMA-M058LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100RE3AN TALEMA-NUC100RE3AN Datasheet
1Mb / 60P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC100VD2AN ETC2-NUC100VD2AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvoton Technology Corp...
NUC100 NUVOTON-NUC100_V01 Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com