Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

S124 Arkusz danych(PDF) 18 Page - Renesas Technology Corp

Numer części S124
Szczegółowy opis  32-bit ARM Cortex-M0 microcontroller
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S124 Arkusz danych(HTML) 18 Page - Renesas Technology Corp

Back Button S124 Datasheet HTML 14Page - Renesas Technology Corp S124 Datasheet HTML 15Page - Renesas Technology Corp S124 Datasheet HTML 16Page - Renesas Technology Corp S124 Datasheet HTML 17Page - Renesas Technology Corp S124 Datasheet HTML 18Page - Renesas Technology Corp S124 Datasheet HTML 19Page - Renesas Technology Corp S124 Datasheet HTML 20Page - Renesas Technology Corp S124 Datasheet HTML 21Page - Renesas Technology Corp S124 Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 98 page
background image
R01DS0264EU0100 Rev.1.00
Page 18 of 95
Feb 23, 2016
S124
1. Overview
Note:
Several pin names have the added suffix of _A, _B, _C, and _D. The suffix can be ignored when assigning
functionality.
35
27
27
23
D5
P110
GTOVLO
_A
GTIOC1B
_A
CRX0_A CTS0_RT
S0_C/
SS0_C/
RXD9_B/
MISO9_B/
SCL9_B
MISOB_B
VCOUT
TS11
IRQ3
36
28
28
24
D6
P111
GTIOC3A
_A
SCK0_C/
SCK9_B
RSPCKB_
B
TS12
IRQ4
37
29
29
25
C6
P112
GTIOC3B
_A
TXD0_C/
MOSI0_C/
SDA0_C
TSCAP_C
38
---
-
P113
39
30
30
-
-
VCC
40
31
31
-
-
VSS
41
-
-
-
-
P107
GTIOC0A
_B
KR07
42
-
-
-
-
P106
GTIOC0B
_B
SSLA3_A
KR06
43
-
-
-
-
P105
GTETRG
A_C
SSLA2_A
KR05/
IRQ0
44
32
32
26
-
P104
GTETRG
B_B
RXD0_C/
MISO0_C/
SCL0_C
SSLA1_A
TS13
KR04/
IRQ1
45
33
33
27
C3
P103
GTOWUP
_A
GTIOC2A
_A
CTX0_C CTS0_RT
S0_A/
SS0_A
SSLA0_A
AN019
CMPREF
1
TS14
KR03
46
34
34
28
C4
P102
AGTO0
GTOWLO
_A
GTIOC2B
_A
CRX0_C
SCK0_A
RSPCKA_
A
AN020/
ADTRG0_
A
CMPIN1
TS15
KR02
47
35
35
29
C5
P101
AGTEE0 GTETRG
B_A
GTIOC5A
_A
TXD0_A/
MOSI0_A/
SDA0_A/
CTS1_RT
S1_A/
SS1_A
SDA1_B MOSIA_A
AN021
CMPREF
0
TS16
KR01/
IRQ1
48
36
36
30
B6
P100
AGTIO0_
A
GTETRG
A_A
GTIOC5B
_A
RXD0_A/
MISO0_A/
SCL0_A/
SCK1_A
SCL1_B MISOA_A
AN022
CMPIN0
TS26
KR00/
IRQ2
49
37
37
-
-
P500
AGTOA0
GTIU_B GTIOC2A
_B
AN016
TS27
50
-
-
-
-
P501
AGTOB0
GTIV_B
GTIOC2B
_B
AN017
51
-
-
-
-
P502
GTIW_B GTIOC3B
_B
AN018
52
38
38
31
A6
P015
AN010
TS28
IRQ7
53
39
39
32
A5
P014
AN009
DA0
54
40
40
33
B5
P013
AN008
55
41
41
34
B4
P012
AN007
56
42
42
35
A4
AVCC0
57
43
43
36
A3
AVSS0
58
44
44
37
B3
VREFL0
P011
AN006
TS31
59
45
45
38
A2
VREFH0
P010
AN005
TS30
60
-
-
-
-
P004
AN004
TS25
IRQ3
61
-
-
-
-
P003
AN003
TS24
62
46
46
-
-
P002
AN002
TS23
IRQ2
63
47
47
39
-
P001
AN001
TS22
IRQ7
64
48
48
40
B2
P000
AN000
TS21
IRQ6
Pin number
Timers
Communication Interfaces
Analogs
HMI


Podobny numer części - S124

ProducentNumer częściArkusz danychSzczegółowy opis
logo
New Jersey Semi-Conduct...
S12400H NJSEMI-S12400H Datasheet
93Kb / 2P
   RMS on -state current
logo
Hamamatsu Corporation
S12426 HAMAMATSU-S12426 Datasheet
611Kb / 5P
   Low bias operation, high-speed Si APD for 900 nm
S12426 HAMAMATSU-S12426_15 Datasheet
611Kb / 5P
   Low bias operation, high-speed Si APD for 900 nm
S12443 HAMAMATSU-S12443_15 Datasheet
797Kb / 10P
   CMOS linear image sensor
More results

Podobny opis - S124

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
NUC122ZD2AN ETC2-NUC122ZD2AN Datasheet
1Mb / 66P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100VE3AN ETC2-NUC100VE3AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M0516LAN TALEMA-M0516LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Holtek Semiconductor In...
HT32F52231 HOLTEK-HT32F52231 Datasheet
4Mb / 50P
   32-Bit ARM Cortex-M0 Microcontroller
logo
Nuvoton Technology Corp...
NUC140 NUVOTON-NUC140 Datasheet
1Mb / 77P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC130LE3CN ETC2-NUC130LE3CN Datasheet
1Mb / 75P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M058LAN TALEMA-M058LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100RE3AN TALEMA-NUC100RE3AN Datasheet
1Mb / 60P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC100VD2AN ETC2-NUC100VD2AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvoton Technology Corp...
NUC100 NUVOTON-NUC100_V01 Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com