Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

S124 Arkusz danych(PDF) 20 Page - Renesas Technology Corp

Numer części S124
Szczegółowy opis  32-bit ARM Cortex-M0 microcontroller
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S124 Arkusz danych(HTML) 20 Page - Renesas Technology Corp

Back Button S124 Datasheet HTML 16Page - Renesas Technology Corp S124 Datasheet HTML 17Page - Renesas Technology Corp S124 Datasheet HTML 18Page - Renesas Technology Corp S124 Datasheet HTML 19Page - Renesas Technology Corp S124 Datasheet HTML 20Page - Renesas Technology Corp S124 Datasheet HTML 21Page - Renesas Technology Corp S124 Datasheet HTML 22Page - Renesas Technology Corp S124 Datasheet HTML 23Page - Renesas Technology Corp S124 Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 98 page
background image
R01DS0264EU0100 Rev.1.00
Page 20 of 95
Feb 23, 2016
S124
2. Electrical Characteristics
2.1
Absolute Maximum Ratings
Caution:
Permanent damage to the MCU may result if absolute maximum ratings are exceeded.
To preclude any malfunctions due to noise interference, insert capacitors of high frequency
characteristics between the VCC and VSS pins, between the AVCC0 and AVSS0 pins, between the
VCC_USB and VSS_USB pins, and between the VREFH0 and VREFL0 pins. Place capacitors of about
0.1 μF as close as possible to every power supply pin and use the shortest and heaviest possible
traces. Also, connect capacitors as stabilization capacitance.
Connect the VCL pin to a VSS pin by a 4.7-µF capacitor. The capacitor must be placed close to the
pin.
Note 1. Ports P205, P206, P400, P401, and P407 are 5V-tolerant.
Do not input signals or an I/O pull-up power supply while the device is not powered. The current injection that
results from input of such a signal or I/O pull-up might cause malfunction and the abnormal current that passes in
the device at this time might cause degradation of internal elements.
Note 2. See section 2.2.1, Tj/Ta Definition.
Note 3. Contact Renesas Electronics sales office for information on derating operation under Ta = +85°C to +105°C.
Derating is the systematic reduction of load for improved reliability.
Table 2.1
Absolute maximum ratings
Item
Symbol
Value
Unit
Power supply voltage
VCC
–0.5 to +6.5
V
Input voltage
5V-tolerant ports*1
Vin
–0.3 to +6.5
V
P000 to P004
P010 to P015
Vin
–0.3 to AVCC0 + 0.3
V
Others
Vin
–0.3 to VCC + 0.3
V
Reference power supply voltage
VREFH0
–0.3 to +6.5
V
Analog power supply voltage
AVCC0
–0.5 to +6.5
V
USB power supply voltage
VCC_USB
–0.5 to +6.5
V
VCC_USB_LDO
–0.5 to +6.5
V
Analog input voltage
When AN000 to AN010 are
used
VAN
–0.3 to AVCC0 + 0.3
V
When AN016 to AN022 are
used
–0.3 to VCC + 0.3
V
Operating temperature*2 *3
Topr
–40 to +105
°C
Storage temperature
Tstg
–55 to +125
°C


Podobny numer części - S124

ProducentNumer częściArkusz danychSzczegółowy opis
logo
New Jersey Semi-Conduct...
S12400H NJSEMI-S12400H Datasheet
93Kb / 2P
   RMS on -state current
logo
Hamamatsu Corporation
S12426 HAMAMATSU-S12426 Datasheet
611Kb / 5P
   Low bias operation, high-speed Si APD for 900 nm
S12426 HAMAMATSU-S12426_15 Datasheet
611Kb / 5P
   Low bias operation, high-speed Si APD for 900 nm
S12443 HAMAMATSU-S12443_15 Datasheet
797Kb / 10P
   CMOS linear image sensor
More results

Podobny opis - S124

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
NUC122ZD2AN ETC2-NUC122ZD2AN Datasheet
1Mb / 66P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100VE3AN ETC2-NUC100VE3AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M0516LAN TALEMA-M0516LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Holtek Semiconductor In...
HT32F52231 HOLTEK-HT32F52231 Datasheet
4Mb / 50P
   32-Bit ARM Cortex-M0 Microcontroller
logo
Nuvoton Technology Corp...
NUC140 NUVOTON-NUC140 Datasheet
1Mb / 77P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC130LE3CN ETC2-NUC130LE3CN Datasheet
1Mb / 75P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M058LAN TALEMA-M058LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100RE3AN TALEMA-NUC100RE3AN Datasheet
1Mb / 60P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC100VD2AN ETC2-NUC100VD2AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvoton Technology Corp...
NUC100 NUVOTON-NUC100_V01 Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com