Zakładka z wyszukiwarką danych komponentów |
|
UPA2738GR Arkusz danych(PDF) 2 Page - Renesas Technology Corp |
|
UPA2738GR Arkusz danych(HTML) 2 Page - Renesas Technology Corp |
2 / 7 page μPA2738GR R07DS1321EJ0100 Rev.1.00 Page 2 of 6 Jan 25, 2016 Electrical Characteristics (TA = 25°C) Item Symbol MIN. TYP. MAX. Unit Test Conditions Zero Gate Voltage Drain Current IDSS −1 μA VDS = −30 V, VGS = 0 V Gate Leakage Current IGSS m100 nA VGS = m20 V, VDS = 0 V Gate Cut-off Voltage VGS(off) −1.0 −2.5 V VDS = −10 V, ID = −1 mA Forward Transfer Admittance ∗1 | yfs | 4 S VDS = −10 V, ID = −5.0 A Drain to Source On-state Resistance ∗1 RDS(on)1 12 15 m Ω VGS = −10 V, ID = −10 A RDS(on)2 19 29 m Ω VGS = −4.5 V, ID = −10 A Input Capacitance Ciss 1450 pF VDS = −10 V, Output Capacitance Coss 710 pF VGS = 0 V, Reverse Transfer Capacitance Crss 650 pF f = 1 MHz Turn-on Delay Time td(on) 14 ns VDD = −15 V, ID = −5.0 A, VGS = −10 V, Rise Time tr 30 ns Turn-off Delay Time td(off) 60 ns RG = 10 Ω Fall Time tf 50 ns Total Gate Charge QG 37 nC VDD = −24 V, Gate to Source Charge QGS 2.5 nC VGS = −10 V, Gate to Drain Charge QGD 20 nC ID = −10 A Body Diode Forward Voltage ∗1 VF(S-D) 0.86 V IF = 10 A, VGS = 0 V Reverse Recovery Time trr 47 ns IF = 10 A, VGS = 0 V, Reverse Recovery Charge Qrr 43 nC di/dt = 100 A/ μs Note: ∗1. Pulsed TEST CIRCUIT 1 AVALANCHE CAPABILITY RG = 25 Ω 50 Ω L VDD VGS = −20 → 0 V BVDSS IAS ID VDS Starting Tch VDD D.U.T. TEST CIRCUIT 3 GATE CHARGE TEST CIRCUIT 2 SWITCHING TIME PG. RG 0 VGS(−) D.U.T. RL VDD τ = 1 s μ Duty Cycle ≤ 1% VGS Wave Form VDS Wave Form VGS(−) 10% 90% VGS 10% 0 VDS(−) 90% 90% td(on) tr td(off) tf 10% τ VDS 0 ton toff PG. PG. 50 Ω D.U.T. RL VDD IG = −2 mA − |
Podobny numer części - UPA2738GR_16 |
|
Podobny opis - UPA2738GR_16 |