Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UPD48288209AF1 Arkusz danych(PDF) 15 Page - Renesas Technology Corp

Numer części UPD48288209AF1
Szczegółowy opis  288M-BIT Low Latency DRAM
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD48288209AF1 Arkusz danych(HTML) 15 Page - Renesas Technology Corp

Back Button UPD48288209AF1 Datasheet HTML 11Page - Renesas Technology Corp UPD48288209AF1 Datasheet HTML 12Page - Renesas Technology Corp UPD48288209AF1 Datasheet HTML 13Page - Renesas Technology Corp UPD48288209AF1 Datasheet HTML 14Page - Renesas Technology Corp UPD48288209AF1 Datasheet HTML 15Page - Renesas Technology Corp UPD48288209AF1 Datasheet HTML 16Page - Renesas Technology Corp UPD48288209AF1 Datasheet HTML 17Page - Renesas Technology Corp UPD48288209AF1 Datasheet HTML 18Page - Renesas Technology Corp UPD48288209AF1 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 54 page
background image
µµµµPD48288209AF1, µµµµPD48288218AF1, µµµµPD48288236AF1
R10DS0254EJ0101 Rev. 1.01
Page 15 of 53
Jan. 15, 2016
AC Characteristics <Read and Write Cycle>
Parameter
Symbol
–E18
–E24
Unit
Note
(533 MHz)
(400 MHz)
(300 MHz)
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
Clock
Clock cycle time (CK,CK#,DK,DK#)
tCK, tDK
1.875
5.7
2.5
5.7
3.3
5.7
ns
Clock frequency (CK,CK#,DK,DK#)
tCK, tDK
175
533
175
400
175
300
MHz
Random Cycle time
tRC
15
15
20
ns
Clock Jitter: period
tJIT PER
–100
100
–150
150
–200
200
ps
1, 2
Clock Jitter: cycle-to-cycle
tJIT CC
200
300
400
ps
Clock HIGH time (CK,CK#,DK,DK#)
tCKH, tDKH
0.45
0.55
0.45
0.55
0.45
0.55
Cycle
Clock LOW time (CK,CK#,DK,DK#)
tCKL, tDKL
0.45
0.55
0.45
0.55
0.45
0.55
Cycle
Clock to input data clock
tCKDK
–0.3
0.3
–0.45
0.5
–0.45
1.0
ns
Mode register set cycle time
tMRSC
6
6
6
Cycle
to any command
PLL Lock time
tCK Lock
15
15
15
µs
Clock static to PLL reset
tCK Reset
30
30
30
ns
Output Times
Output data clock HIGH time
tQKH
0.9
1.1
0.9
1.1
0.9
1.1
tCKH
Output data clock LOW time
tQKL
0.9
1.1
0.9
1.1
0.9
1.1
tCKL
QK edge to clock edge skew
tCKQK
–0.2
0.2
–0.25
0.25
–0.3
0.3
ns
QK edge to output data edge
tQKQ0, tQKQ1
–0.12
0.12
–0.2
0.2
–0.25
0.25
ns
3, 5
QK edge to any output data
tQKQ
–0.22
0.22
–0.3
0.3
–0.35
0.35
ns
4, 5
QK edge to QVLD
tQKVLD
–0.22
0.22
–0.3
0.3
–0.35
0.35
ns
Setup Times
Address/command and input
tAS/tCS
0.3
0.4
0.5
ns
Data-in and data mask to DK
tDS
0.17
0.225
0.3
ns
Hold Times
Address/command and input
tAH/tCH
0.3
0.4
0.5
ns
Data-in and data mask to DK
tDH
0.17
0.225
0.3
ns
Notes 1. Clock phase jitter is the variance from clock rising edge to the next expected clock rising edge.
2.
Frequency drift is not allowed.
3.
tQKQ0 is referenced to DQ0–DQ17 in x36 and DQ0–DQ8 in x18.
tQKQ1 is referenced to DQ18–DQ35 in x36 and DQ9–DQ17 in x18.
4.
tQKQ takes into account the skew between any QKx and any DQ.
5.
tQKQ, tQKQX are guaranteed by design.
Remark All timing parameters are measured relative to the crossing point of CK/CK#, DK/DK# and to the crossing
point with VREF of the command, address, and data signals.


Podobny numer części - UPD48288209AF1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
UPD48288209AFF-E18-DW1 RENESAS-UPD48288209AFF-E18-DW1 Datasheet
1Mb / 53P
   288M-BIT Low Laten cy DRAM Common I/O
Oct 01, 2012
UPD48288209AFF-E18-DW1-A RENESAS-UPD48288209AFF-E18-DW1-A Datasheet
1Mb / 53P
   288M-BIT Low Laten cy DRAM Common I/O
Oct 01, 2012
UPD48288209AFF-E24-DW1 RENESAS-UPD48288209AFF-E24-DW1 Datasheet
1Mb / 53P
   288M-BIT Low Laten cy DRAM Common I/O
Oct 01, 2012
UPD48288209AFF-E24-DW1-A RENESAS-UPD48288209AFF-E24-DW1-A Datasheet
1Mb / 53P
   288M-BIT Low Laten cy DRAM Common I/O
Oct 01, 2012
UPD48288209AFF-E25-DW1 RENESAS-UPD48288209AFF-E25-DW1 Datasheet
1Mb / 53P
   288M-BIT Low Laten cy DRAM Common I/O
Oct 01, 2012
More results

Podobny opis - UPD48288209AF1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
UPD48288118AF1 RENESAS-UPD48288118AF1 Datasheet
1Mb / 52P
   288M-BIT Low Latency DRAM
UPD48288209-A RENESAS-UPD48288209-A Datasheet
862Kb / 50P
   288M-BIT Low Latency DRAM Common I/O
Feb 01, 2013
UPD48288118-A RENESAS-UPD48288118-A Datasheet
843Kb / 48P
   288M-BIT Low Latency DRAM Separate I/O
Feb 01, 2013
UPD48576118F1 RENESAS-UPD48576118F1 Datasheet
1Mb / 52P
   576M-BIT Low Latency DRAM
UPD48576209F1 RENESAS-UPD48576209F1 Datasheet
1Mb / 54P
   576M-BIT Low Latency DRAM
UPD48288209A RENESAS-UPD48288209A Datasheet
1Mb / 53P
   288M-BIT Low Laten cy DRAM Common I/O
Oct 01, 2012
UPD48288109A RENESAS-UPD48288109A Datasheet
1Mb / 52P
   288M-BIT Low Laten cy DRAM Separate I/O
Oct 01, 2012
UPD48576209 RENESAS-UPD48576209 Datasheet
1Mb / 53P
   576M-BIT Low Latency DRAM Common I/O
Oct 01, 2012
UPD48576109 RENESAS-UPD48576109 Datasheet
1Mb / 52P
   576M-BIT Low Latency DRAM Separate I/O
Oct 01, 2012
logo
Elpida Memory
EDR2518ABSE ELPIDA-EDR2518ABSE Datasheet
1Mb / 79P
   288M bits Direct Rambus DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com