Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UPD48576118F1 Arkusz danych(PDF) 15 Page - Renesas Technology Corp

Numer części UPD48576118F1
Szczegółowy opis  576M-BIT Low Latency DRAM
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD48576118F1 Arkusz danych(HTML) 15 Page - Renesas Technology Corp

Back Button UPD48576118F1 Datasheet HTML 11Page - Renesas Technology Corp UPD48576118F1 Datasheet HTML 12Page - Renesas Technology Corp UPD48576118F1 Datasheet HTML 13Page - Renesas Technology Corp UPD48576118F1 Datasheet HTML 14Page - Renesas Technology Corp UPD48576118F1 Datasheet HTML 15Page - Renesas Technology Corp UPD48576118F1 Datasheet HTML 16Page - Renesas Technology Corp UPD48576118F1 Datasheet HTML 17Page - Renesas Technology Corp UPD48576118F1 Datasheet HTML 18Page - Renesas Technology Corp UPD48576118F1 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 52 page
background image
µµµµPD48576118F1
R10DS0257EJ0101 Rev. 1.01
Page 15 of 51
Jan. 15, 2016
2.
Operation
2.1
Command Operation
According to the functional signal description, the following command sequences are possible. All input states or sequences not shown
are illegal or reserved. All command and address inputs must meet setup and hold times around the rising edge of CK.
Table 2-1. Address Widths at Different Burst Lengths
Burst Length
Configuration
x18
BL=2
A0–A20
BL=4
A0–A19
BL=8
A0–A18
Table 2-2. Command Table
Operation
Code
CS#
WE#
REF#
A0–AnNote1
BA0–BA2
Note
Device DESELECT / No Operation
DESEL / NOP
H
X
X
X
X
MRS: Mode Register Set
MRS
L
L
L
OPCODE
X
2
READ
READ
L
H
H
A
BA
3
WRITE
WRITE
L
L
H
A
BA
3
AUTO REFRESH
AREF
L
H
L
X
BA
Notes
1. n = 21.
2. Only A0–A17 are used for the MRS command.
3. See Table 2-1.
Remark X = “Don’t Care”, H = logic HIGH, L = logic LOW, A = valid address, BA = valid bank address
2.2
Description of Commands
DESEL / NOP Note1
The NOP command is used to perform a no operation to the
µPD48576109/18F1, which essentially deselects the chip. Use the NOP
command to prevent unwanted commands from being registered during idle or wait states. Operations already in progress are not
affected. Output values depend on command history.
MRS
The mode register is set via the address inputs A0–A17. See Figure 2-5. Mode Register Bit Map for further information. The
MRS command can only be issued when all banks are idle and no bursts are in progress.
READ
The READ command is used to initiate a burst read access to a bank. The value on the BA0–BA2 inputs selects the bank, and the
address provided on inputs A0–A21 selects the data location within the bank.
WRITE
The WRITE command is used to initiate a burst write access to a bank. The value on the BA0–BA2 inputs selects the bank, and the
address provided on inputs A0–A21 selects the data location within the bank. Input data appearing on the D is written to the memory
array subject to the DM input logic level appearing coincident with the data. If the DM signal is registered LOW, the corresponding
data will be written to memory. If the DM signal is registered HIGH, the corresponding data inputs will be ignored (i.e., this part of
the data word will not be written).


Podobny numer części - UPD48576118F1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
UPD48576118FF-E18-DW1 RENESAS-UPD48576118FF-E18-DW1 Datasheet
1Mb / 52P
   576M-BIT Low Latency DRAM Separate I/O
Oct 01, 2012
UPD48576118FF-E18-DW1-A RENESAS-UPD48576118FF-E18-DW1-A Datasheet
1Mb / 52P
   576M-BIT Low Latency DRAM Separate I/O
Oct 01, 2012
UPD48576118FF-E24-DW1 RENESAS-UPD48576118FF-E24-DW1 Datasheet
1Mb / 52P
   576M-BIT Low Latency DRAM Separate I/O
Oct 01, 2012
UPD48576118FF-E24-DW1-A RENESAS-UPD48576118FF-E24-DW1-A Datasheet
1Mb / 52P
   576M-BIT Low Latency DRAM Separate I/O
Oct 01, 2012
UPD48576118FF-E25-DW1 RENESAS-UPD48576118FF-E25-DW1 Datasheet
1Mb / 52P
   576M-BIT Low Latency DRAM Separate I/O
Oct 01, 2012
More results

Podobny opis - UPD48576118F1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
UPD48576209F1 RENESAS-UPD48576209F1 Datasheet
1Mb / 54P
   576M-BIT Low Latency DRAM
UPD48576109 RENESAS-UPD48576109 Datasheet
1Mb / 52P
   576M-BIT Low Latency DRAM Separate I/O
Oct 01, 2012
UPD48576209 RENESAS-UPD48576209 Datasheet
1Mb / 53P
   576M-BIT Low Latency DRAM Common I/O
Oct 01, 2012
UPD48288209AF1 RENESAS-UPD48288209AF1 Datasheet
1Mb / 54P
   288M-BIT Low Latency DRAM
UPD48288118AF1 RENESAS-UPD48288118AF1 Datasheet
1Mb / 52P
   288M-BIT Low Latency DRAM
UPD48288209-A RENESAS-UPD48288209-A Datasheet
862Kb / 50P
   288M-BIT Low Latency DRAM Common I/O
Feb 01, 2013
UPD48288118-A RENESAS-UPD48288118-A Datasheet
843Kb / 48P
   288M-BIT Low Latency DRAM Separate I/O
Feb 01, 2013
logo
GSI Technology
GS4576C36GL-25I GSI-GS4576C36GL-25I Datasheet
2Mb / 63P
   576Mb CIO Low Latency DRAM (LLDRAM II)
logo
Micron Technology
MT49H8M32 MICRON-MT49H8M32 Datasheet
652Kb / 43P
   REDUCED LATENCY DRAM RLDRAM
logo
Renesas Technology Corp
RMHE41A184AGBG RENESAS-RMHE41A184AGBG Datasheet
644Kb / 52P
   1.1G-BIT Low Latency DRAM-III Common I/O Burst Length of 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com