Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UPD48576209F1 Arkusz danych(PDF) 12 Page - Renesas Technology Corp

Numer części UPD48576209F1
Szczegółowy opis  576M-BIT Low Latency DRAM
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD48576209F1 Arkusz danych(HTML) 12 Page - Renesas Technology Corp

Back Button UPD48576209F1 Datasheet HTML 8Page - Renesas Technology Corp UPD48576209F1 Datasheet HTML 9Page - Renesas Technology Corp UPD48576209F1 Datasheet HTML 10Page - Renesas Technology Corp UPD48576209F1 Datasheet HTML 11Page - Renesas Technology Corp UPD48576209F1 Datasheet HTML 12Page - Renesas Technology Corp UPD48576209F1 Datasheet HTML 13Page - Renesas Technology Corp UPD48576209F1 Datasheet HTML 14Page - Renesas Technology Corp UPD48576209F1 Datasheet HTML 15Page - Renesas Technology Corp UPD48576209F1 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 54 page
background image
µµµµPD48576209F1, µµµµPD48576218F1, µµµµPD48576236F1
R10DS0256EJ0101 Rev. 1.01
Page 12 of 53
Jan. 15, 2016
DC Characteristics
IDD / ISB Operating Conditions
Parameter
Symbol
Test condition
MAX.
Unit
–E18
–E24
tRC=15ns
tRC=20ns
533MHz 400MHz 400MHz 300MHz
Standby current
ISB1
tCK = Idle
VDD
x9/x18
55
55
55
55
mA
All banks idle, no inputs toggling
x36
55
55
55
55
VEXT
5
5
5
5
Active standby
ISB2
CS# = HIGH, No commands, half bank / address /
VDD
x9/x18
250
215
215
190
mA
current
data change once every four clock cycles
x36
250
215
215
190
VEXT
5
5
5
5
Operating current
IDD1
BL=2, sequential bank access, bank transitions
VDD
x9/x18
390
331
321
291
mA
once every tRC, half address transitions once
x36
407
346
336
306
every tRC, read followed by write sequence,
VEXT
10
10
10
10
continuous data during WRITE commands.
Operating current
IDD2
BL=4, sequential bank access, bank transitions
VDD
x9/x18
422
367
357
336
mA
once every tRC, half address transitions once
x36
445
387
377
353
every tRC, read followed by write sequence,
VEXT
10
10
10
10
continuous data during WRITE commands.
Operating current
IDD3
BL=8, sequential bank access, bank transitions
VDD
x9/x18
439
381
371
350
mA
once every tRC, half address transitions once
x36
488
419
409
388
every tRC, read followed by write sequence,
VEXT
15
15
15
15
continuous data during WRITE commands.
Burst refresh
IREF1
Eight bank cyclic refresh, continuous
VDD
x9/x18
692
540
540
419
mA
current
address/data, command bus remains in refresh
x36
670
545
545
430
for all banks
VEXT
45
30
30
25
Disturbed
IREF2
Single bank refresh, sequential bank access,
VDD
x9/x18
286
265
260
194
mA
refresh current
half address transitions once every tRC,
x36
295
265
260
215
continuous data
VEXT
10
10
10
10
Operating burst
IDD2W
BL=2, cyclic bank access, half of address bits
VDD
X9/x18 1078
872
872
716
mA
write current
change every clock cycle, continuous data,
X36
1105
891
891
731
measurement is taken during continuous WRITE
VEXT
40
35
35
30
Operating burst
IDD4W
BL=4, cyclic bank access, half of address bits
VDD
x9/x18
784
645
645
538
mA
write current
change every two clocks, continuous data,
x36
832
681
681
565
measurement is taken during continuous WRITE
VEXT
25
20
20
20
Operating burst
IDD8W
BL=8, cyclic bank access, half of address bits
VDD
x9/x18
625
520
520
442
mA
write current
change every four clocks, continuous data,
x36
706
579
579
487
measurement is taken during continuous WRITE
VEXT
25
20
20
20
Operating burst
IDD2R
BL=2, cyclic bank access, half of address bits
VDD
x9/x18
949
735
735
566
mA
read current
change every clock cycle, measurement is taken
x36
999
779
779
601
during continuous READ
VEXT
40
35
35
30
Operating burst
IDD4R
BL=4, cyclic bank access, half of address bits
VDD
x9/x18
659
503
503
400
mA
read current
change every two clocks, measurement is taken
x36
685
535
535
424
during continuous READ
VEXT
25
20
20
20
Operating burst
IDD8R
BL=8, cyclic bank access, half of address bits
VDD
x9/x18
497
389
389
308
mA
read current
change every four clocks, measurement is taken
x36
567
441
441
349
during continuous READ
VEXT
25
20
20
20


Podobny numer części - UPD48576209F1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
UPD48576209FF-E18-DW1 RENESAS-UPD48576209FF-E18-DW1 Datasheet
1Mb / 53P
   576M-BIT Low Latency DRAM Common I/O
Oct 01, 2012
UPD48576209FF-E18-DW1-A RENESAS-UPD48576209FF-E18-DW1-A Datasheet
1Mb / 53P
   576M-BIT Low Latency DRAM Common I/O
Oct 01, 2012
UPD48576209FF-E24-DW1 RENESAS-UPD48576209FF-E24-DW1 Datasheet
1Mb / 53P
   576M-BIT Low Latency DRAM Common I/O
Oct 01, 2012
UPD48576209FF-E24-DW1-A RENESAS-UPD48576209FF-E24-DW1-A Datasheet
1Mb / 53P
   576M-BIT Low Latency DRAM Common I/O
Oct 01, 2012
UPD48576209FF-E25-DW1 RENESAS-UPD48576209FF-E25-DW1 Datasheet
1Mb / 53P
   576M-BIT Low Latency DRAM Common I/O
Oct 01, 2012
More results

Podobny opis - UPD48576209F1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
UPD48576118F1 RENESAS-UPD48576118F1 Datasheet
1Mb / 52P
   576M-BIT Low Latency DRAM
UPD48576109 RENESAS-UPD48576109 Datasheet
1Mb / 52P
   576M-BIT Low Latency DRAM Separate I/O
Oct 01, 2012
UPD48576209 RENESAS-UPD48576209 Datasheet
1Mb / 53P
   576M-BIT Low Latency DRAM Common I/O
Oct 01, 2012
UPD48288209AF1 RENESAS-UPD48288209AF1 Datasheet
1Mb / 54P
   288M-BIT Low Latency DRAM
UPD48288118AF1 RENESAS-UPD48288118AF1 Datasheet
1Mb / 52P
   288M-BIT Low Latency DRAM
UPD48288209-A RENESAS-UPD48288209-A Datasheet
862Kb / 50P
   288M-BIT Low Latency DRAM Common I/O
Feb 01, 2013
UPD48288118-A RENESAS-UPD48288118-A Datasheet
843Kb / 48P
   288M-BIT Low Latency DRAM Separate I/O
Feb 01, 2013
logo
GSI Technology
GS4576C36GL-25I GSI-GS4576C36GL-25I Datasheet
2Mb / 63P
   576Mb CIO Low Latency DRAM (LLDRAM II)
logo
Micron Technology
MT49H8M32 MICRON-MT49H8M32 Datasheet
652Kb / 43P
   REDUCED LATENCY DRAM RLDRAM
logo
Renesas Technology Corp
RMHE41A184AGBG RENESAS-RMHE41A184AGBG Datasheet
644Kb / 52P
   1.1G-BIT Low Latency DRAM-III Common I/O Burst Length of 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com