Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UPD48576209F1 Arkusz danych(PDF) 13 Page - Renesas Technology Corp

Numer części UPD48576209F1
Szczegółowy opis  576M-BIT Low Latency DRAM
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD48576209F1 Arkusz danych(HTML) 13 Page - Renesas Technology Corp

Back Button UPD48576209F1 Datasheet HTML 9Page - Renesas Technology Corp UPD48576209F1 Datasheet HTML 10Page - Renesas Technology Corp UPD48576209F1 Datasheet HTML 11Page - Renesas Technology Corp UPD48576209F1 Datasheet HTML 12Page - Renesas Technology Corp UPD48576209F1 Datasheet HTML 13Page - Renesas Technology Corp UPD48576209F1 Datasheet HTML 14Page - Renesas Technology Corp UPD48576209F1 Datasheet HTML 15Page - Renesas Technology Corp UPD48576209F1 Datasheet HTML 16Page - Renesas Technology Corp UPD48576209F1 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 54 page
background image
µµµµPD48576209F1, µµµµPD48576218F1, µµµµPD48576236F1
R10DS0256EJ0101 Rev. 1.01
Page 13 of 53
Jan. 15, 2016
Remarks 1. IDD specifications are tested after the device is properly initialized. 0°C
≤ TC ≤ 95°C; 1.7 V ≤ VDD ≤ 1.9 V,
2.38 V
≤ VEXT ≤ 2.63 V, 1.4 V ≤ VDDQ ≤ VDD, VREF = VDDQ/2
2. tCK = tDK = MIN., tRC = MIN.
3. Input slew rate is specified in Recommended DC Operating Conditions and Recommended AC
Operating Conditions.
4. IDD parameters are specified with ODT disabled.
5. Continuous data is defined as half the DQ signals changing between HIGH and LOW every half clock
cycles (twice per clock).
6. Continuous address is defined as half the address signals between HIGH and LOW every clock cycles
(once per clock).
7. Sequential bank access is defined as the bank address incrementing by one ever tRC.
8. Cyclic bank access is defined as the bank address incrementing by one for each command access. For
BL=4 this is every other clock.
9. CS# is HIGH unless a READ, WRITE, AREF, or MRS command is registered. CS# never transitions
more than per clock cycle.


Podobny numer części - UPD48576209F1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
UPD48576209FF-E18-DW1 RENESAS-UPD48576209FF-E18-DW1 Datasheet
1Mb / 53P
   576M-BIT Low Latency DRAM Common I/O
Oct 01, 2012
UPD48576209FF-E18-DW1-A RENESAS-UPD48576209FF-E18-DW1-A Datasheet
1Mb / 53P
   576M-BIT Low Latency DRAM Common I/O
Oct 01, 2012
UPD48576209FF-E24-DW1 RENESAS-UPD48576209FF-E24-DW1 Datasheet
1Mb / 53P
   576M-BIT Low Latency DRAM Common I/O
Oct 01, 2012
UPD48576209FF-E24-DW1-A RENESAS-UPD48576209FF-E24-DW1-A Datasheet
1Mb / 53P
   576M-BIT Low Latency DRAM Common I/O
Oct 01, 2012
UPD48576209FF-E25-DW1 RENESAS-UPD48576209FF-E25-DW1 Datasheet
1Mb / 53P
   576M-BIT Low Latency DRAM Common I/O
Oct 01, 2012
More results

Podobny opis - UPD48576209F1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
UPD48576118F1 RENESAS-UPD48576118F1 Datasheet
1Mb / 52P
   576M-BIT Low Latency DRAM
UPD48576109 RENESAS-UPD48576109 Datasheet
1Mb / 52P
   576M-BIT Low Latency DRAM Separate I/O
Oct 01, 2012
UPD48576209 RENESAS-UPD48576209 Datasheet
1Mb / 53P
   576M-BIT Low Latency DRAM Common I/O
Oct 01, 2012
UPD48288209AF1 RENESAS-UPD48288209AF1 Datasheet
1Mb / 54P
   288M-BIT Low Latency DRAM
UPD48288118AF1 RENESAS-UPD48288118AF1 Datasheet
1Mb / 52P
   288M-BIT Low Latency DRAM
UPD48288209-A RENESAS-UPD48288209-A Datasheet
862Kb / 50P
   288M-BIT Low Latency DRAM Common I/O
Feb 01, 2013
UPD48288118-A RENESAS-UPD48288118-A Datasheet
843Kb / 48P
   288M-BIT Low Latency DRAM Separate I/O
Feb 01, 2013
logo
GSI Technology
GS4576C36GL-25I GSI-GS4576C36GL-25I Datasheet
2Mb / 63P
   576Mb CIO Low Latency DRAM (LLDRAM II)
logo
Micron Technology
MT49H8M32 MICRON-MT49H8M32 Datasheet
652Kb / 43P
   REDUCED LATENCY DRAM RLDRAM
logo
Renesas Technology Corp
RMHE41A184AGBG RENESAS-RMHE41A184AGBG Datasheet
644Kb / 52P
   1.1G-BIT Low Latency DRAM-III Common I/O Burst Length of 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com