Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HT37B90 Arkusz danych(PDF) 23 Page - Holtek Semiconductor Inc

Numer części HT37B90
Szczegółowy opis  HT37B90
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HOLTEK [Holtek Semiconductor Inc]
Strona internetowa  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT37B90 Arkusz danych(HTML) 23 Page - Holtek Semiconductor Inc

Back Button HT37B90 Datasheet HTML 19Page - Holtek Semiconductor Inc HT37B90 Datasheet HTML 20Page - Holtek Semiconductor Inc HT37B90 Datasheet HTML 21Page - Holtek Semiconductor Inc HT37B90 Datasheet HTML 22Page - Holtek Semiconductor Inc HT37B90 Datasheet HTML 23Page - Holtek Semiconductor Inc HT37B90 Datasheet HTML 24Page - Holtek Semiconductor Inc HT37B90 Datasheet HTML 25Page - Holtek Semiconductor Inc HT37B90 Datasheet HTML 26Page - Holtek Semiconductor Inc HT37B90 Datasheet HTML 27Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 80 page
background image
HT37B90/HT37B70/HT37B50/HT37B30
Rev.1.00
23
June22,2017
Timer/EventCounters
The provision of timers form an important part of any
microcontroller, giving the designer a means of carrying
out time related functions. The devices contain two
count-up timers 8-bit capacity and one count-up timers
16-bit capacity. As the timer 0/1 has three different oper-
ating modes, they can be configured to operate as a
general timer, an external event counter or as a pulse
width measurement device. But the timer 2 only be con-
figured to operate as a general timer. The provision of an
internal prescaler to the clock circuitry of some of the
timer/event counters gives added range to the timer 1/2.
There are three types of registers related to the
Timer/Event Counters 0. The first two register contain
the actual high and low byte value of the timer and into
whichaninitialvaluecanbe preloaded.
There are two types of registers related to the
Timer/Event Counters 1/2. The first is the register that
contains the actual value of the timer and into which an
initial value can be preloaded. Reading from this register
retrieves the contents of the Timer/Event Counter. The
second type of associated register is the Timer Control
Register which defines the timer options and deter-
mines how the timer is to be used. The Timer/Event
Counter 0 can have the timer clock configured to come
from the internal clock source. The clock source is
fOSC/8.In addition, the timer clock source of Timer/Event
Counter 0 can also be configured to come from an inter-
nalRC12kHz.
An external clock source is used when the timer is in the
event counting mode, the clock source being provided
on the external timer pin, known as TMR0 or TMR1.
These external timer pins are pin-shared with other I/O
pins. Depending upon the condition of PA share pin op-
tion, each high to low, or low to high transition on the ex-
ternaltimerinputpinwillincrementthecounterbyone.
T M R 0
T 0 E
T i m e r / E v e n t C o u n t e r
M o d e C o n t r o l
T 0 O N
T 0 M 1 T 0 M 0
D a t a B u s
R e l o a d
O v e r f l o w
t o I n t e r r u p t
L o w B y t e
B u f f e r
H i g h B y t e L o w B y t e
1 6 - B i t T i m e r / E v e n t C o u n t e r
1 6 - b i t T i m e r / E v e n t C o u n t e r
P r e l o a d R e g i s t e r
M
U
X
f O S C / 8
R C 1 2 K
T 0 S
16-bitTimer/EventCounter0Structure
T M R 1
T 1 E
T i m e r / E v e n t C o u n t e r
M o d e C o n t r o l
T 1 O N
P r e l o a d R e g i s t e r
T i m e r / E v e n t C o u n t e r
D a t a B u s
R e l o a d
O v e r f l o w
t o I n t e r r u p t
T 1 P S C 2 ~ T 1 P S C 0
( 1 / 1 6 ~ 1 / 2 0 4 8 )
T 1 M 1 T 1 M 0
8 - S t a g e P r e s c a l e r
f O S C
8-bitTimer/EventCounter1Structure
T i m e r C o u n t e r
M o d e C o n t r o l
T 2 O N
P r e l o a d R e g i s t e r
T i m e r C o u n t e r
D a t a B u s
R e l o a d
O v e r f l o w
t o I n t e r r u p t
T 2 P S C 2 ~ T 2 P S C 0
( 1 / 1 6 ~ 1 / 2 0 4 8 )
T 2 M 1 T 2 M 0
f O S C
8 - S t a g e P r e s c a l e r
8-bitTimerCounter2Structure


Podobny numer części - HT37B90

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hotchip Technology Co.,...
HT3786D HOTCHIP-HT3786D Datasheet
292Kb / 5P
   Li-ion Battery Charger
Ver1.0
logo
Holtek Semiconductor In...
HT37A20 HOLTEK-HT37A20 Datasheet
709Kb / 85P
   8-Channel Music Synthesizer MCU
HT37A30 HOLTEK-HT37A30 Datasheet
709Kb / 85P
   8-Channel Music Synthesizer MCU
HT37A40 HOLTEK-HT37A40 Datasheet
709Kb / 85P
   8-Channel Music Synthesizer MCU
HT37A50 HOLTEK-HT37A50 Datasheet
709Kb / 85P
   8-Channel Music Synthesizer MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com