Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HT45R4U Arkusz danych(PDF) 70 Page - Holtek Semiconductor Inc

Numer części HT45R4U
Szczegółowy opis  TinyPowerTM A/D Type e-Banking ASSP OTP MCU with LCD
Download  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HOLTEK [Holtek Semiconductor Inc]
Strona internetowa  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45R4U Arkusz danych(HTML) 70 Page - Holtek Semiconductor Inc

Back Button HT45R4U Datasheet HTML 66Page - Holtek Semiconductor Inc HT45R4U Datasheet HTML 67Page - Holtek Semiconductor Inc HT45R4U Datasheet HTML 68Page - Holtek Semiconductor Inc HT45R4U Datasheet HTML 69Page - Holtek Semiconductor Inc HT45R4U Datasheet HTML 70Page - Holtek Semiconductor Inc HT45R4U Datasheet HTML 71Page - Holtek Semiconductor Inc HT45R4U Datasheet HTML 72Page - Holtek Semiconductor Inc HT45R4U Datasheet HTML 73Page - Holtek Semiconductor Inc HT45R4U Datasheet HTML 74Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 105 page
background image
Rev. 1.10
70
�a��� 1�� �01�
Rev. 1.10
71
�a��� 1�� �01�
HT45R4U
TinyPowerTM A/D Type
e-Banking ASSP OTP MCU with LCD
Watchdog Time-out Reset during Power Down
TheWatchdogtime-outResetduringPowerDownisalittledifferentfromotherkindsofreset.Most
oftheconditionsremainunchangedexceptthattheProgramCounterandtheStackPointerwillbe
clearedto″0″andtheTOflagwillbesetto″1″.RefertotheA.C.CharacteristicsfortSSTdetails.
WD T Ti me - out
SS T Ti me - out
t SST
WDT Time-out Reset during Power Down Timing Chart
Reset Initial Conditions
Thedifferenttypesofresetdescribedaffecttheresetflagsindifferentways.Theseflags,knownas
PDFandTOarelocatedinthestatusregisterandarecontrolledbyvariousmicrocontrolleroperations,
suchasthePowerDownfunctionorWatchdogTimer.Theresetflagsareshowninthetable:
TO
PDF
RESET Conditions
0
0
RES �eset du�ing powe�-on
u
u
RES o� LVR �eset du�ing no�mal ope�ation
1
u
WDT time-out �eset du�ing no�mal ope�ation
1
1
WDT time-out �eset du�ing Powe� Down
Note:″u″standsforunchanged
Thefollowingtableindicatesthewayinwhichthevariouscomponentsofthemicrocontrollerare
affectedafterapower-onresetoccurs.
Item
Condition After RESET
P�og�am Counte�
Reset to ze�o
Inte��upts
All inte��upts will be disabled
WDT
Clea� afte� �eset� WDT begins �ounting
Time�/Event Counte�
Time� Counte� will be tu�ned off
P�es�ale�
T�e Time� Counte� P�es�ale� will be �lea�ed
Input/Output Po�ts
I/O po�ts will be setup as inputs
Sta�k Pointe�
Sta�k Pointe� will point to t�e top of t�e sta�k
Thedifferentkindsofresetsallaffecttheinternalregistersofthemicrocontrollerindifferentways.
Toensurereliablecontinuationofnormalprogramexecutionafteraresetoccurs,itisimportantto
knowwhatconditionthemicrocontrollerisinafteraparticularresetoccurs.Thefollowingtable
describeshoweachtypeofresetaffectseachofthemicrocontrollerinternalregisters.Notethatwhere
morethanonepackagetypeexiststhetablewillreflectthesituationforthelargerpackagetype.
Register
Reset
(Power-On)
RES Reset
(Normal Oper.)
WDT Time-out
(Normal Oper.)
WDT Time-out
(HALT)*
�P0
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
�P1
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
BP
--0- 0000
--0- 0000
--0- 0000
--u- uuuu
ACC
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
PCL
0000 0000
0000 0000
0000 0000
uuuu uuuu
TBLP
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
TBLH
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
TBHP
--xx xxxx
--uu uuuu
--uu uuuu
--uu uuuu
STATUS
--00 xxxx
--uu uuuu
--1u uuuu
--1 1 uuuu
INTC0
-000 0000
-000 0000
-000 0000
-uuu uuuu
LVDC
--00 -000
--00 -000
--00 -000
--uu -uuu


Podobny numer części - HT45R4U

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Holtek Semiconductor In...
HT45R06 HOLTEK-HT45R06 Datasheet
313Kb / 41P
   A/D Type 8-Bit OTP MCU
HT45R22E HOLTEK-HT45R22E Datasheet
432Kb / 72P
   Remote Type 8-bit OTP MCU with EEPROM
HT45R2K-A HOLTEK-HT45R2K-A Datasheet
1Mb / 105P
   Dual Slope 16K/8K/4K ASSP MCU for Body Fat Scale
HT45R2K-A HOLTEK-HT45R2K-A Datasheet
1Mb / 105P
   Dual Slope 16K/8K/4K ASSP MCU for Body Fat Scale
HT45R2K-B HOLTEK-HT45R2K-B Datasheet
1Mb / 105P
   Dual Slope 16K/8K/4K ASSP MCU for Body Fat Scale
More results

Podobny opis - HT45R4U

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Holtek Semiconductor In...
HT56R66 HOLTEK-HT56R66_12 Datasheet
745Kb / 104P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R62 HOLTEK-HT56R62_12 Datasheet
786Kb / 108P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R62 HOLTEK-HT56R62_13 Datasheet
5Mb / 145P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R64 HOLTEK-HT56R64_12 Datasheet
674Kb / 90P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT82R732 HOLTEK-HT82R732 Datasheet
436Kb / 74P
   e-Banking 8-Bit OTP MCU
HT56R22 HOLTEK-HT56R22 Datasheet
739Kb / 131P
   TinyPowerTM A/D Type 8-Bit OTP MCU with DAC
HT56R22 HOLTEK-HT56R22_12 Datasheet
824Kb / 134P
   TinyPowerTM A/D Type 8-Bit OTP MCU with DAC
HT56R67 HOLTEK-HT56R67_10 Datasheet
696Kb / 104P
   TinyPowerTM A/D Type with LCD 8-Bit MCU
HT56R22 HOLTEK-HT56R22_14 Datasheet
718Kb / 127P
   TinyPowerTM A/D Type 8-Bit OTP MCU with DAC
HT56R67 HOLTEK-HT56R67_12 Datasheet
758Kb / 104P
   TinyPowerTM A/D Type with LCD 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com