Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HT46R002 Arkusz danych(PDF) 17 Page - Holtek Semiconductor Inc

Numer części HT46R002
Szczegółowy opis  Cost-Effective A/D 8-Bit OTP MCU
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HOLTEK [Holtek Semiconductor Inc]
Strona internetowa  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R002 Arkusz danych(HTML) 17 Page - Holtek Semiconductor Inc

Back Button HT46R002 Datasheet HTML 13Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 14Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 15Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 16Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 17Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 18Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 19Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 20Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 21Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 83 page
background image
Rev. 1.21
16
April 11, 2017
Rev. 1.21
17
April 11, 2017
HT46R002/HT46R003
Cost-Effective A/D 8-Bit OTP MCU
HT46R002/HT46R003
Cost-Effective A/D 8-Bit OTP MCU
Special Purpose Data Memory
This area of Data Memory is where registers, necessary for the correct operation of the
microcontroller,arestored.Mostoftheregistersarebothreadableandwriteablebutsomeare
protectedandarereadableonly,thedetailsofwhicharelocatedundertherelevantSpecialFunction
Registersection.Notethatforlocationsthatareunused,anyreadinstructiontotheseaddresseswill
returnthevalue“00H”.
00 H
01 H
02 H
03 H
04 H
05 H
06 H
07 H
08 H
09 H
0A H
0B H
0C H
0D H
0E H
0F H
10 H
11 H
12 H
13 H
14 H
15 H
16 H
17 H
18 H
19 H
1A H
1B H
1C H
1D H
1E H
1F H
20 H
21 H
22 H
23 H
24 H
25 H
3F H
: Un us ed , re ad a s "0 0"
IA R0
M P0
IA R1
M P1
AC C
PC L
TB LP
TB LH
WD TS
ST AT US
IN TC 0
TM R0
TM R0 C
PA
PAC
PAP U
PAW U
CT RL 0
CT RL 1
WD TC
IA R0
M P0
IA R1
M P1
AC C
PC L
TB LP
TB LH
WD TS
ST AT US
IN TC 0
TM R0
TM R0 C
PA
PAC
PAPU
PA WU
PC
PC C
PC PU
CT RL 0
CT RL 1
WD TC
06 "$4 
06 "$4 !
EXT RE SB
EX TR ES B
PW M
A DRL
A DRH
A DCR
AC SR
PW M
AD RL
AD RH
AD CR
AC SR
Special Purpose Data Memory


Podobny numer części - HT46R002

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Holtek Semiconductor In...
HT46R003B HOLTEK-HT46R003B Datasheet
5Mb / 76P
   Cost-Effective A/D 8-bit OTP MCU
HT46R004 HOLTEK-HT46R004 Datasheet
5Mb / 84P
   Cost-Effective A/D 8-Bit OTP MCU
HT46R0042 HOLTEK-HT46R0042 Datasheet
5Mb / 83P
   Cost-Effective A/D 8-Bit OTP MCU
HT46R005 HOLTEK-HT46R005 Datasheet
383Kb / 62P
   Small Package 8-Bit OTP MCU
HT46R005 HOLTEK-HT46R005_12 Datasheet
394Kb / 62P
   Small Package 8-Bit OTP MCU
More results

Podobny opis - HT46R002

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Holtek Semiconductor In...
HT46R0042 HOLTEK-HT46R0042 Datasheet
5Mb / 83P
   Cost-Effective A/D 8-Bit OTP MCU
HT46R004 HOLTEK-HT46R004 Datasheet
5Mb / 84P
   Cost-Effective A/D 8-Bit OTP MCU
HT46R003B HOLTEK-HT46R003B Datasheet
5Mb / 76P
   Cost-Effective A/D 8-bit OTP MCU
HT46R46-H HOLTEK-HT46R46-H Datasheet
292Kb / 42P
   Cost-Effective A/D Type 8-Bit OTP MCU
HT46R48 HOLTEK-HT46R48 Datasheet
292Kb / 42P
   Cost-Effective A/D Type 8-Bit OTP MCU
HT46R47-H HOLTEK-HT46R47-H Datasheet
293Kb / 42P
   Cost-Effective A/D Type 8-Bit OTP MCU
HT46R48E HOLTEK-HT46R48E Datasheet
339Kb / 46P
   Cost-Effective A/D Type 8-Bit OTP MCU
HT48R002 HOLTEK-HT48R002 Datasheet
5Mb / 71P
   Cost-Effective I/O 8-Bit OTP MCU
HT46R46E HOLTEK-HT46R46E Datasheet
318Kb / 45P
   Cost-Effective A/D Type 8-Bit MCU
HT46R4A HOLTEK-HT46R4A Datasheet
468Kb / 60P
   Cost-Effective A/D Type 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com