Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HT46R003B Arkusz danych(PDF) 29 Page - Holtek Semiconductor Inc

Numer części HT46R003B
Szczegółowy opis  Cost-Effective A/D 8-bit OTP MCU
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HOLTEK [Holtek Semiconductor Inc]
Strona internetowa  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R003B Arkusz danych(HTML) 29 Page - Holtek Semiconductor Inc

Back Button HT46R003B Datasheet HTML 25Page - Holtek Semiconductor Inc HT46R003B Datasheet HTML 26Page - Holtek Semiconductor Inc HT46R003B Datasheet HTML 27Page - Holtek Semiconductor Inc HT46R003B Datasheet HTML 28Page - Holtek Semiconductor Inc HT46R003B Datasheet HTML 29Page - Holtek Semiconductor Inc HT46R003B Datasheet HTML 30Page - Holtek Semiconductor Inc HT46R003B Datasheet HTML 31Page - Holtek Semiconductor Inc HT46R003B Datasheet HTML 32Page - Holtek Semiconductor Inc HT46R003B Datasheet HTML 33Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 76 page
background image
Rev. 1.00
�8
��ne 1�� �01�
Rev. 1.00
��
��ne 1�� �01�
HT46R003B
Cost-Effective A/D 8-bit OTP MCU
HT46R003B
Cost-Effective A/D 8-bit OTP MCU
Thefollowingtableindicatesthewayinwhichthevariouscomponentsofthemicrocontrollerare
affectedafterapower-onresetoccurs.
Item
Condition After RESET
Program Co�nter
Reset to zero
Interr�pts
All interr�pts will be disabled
WDT
Clear after reset� WDT begins co�nting
Timer/Event Co�nter
Timer Co�nter will be t�rned off
Precaler
The Timer Co�nter Prescaler will be cleared
Inp�t/O�tp�t Ports
I/O ports will be set as inp�ts
Stack Pointer
Stack Pointer will point to the top of the stack
Thedifferentkindsofresetsallaffecttheinternalregistersofthemicrocontrollerindifferentways.
Toensurereliablecontinuationofnormalprogramexecutionafteraresetoccurs,itisimportantto
knowwhatconditionthemicrocontrollerisinafteraparticularresetoccurs.Thefollowingtable
describeshoweachtypeofresetaffectsthemicrocontrollerinternalregisters.
Register
Reset
(Power On)
RES Reset
(Normal Operation)
RES Reset
(HALT)
WDT Time-out
(Normal Operation)
WDT Time-out
(HALT)
Program Co�nter
000H
000H
000H
000H
000H
MP0
1xxx xxxx
1 ��� ����
1 ��� ����
1 ��� ����
1 ��� ����
MP1
1xxx xxxx
1 ��� ����
1 ��� ����
1 ��� ����
1 ��� ����
ACC
xxxx xxxx
���� ����
���� ����
���� ����
���� ����
TBLP
xxxx xxxx
���� ����
���� ����
���� ����
���� ����
TBLH
--xx xxxx
-- �� ����
-- �� ����
-- �� ����
-- �� ����
WDTS
---- -1 1 1
---- -1 1 1
---- -1 1 1
---- -1 1 1
---- - ���
STATUS
--00 xxxx
-- �� ����
--01 ����
--1 � ����
--1 1 ����
INTC0
-000 0000
-000 0000
-000 0000
-000 0000
- ��� ����
TMR
xxxx xxxx
xxxx xxxx
xxxx xxxx
xxxx xxxx
���� ����
TMRC
00-0 1000
00-0 1000
00-0 1000
00-0 1000
�� - � ����
INTC1
- - - 0 - - - 0
- - - 0 - - - 0
- - - 0 - - - 0
- - - 0 - - - 0
- - - � - - - �
PA
1111 1111
1111 1111
1111 1111
1111 1111
���� ����
PAC
1111 1111
1111 1111
1111 1111
1111 1111
���� ����
PAWU
0000 0000
0000 0000
0000 0000
0000 0000
0000 0000
PAPU
-000 0000
-000 0000
-000 0000
-000 0000
- ��� ����
PB
- - 11 1111
- - 11 1111
- - 11 1111
- - 11 1111
-- �� ����
PBC
- - 11 1111
- - 11 1111
- - 11 1111
- - 11 1111
-- �� ����
PBPU
--00 0000
--00 0000
--00 0000
--00 0000
-- �� ����
CTRL0
--0- 00--
--0- 00--
--0- 00--
--0- 00--
-- � - �� --
CTRL1
1000 ----
1000 ----
1000 ----
1000 ----
���� ----
WDTC
0000 0000
0000 0000
0000 0000
0000 0000
0000 0000
ADPCR
---0 0000
---0 0000
---0 0000
---0 0000
--- � ����
PWM0
xxxx xxxx
xxxx xxxx
xxxx xxxx
xxxx xxxx
���� ����
ADRL
xxxx ----
xxxx ----
xxxx ----
xxxx ----
���� ----
ADRH
xxxx xxxx
xxxx xxxx
xxxx xxxx
xxxx xxxx
���� ����
ADCR
01-- -000
01-- -000
01-- -000
01-- -000
�� -- - ���
ACSR
10-- -000
10-- -000
10-- -000
10-- -000
1 � -- - ���
EXTRESB
---0 0000
---0 0000
---0 0000
---0 0000
--- � ����
Note:“-”notimplement
“u”means“unchanged”
“x”means“unknown”


Podobny numer części - HT46R003B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Holtek Semiconductor In...
HT46R003 HOLTEK-HT46R003 Datasheet
5Mb / 83P
   Cost-Effective A/D 8-Bit OTP MCU
More results

Podobny opis - HT46R003B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Holtek Semiconductor In...
HT46R0042 HOLTEK-HT46R0042 Datasheet
5Mb / 83P
   Cost-Effective A/D 8-Bit OTP MCU
HT46R002 HOLTEK-HT46R002 Datasheet
5Mb / 83P
   Cost-Effective A/D 8-Bit OTP MCU
HT46R004 HOLTEK-HT46R004 Datasheet
5Mb / 84P
   Cost-Effective A/D 8-Bit OTP MCU
HT46R46-H HOLTEK-HT46R46-H Datasheet
292Kb / 42P
   Cost-Effective A/D Type 8-Bit OTP MCU
HT46R48 HOLTEK-HT46R48 Datasheet
292Kb / 42P
   Cost-Effective A/D Type 8-Bit OTP MCU
HT46R47-H HOLTEK-HT46R47-H Datasheet
293Kb / 42P
   Cost-Effective A/D Type 8-Bit OTP MCU
HT46R48E HOLTEK-HT46R48E Datasheet
339Kb / 46P
   Cost-Effective A/D Type 8-Bit OTP MCU
HT48R002 HOLTEK-HT48R002 Datasheet
5Mb / 71P
   Cost-Effective I/O 8-Bit OTP MCU
HT46R46E HOLTEK-HT46R46E Datasheet
318Kb / 45P
   Cost-Effective A/D Type 8-Bit MCU
HT46R4A HOLTEK-HT46R4A Datasheet
468Kb / 60P
   Cost-Effective A/D Type 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com