Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HT46R068B Arkusz danych(PDF) 84 Page - Holtek Semiconductor Inc

Numer części HT46R068B
Szczegółowy opis  Enhanced A/D 8-Bit OTP MCU
Download  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HOLTEK [Holtek Semiconductor Inc]
Strona internetowa  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R068B Arkusz danych(HTML) 84 Page - Holtek Semiconductor Inc

Back Button HT46R068B_15 Datasheet HTML 80Page - Holtek Semiconductor Inc HT46R068B_15 Datasheet HTML 81Page - Holtek Semiconductor Inc HT46R068B_15 Datasheet HTML 82Page - Holtek Semiconductor Inc HT46R068B_15 Datasheet HTML 83Page - Holtek Semiconductor Inc HT46R068B_15 Datasheet HTML 84Page - Holtek Semiconductor Inc HT46R068B_15 Datasheet HTML 85Page - Holtek Semiconductor Inc HT46R068B_15 Datasheet HTML 86Page - Holtek Semiconductor Inc HT46R068B_15 Datasheet HTML 87Page - Holtek Semiconductor Inc HT46R068B_15 Datasheet HTML 88Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 135 page
background image
Rev. 1.50
84
�e���a�� 05� �015
Rev. 1.50
85
�e���a�� 05� �015
HT46R068B/HT46R069B
Enhanced A/D 8-Bit OTP MCU
HT46R068B/HT46R069B
Enhanced A/D 8-Bit OTP MCU
LCD SCOM Function
ThedeviceshavethecapabilityofdrivingexternalLCDpanels.ThecommonpinsforLCDdriving,
SCOM0~SCOM3,arepinsharedwiththePB0~PB3pins.TheLCDsignals,COMandSEG,are
generatedusingtheapplicationprogram.
LCD Operation
AnexternalLCDpanelcanbedrivenusingthisdevicebyconfiguringthePB0~PB3pinsascommon
pinsandusingotheroutputportslinesassegmentpins.TheLCDdriverfunctioniscontrolled
usingtheSCOMCregisterwhichinadditiontocontrollingtheoverallon/offfunctionalsocontrols
thebiasvoltagesetupfunction.ThisenablestheLCDCOMdrivertogeneratethenecessaryVDD/2
voltagelevelsforLCD1/2biasoperation.TheSCOMENbitintheSCOMCregisteristheoverall
mastercontrolfortheLCDDriver,howeverthisbitisusedinconjunctionwiththeCOMnENbitsto
selectwhichPortBpinsareusedforLCDdriving.NotethatthePortControlregisterdoesnotneed
tofirstsetupthepinsasoutputstoenabletheLCDdriveroperation.
V DD
SC OM 0~
SC OM 3
SC OM EN
CO Mn EN
V DD /2
SC OM o per at i ng cu rre nt
SCOM Circuit
SCOMEN
COMnEN
Pin Function
O/P Level
0
X
I/O
0 o� 1
1
0
I/O
0 o� 1
1
1
SCOMN
VDD/�
Output Control


Podobny numer części - HT46R068B_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Holtek Semiconductor In...
HT46R068B HOLTEK-HT46R068B_12 Datasheet
4Mb / 134P
   Enhanced A/D Type 8-bit OTP MCU
More results

Podobny opis - HT46R068B_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Holtek Semiconductor In...
HT46R063B HOLTEK-HT46R063B Datasheet
550Kb / 96P
   Enhanced A/D Type 8-Bit OTP MCU
HT46R064 HOLTEK-HT46R064 Datasheet
564Kb / 99P
   Enhanced A/D Type 8-Bit OTP MCU
HT46R064 HOLTEK-HT46R064_13 Datasheet
685Kb / 101P
   Enhanced A/D Type 8-Bit OTP MCU
HT46R068B HOLTEK-HT46R068B Datasheet
5Mb / 134P
   Enhanced A/D Type 8-bit OTP MCU
HT46R016 HOLTEK-HT46R016 Datasheet
5Mb / 91P
   Enhanced A/D Type 8-Bit OTP MCU
HT46R068B HOLTEK-HT46R068B_12 Datasheet
4Mb / 134P
   Enhanced A/D Type 8-bit OTP MCU
HT46R064 HOLTEK-HT46R064_12 Datasheet
651Kb / 102P
   Enhanced A/D Type 8-Bit OTP MCU
HT46R064B HOLTEK-HT46R064B_12 Datasheet
636Kb / 98P
   Enhanced A/D Type 8-Bit OTP MCU
HT46R0664 HOLTEK-HT46R0664_12 Datasheet
3Mb / 94P
   Enhanced A/DLCD Type 8-Bit OTP MCU
HT46R0664 HOLTEK-HT46R0664 Datasheet
3Mb / 92P
   Enhanced A/DLCD Type 8-Bit OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com