Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HT46RU66 Arkusz danych(PDF) 22 Page - Holtek Semiconductor Inc

Numer części HT46RU66
Szczegółowy opis  HT46RU66_14
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HOLTEK [Holtek Semiconductor Inc]
Strona internetowa  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46RU66 Arkusz danych(HTML) 22 Page - Holtek Semiconductor Inc

Back Button HT46RU66_14 Datasheet HTML 18Page - Holtek Semiconductor Inc HT46RU66_14 Datasheet HTML 19Page - Holtek Semiconductor Inc HT46RU66_14 Datasheet HTML 20Page - Holtek Semiconductor Inc HT46RU66_14 Datasheet HTML 21Page - Holtek Semiconductor Inc HT46RU66_14 Datasheet HTML 22Page - Holtek Semiconductor Inc HT46RU66_14 Datasheet HTML 23Page - Holtek Semiconductor Inc HT46RU66_14 Datasheet HTML 24Page - Holtek Semiconductor Inc HT46RU66_14 Datasheet HTML 25Page - Holtek Semiconductor Inc HT46RU66_14 Datasheet HTML 26Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 69 page
background image
HT46RU66/HT46CU66
Rev. 1.40
22
2014-06-06
定时/计数器
HT46xU66 系统提供三个定时/计数器(TMR0、TMR1、TMR2)。TMR0 是一个 16 位可编程的向
上计数的计数器,其时钟来源可以是外部信号输入或内部时钟(f
SYS)。TMR1 是一个 16 位可编程的向
上计数的计数器,其时钟来源可以是外部信号输入或内部时钟(f
SYS/4 或 32768Hz 振荡,由配置选项
设置)。TMR2 是一个 8 位可编程的向上计数的计数器,其时钟来源可以是外部信号输入或内部内时
钟(f
SYS)。外部信号输入可以用来计数外部事件、测量时间间隔、测量脉冲宽度或产生一个精确的时
基信号。
T0M1
T0M0
TMR0
T0E
T0M1
T0M0
T0ON
Pulse Width
Measurement
Mode Control
8-stage Prescaler
8-1 MUX
fSYS
fINT
T0PSC2~T0PSC0
(6+2) or (7+1)
Compare
PWM
To PD0/PD1/PD2/PD3 Circuit
16-Bit
Preload Register
Data Bus
Reload
Overflow to Interrupt
Low Byte
Buffer
High Byte Low Byte
16-Bit Timer/Event Counter
PFD0
定时/计数器 0
T1M1
T1M0
TMR1
T1E
T1M1
T1M0
T1ON
Pulse Width
Measurement
Mode Control
fSYS/4
fINT
16-Bit
Preload Register
Data Bus
Reload
Overflow to Interrupt
Low Byte
Buffer
High Byte Low Byte
16-Bit Timer/Event Counter
PFD1
MUX
T1S
32768Hz
定时/计数器 1
T2M1
T2M0
TMR2
T2E
T2M1
T2M0
T2ON
Pulse Width
Measurement
Mode Control
8-stage Prescaler
8-1 MUX
fSYS
fINT
T2PSC2~T2PSC0
(1/1~1/128)
8-Bit Timer/Event
Counter Preload Register
8-Bit Timer/Event
Counter (TMR2)
Data Bus
Reload
Overflow
to Interrupt
定时/计数器 2
M
U
X
T
PFD
PFD Source
(Option)
PA3 Data CTRL
PFD0
PFD1
Q
PFD 来源选择


Podobny numer części - HT46RU66_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Holtek Semiconductor In...
HT46RU66 HOLTEK-HT46RU66_11 Datasheet
436Kb / 63P
   A/D Type 8-Bit MCU with LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com