Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HT48R002 Arkusz danych(PDF) 62 Page - Holtek Semiconductor Inc

Numer części HT48R002
Szczegółowy opis  Cost-Effective I/O 8-Bit OTP MCU
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HOLTEK [Holtek Semiconductor Inc]
Strona internetowa  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R002 Arkusz danych(HTML) 62 Page - Holtek Semiconductor Inc

Back Button HT48R002 Datasheet HTML 58Page - Holtek Semiconductor Inc HT48R002 Datasheet HTML 59Page - Holtek Semiconductor Inc HT48R002 Datasheet HTML 60Page - Holtek Semiconductor Inc HT48R002 Datasheet HTML 61Page - Holtek Semiconductor Inc HT48R002 Datasheet HTML 62Page - Holtek Semiconductor Inc HT48R002 Datasheet HTML 63Page - Holtek Semiconductor Inc HT48R002 Datasheet HTML 64Page - Holtek Semiconductor Inc HT48R002 Datasheet HTML 65Page - Holtek Semiconductor Inc HT48R002 Datasheet HTML 66Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 71 page
background image
Rev. 1.11
62
April 11, 2017
Rev. 1.11
63
April 11, 2017
HT48R002/HT48R003
Cost-Effective I/O 8-Bit OTP MCU
HT48R002/HT48R003
Cost-Effective I/O 8-Bit OTP MCU
SUBM A,[m]
SubtractDataMemoryfromACCwithresultinDataMemory
Description
ThespecifiedDataMemoryissubtractedfromthecontentsoftheAccumulator.Theresultis
storedintheDataMemory.Notethatiftheresultofsubtractionisnegative,theCflagwillbe
clearedto0,otherwiseiftheresultispositiveorzero,theCflagwillbesetto1.
Operation
[m]←ACC−[m]
Affectedflag(s)
OV,Z,AC,C
SUB A,x
SubtractimmediatedatafromACC
Description
TheimmediatedataspecifiedbythecodeissubtractedfromthecontentsoftheAccumulator.
TheresultisstoredintheAccumulator.Notethatiftheresultofsubtractionisnegative,theC
flagwillbeclearedto0,otherwiseiftheresultispositiveorzero,theCflagwillbesetto1.
Operation
ACC←ACC−x
Affectedflag(s)
OV,Z,AC,C
SWAP [m]
SwapnibblesofDataMemory
Description
Thelow-orderandhigh-ordernibblesofthespecifiedDataMemoryareinterchanged.
Operation
[m].3~[m].0↔[m].7~[m].4
Affectedflag(s)
None
SWAPA [m]
SwapnibblesofDataMemorywithresultinACC
Description
Thelow-orderandhigh-ordernibblesofthespecifiedDataMemoryareinterchanged.The
resultisstoredintheAccumulator.ThecontentsoftheDataMemoryremainunchanged.
Operation
ACC.3~ACC.0←[m].7~[m].4
ACC.7~ACC.4←[m].3~[m].0
Affectedflag(s)
None
SZ [m]
SkipifDataMemoryis0
Description
IfthecontentsofthespecifiedDataMemoryis0,thefollowinginstructionisskipped.Asthis
requirestheinsertionofadummyinstructionwhilethenextinstructionisfetched,itisatwo
cycleinstruction.Iftheresultisnot0theprogramproceedswiththefollowinginstruction.
Operation
Skipif[m]=0
Affectedflag(s)
None
SZA [m]
SkipifDataMemoryis0withdatamovementtoACC
Description
ThecontentsofthespecifiedDataMemoryarecopiedtotheAccumulator.Ifthevalueiszero,
thefollowinginstructionisskipped.Asthisrequirestheinsertionofadummyinstruction
whilethenextinstructionisfetched,itisatwocycleinstruction.Iftheresultisnot0the
programproceedswiththefollowinginstruction.
Operation
ACC←[m]
Skipif[m]=0
Affectedflag(s)
None
SZ [m].i
SkipifbitiofDataMemoryis0
Description
IfbitiofthespecifiedDataMemoryis0,thefollowinginstructionisskipped.Asthisrequires
theinsertionofadummyinstructionwhilethenextinstructionisfetched,itisatwocycle
instruction.Iftheresultisnot0,theprogramproceedswiththefollowinginstruction.
Operation
Skipif[m].i=0
Affectedflag(s)
None


Podobny numer części - HT48R002

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Holtek Semiconductor In...
HT48R005 HOLTEK-HT48R005 Datasheet
383Kb / 62P
   Small Package 8-Bit OTP MCU
HT48R005 HOLTEK-HT48R005_12 Datasheet
394Kb / 62P
   Small Package 8-Bit OTP MCU
HT48R006 HOLTEK-HT48R006 Datasheet
451Kb / 72P
   Small Package 8-Bit OTP MCU
More results

Podobny opis - HT48R002

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Holtek Semiconductor In...
HT48R0AA-1 HOLTEK-HT48R0AA-1 Datasheet
262Kb / 40P
   Cost-Effective I/O Type 8-Bit OTP MCU
HT48R062 HOLTEK-HT48R062_08 Datasheet
230Kb / 31P
   Cost-Effective I/O Type 8-Bit MCU
HT48R05A-1 HOLTEK-HT48R05A-1_08 Datasheet
287Kb / 39P
   Cost-Effective I/O Type 8-Bit MCU
HT48C05 HOLTEK-HT48C05 Datasheet
264Kb / 38P
   Cost-Effective I/O Type 8-Bit MCU
HT48R07A-1 HOLTEK-HT48R07A-1 Datasheet
298Kb / 37P
   Cost-Effective I/O Type 8-Bit MCU
HT48R062 HOLTEK-HT48R062 Datasheet
220Kb / 31P
   Cost-Effective I/O Type 8-Bit MCU
HT46R002 HOLTEK-HT46R002 Datasheet
5Mb / 83P
   Cost-Effective A/D 8-Bit OTP MCU
HT46R004 HOLTEK-HT46R004 Datasheet
5Mb / 84P
   Cost-Effective A/D 8-Bit OTP MCU
HT46R003B HOLTEK-HT46R003B Datasheet
5Mb / 76P
   Cost-Effective A/D 8-bit OTP MCU
HT46R0042 HOLTEK-HT46R0042 Datasheet
5Mb / 83P
   Cost-Effective A/D 8-Bit OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com