Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HT48R002 Arkusz danych(PDF) 34 Page - Holtek Semiconductor Inc

Numer części HT48R002
Szczegółowy opis  Cost-Effective I/O 8-Bit OTP MCU
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HOLTEK [Holtek Semiconductor Inc]
Strona internetowa  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R002 Arkusz danych(HTML) 34 Page - Holtek Semiconductor Inc

Back Button HT48R002 Datasheet HTML 30Page - Holtek Semiconductor Inc HT48R002 Datasheet HTML 31Page - Holtek Semiconductor Inc HT48R002 Datasheet HTML 32Page - Holtek Semiconductor Inc HT48R002 Datasheet HTML 33Page - Holtek Semiconductor Inc HT48R002 Datasheet HTML 34Page - Holtek Semiconductor Inc HT48R002 Datasheet HTML 35Page - Holtek Semiconductor Inc HT48R002 Datasheet HTML 36Page - Holtek Semiconductor Inc HT48R002 Datasheet HTML 37Page - Holtek Semiconductor Inc HT48R002 Datasheet HTML 38Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 71 page
background image
Rev. 1.11
34
April 11, 2017
Rev. 1.11
35
April 11, 2017
HT48R002/HT48R003
Cost-Effective I/O 8-Bit OTP MCU
HT48R002/HT48R003
Cost-Effective I/O 8-Bit OTP MCU
Pull-high Resistors
Manyproductapplicationsrequirepull-highresistorsfortheirswitchinputsusuallyrequiringthe
useofanexternalresistor.Toeliminatetheneedfortheseexternalresistors,allI/Opins,when
configuredasaninputhavethecapabilityofbeingconnectedtoaninternalpull-highresistor.These
pull-highresistorsareselectedusingtheregistersPAPUandPCPUlocatedintheDataMemory.The
pull-highresistorsareimplementedusingweakPMOStransistors.NotethatpinPA7doesnothave
apull-highresistorselection.
PAPU Register
Bit
7
6
5
4
3
2
1
0
Name
PAPU6
PAPU5
PAPU4
PAPU3
PAPU2
PAPU1
PAPU0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
Bit7
Unimplemented,readas"0"
Bit6~0
PAPU6~PAPU0:PortAbit6~bit0pull-highcontrol
0:Disable
1:Enable
PCPU Register
Bit
7
6
5
4
3
2
1
0
Name
PCPU5
PCPU4
PCPU3
PCPU2
PCPU1
PCPU0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
Bit7,6
Unimplemented,readas"0"
Bit5~0
PCPU5~PCPU0:PortCbit5~bit0pull-highcontrol
0:Disable
1:Enable
Port A Wake-up
IftheHALTinstructionisexecuted,thedevicewillentertheSleepMode,wherethesystemclockwill
stopresultinginpowerbeingconserved,afeaturethatisimportantforbatteryandotherlow-power
applications.Variousmethodsexisttowake-upthemicrocontroller,oneofwhichistochange
thelogicconditionononeofthePA0~PA2,PA5pinsfromhightolow.AfteraHALTinstruction
forcesthemicrocontrollerintoenteringtheSleepMode,theprocessorwillremaininalow-power
stateuntilthelogicconditionoftheselectedwake-uppinonPortAchangesfromhightolow.This
functionisespeciallysuitableforapplicationsthatcanbewokenupviaexternalswitches.Note
thatpinsPA0~PA2,PA5canbeselectedindividuallytohavethiswake-upfeatureusinganinternal
registerknownasPAWU,locatedintheDataMemory.


Podobny numer części - HT48R002

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Holtek Semiconductor In...
HT48R005 HOLTEK-HT48R005 Datasheet
383Kb / 62P
   Small Package 8-Bit OTP MCU
HT48R005 HOLTEK-HT48R005_12 Datasheet
394Kb / 62P
   Small Package 8-Bit OTP MCU
HT48R006 HOLTEK-HT48R006 Datasheet
451Kb / 72P
   Small Package 8-Bit OTP MCU
More results

Podobny opis - HT48R002

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Holtek Semiconductor In...
HT48R0AA-1 HOLTEK-HT48R0AA-1 Datasheet
262Kb / 40P
   Cost-Effective I/O Type 8-Bit OTP MCU
HT48R062 HOLTEK-HT48R062_08 Datasheet
230Kb / 31P
   Cost-Effective I/O Type 8-Bit MCU
HT48R05A-1 HOLTEK-HT48R05A-1_08 Datasheet
287Kb / 39P
   Cost-Effective I/O Type 8-Bit MCU
HT48C05 HOLTEK-HT48C05 Datasheet
264Kb / 38P
   Cost-Effective I/O Type 8-Bit MCU
HT48R07A-1 HOLTEK-HT48R07A-1 Datasheet
298Kb / 37P
   Cost-Effective I/O Type 8-Bit MCU
HT48R062 HOLTEK-HT48R062 Datasheet
220Kb / 31P
   Cost-Effective I/O Type 8-Bit MCU
HT46R002 HOLTEK-HT46R002 Datasheet
5Mb / 83P
   Cost-Effective A/D 8-Bit OTP MCU
HT46R004 HOLTEK-HT46R004 Datasheet
5Mb / 84P
   Cost-Effective A/D 8-Bit OTP MCU
HT46R003B HOLTEK-HT46R003B Datasheet
5Mb / 76P
   Cost-Effective A/D 8-bit OTP MCU
HT46R0042 HOLTEK-HT46R0042 Datasheet
5Mb / 83P
   Cost-Effective A/D 8-Bit OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com