Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HT48R068B Arkusz danych(PDF) 23 Page - Holtek Semiconductor Inc

Numer części HT48R068B
Szczegółowy opis  Enhanced I/O 8-Bit OTP MCU
Download  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HOLTEK [Holtek Semiconductor Inc]
Strona internetowa  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R068B Arkusz danych(HTML) 23 Page - Holtek Semiconductor Inc

Back Button HT48R068B_15 Datasheet HTML 19Page - Holtek Semiconductor Inc HT48R068B_15 Datasheet HTML 20Page - Holtek Semiconductor Inc HT48R068B_15 Datasheet HTML 21Page - Holtek Semiconductor Inc HT48R068B_15 Datasheet HTML 22Page - Holtek Semiconductor Inc HT48R068B_15 Datasheet HTML 23Page - Holtek Semiconductor Inc HT48R068B_15 Datasheet HTML 24Page - Holtek Semiconductor Inc HT48R068B_15 Datasheet HTML 25Page - Holtek Semiconductor Inc HT48R068B_15 Datasheet HTML 26Page - Holtek Semiconductor Inc HT48R068B_15 Datasheet HTML 27Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 118 page
background image
Rev. 1.30
��
�e���a�� 0�� �01�
Rev. 1.30
�3
�e���a�� 0�� �01�
HT48R068B/HT48R069B
Enhanced I/O 8-Bit OTP MCU
HT48R068B/HT48R069B
Enhanced I/O 8-Bit OTP MCU
00H
80H
FF H
7F H
B ank 3
B ank 2
B ank 1
B ank 0
S pec ia l Pu r pos e
Da ta M em or y
B ank 0
G ene ra l Pu r pos e
Da ta M em or y
B ank 1 ~3
G ene ra l Pu r pos e
Da ta M em or y
HT48R068B
B ank 7
00H
80H
FF H
7F H
B ank 3
B ank 2
B ank 1
B ank 0
S pec ia l Pu r pos e
Da ta M em or y
B ank 0
G ene ra l Pu r pos e
Da ta M em or y
B ank 1 ~7
G ene ra l Pu r pos e
Da ta M em or y
HT48R069B
Data Memory Structure
Note:MostoftheDataMemorybitscanbedirectlymanipulatedusingthe"SET[m].i"and"CLR
[m].i"withtheexceptionofafewdedicatedbits.TheDatameomorycanalsobeaccessed
throughthememorypointerregisters.
Special Purpose Data Memory
This area of Data Memory is where registers, necessary for the correct operation of the
microcontroller,arestored.Mostoftheregistersarebothreadableandwriteablebutsomeare
protectedandarereadableonly,thedetailsofwhicharelocatedundertherelevantSpecialFunction
Registersection.Notethatforlocationsthatareunused,anyreadinstructiontotheseaddresseswill
returnthevalue"00H".


Podobny numer części - HT48R068B_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Holtek Semiconductor In...
HT48R068B HOLTEK-HT48R068B Datasheet
7Mb / 121P
   Enhanced I/O Type 8-bit OTP MCU
More results

Podobny opis - HT48R068B_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Holtek Semiconductor In...
HT48R063B HOLTEK-HT48R063B_12 Datasheet
563Kb / 86P
   Enhanced I/O Type 8-Bit OTP MCU
HT48R063B HOLTEK-HT48R063B_13 Datasheet
613Kb / 82P
   Enhanced I/O Type 8-Bit OTP MCU
HT48R063 HOLTEK-HT48R063 Datasheet
539Kb / 93P
   Enhanced I/O Type 8-Bit OTP MCU
HT48R063 HOLTEK-HT48R063_12 Datasheet
621Kb / 96P
   Enhanced I/O Type 8-Bit OTP MCU
HT48R063B HOLTEK-HT48R063B Datasheet
483Kb / 84P
   Enhanced I/O Type 8-Bit OTP MCU
HT48R063 HOLTEK-HT48R063_10 Datasheet
631Kb / 94P
   Enhanced I/O Type 8-Bit OTP MCU
HT48R068B HOLTEK-HT48R068B Datasheet
7Mb / 121P
   Enhanced I/O Type 8-bit OTP MCU
HT48R066G HOLTEK-HT48R066G Datasheet
510Kb / 88P
   Enhanced I/O Type 8-bit OTP MCU with OPA
HT48R502 HOLTEK-HT48R502 Datasheet
295Kb / 39P
   I/O Type 8-Bit OTP MCU
HT82M75R_1011 HOLTEK-HT82M75R_1011 Datasheet
475Kb / 66P
   I/O Type 8-Bit OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com