Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HT82B40R Arkusz danych(PDF) 34 Page - Holtek Semiconductor Inc

Numer części HT82B40R
Szczegółowy opis  I/O 8-Bit MCU with USB Interface
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HOLTEK [Holtek Semiconductor Inc]
Strona internetowa  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82B40R Arkusz danych(HTML) 34 Page - Holtek Semiconductor Inc

Back Button HT82B40R_14 Datasheet HTML 30Page - Holtek Semiconductor Inc HT82B40R_14 Datasheet HTML 31Page - Holtek Semiconductor Inc HT82B40R_14 Datasheet HTML 32Page - Holtek Semiconductor Inc HT82B40R_14 Datasheet HTML 33Page - Holtek Semiconductor Inc HT82B40R_14 Datasheet HTML 34Page - Holtek Semiconductor Inc HT82B40R_14 Datasheet HTML 35Page - Holtek Semiconductor Inc HT82B40R_14 Datasheet HTML 36Page - Holtek Semiconductor Inc HT82B40R_14 Datasheet HTML 37Page - Holtek Semiconductor Inc HT82B40R_14 Datasheet HTML 38Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 54 page
background image
HT82B40R/HT82B40A
Rev. 1.70
34
November 5, 2014
Table High Byte Pointer for Current Table Read TBHP (Address 0X1F)
Register
Bits
Read/Write
Functions
TBHP (0X1F)
3~0
R/W
Store current table read bit11~bit8 data
Configuration Options
No.
Options
1
PA0~7 Pull-high by bit (default Pull-high)
2
PB, PC, PD wake-up by nibble (default Pull-high)
3
PB, PC, PD Pull-high by nibble (default Pull-high)
4
LVR enable/disable (default enable)
5
WDT function: enable, disable for normal mode (default enable)
6
WDT clock source: RC; fSYS/4 (default T1)
7
CLRWDT instruction is by 1 or 2
8
PA output mode (CMOS/NMOS/PMOS) by bit (default CMOS)
9
PA0~7 wake-up by bit, (default enable)
10
TBHP enable /disable (default disable)
11
PE0, PE1 Pull-high by bit
12
PE0, PE1 wake-up by bit
13
PB0~7 Power source: VDD (default) or V33O regulator output


Podobny numer części - HT82B40R_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Holtek Semiconductor In...
HT82B40R HOLTEK-HT82B40R_11 Datasheet
392Kb / 58P
   I/O MCU with USB Interface
More results

Podobny opis - HT82B40R_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Holtek Semiconductor In...
HT82B40R HOLTEK-HT82B40R Datasheet
416Kb / 57P
   I/O MCU with USB Interface
HT82B40R HOLTEK-HT82B40R_11 Datasheet
392Kb / 58P
   I/O MCU with USB Interface
HT82B42R HOLTEK-HT82B42R Datasheet
3Mb / 86P
   I/O MCU with USB Interface
HT82B60R HOLTEK-HT82B60R Datasheet
489Kb / 70P
   I/O MCU with USB Interface
HT82B42R HOLTEK-HT82B42R_14 Datasheet
3Mb / 84P
   I/O MCU with USB Interface
HT68FB30 HOLTEK-HT68FB30 Datasheet
208Kb / 26P
   Enhanced I/O Flash Type 8-Bit MCU with EEPROM & USB Interface
HT68FB540 HOLTEK-HT68FB540 Datasheet
5Mb / 199P
   I/O Flash USB 8-Bit MCU with SPI
HT82A525R HOLTEK-HT82A525R_16 Datasheet
385Kb / 71P
   I/O Type USB 8-Bit OTP MCU with SPI
HT82A525R HOLTEK-HT82A525R Datasheet
505Kb / 71P
   I/O Type USB 8-Bit OTP MCU with SPI
HT82A525R HOLTEK-HT82A525R_12 Datasheet
446Kb / 71P
   I/O Type USB 8-Bit OTP MCU with SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com