Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HT86A36 Arkusz danych(PDF) 37 Page - Holtek Semiconductor Inc

Numer części HT86A36
Szczegółowy opis  A/D Type Voice 8-Bit MCU
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HOLTEK [Holtek Semiconductor Inc]
Strona internetowa  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT86A36 Arkusz danych(HTML) 37 Page - Holtek Semiconductor Inc

Back Button HT86A36_12 Datasheet HTML 33Page - Holtek Semiconductor Inc HT86A36_12 Datasheet HTML 34Page - Holtek Semiconductor Inc HT86A36_12 Datasheet HTML 35Page - Holtek Semiconductor Inc HT86A36_12 Datasheet HTML 36Page - Holtek Semiconductor Inc HT86A36_12 Datasheet HTML 37Page - Holtek Semiconductor Inc HT86A36_12 Datasheet HTML 38Page - Holtek Semiconductor Inc HT86A36_12 Datasheet HTML 39Page - Holtek Semiconductor Inc HT86A36_12 Datasheet HTML 40Page - Holtek Semiconductor Inc HT86A36_12 Datasheet HTML 41Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 68 page
background image
HT86Axx/HT86ARxx
Rev. 1.10
37
December 12, 2012
Register
Reset
(Power-on)
WDT Time-out
(Normal Operation)
RES Reset
(Normal Operation)
RES Reset
(HALT)
WDT Time-out
from HALT
LATCH0H
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
LATCH0M
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
LATCH0L
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
LATCH1H
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
LATCH1M
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
LATCH1L
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
LATCHD
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
ADRL
xxxx
----
xxxx
----
xxxx
----
xxxx
----
uuuu
----
ADRH
xxxx xxxx
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
ADCR
0100 0000
0100 0000
0100 0000
0100 0000
uuuu uuuu
ACSR
---- -- 00
---- -- 00
---- -- 00
---- -- 00
---- -- uu
LVDC
000x 0
- 00
000x 0
- 00
000x 0
- 00
000x 0
- 00
uuux u
- uu
SBCR
0110 0000
0110 0000
0110 0000
0110 0000
uuuu uuuu
SBDR
xxxx xxxx
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
Note:
²u² stands for unchanged
²x² stands for unknown
²-² stands for undefined


Podobny numer części - HT86A36_12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Holtek Semiconductor In...
HT86A36 HOLTEK-HT86A36 Datasheet
427Kb / 68P
   A/D Type Voice 8-Bit MCU
More results

Podobny opis - HT86A36_12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Holtek Semiconductor In...
HT86A36 HOLTEK-HT86A36 Datasheet
427Kb / 68P
   A/D Type Voice 8-Bit MCU
HT86AXX HOLTEK-HT86AXX Datasheet
428Kb / 68P
   A/D Type Voice 8-Bit MCU
HT46R232 HOLTEK-HT46R232 Datasheet
434Kb / 50P
   A/D Type 8-Bit MCU
logo
Taiwan Memory Technolog...
T81L0006A TMT-T81L0006A_06 Datasheet
160Kb / 23P
   8-bit A/D Type MCU
logo
Holtek Semiconductor In...
HT46RU22 HOLTEK-HT46RU22 Datasheet
455Kb / 60P
   A/D Type 8-Bit MCU
logo
Taiwan Memory Technolog...
T81L0006A TMT-T81L0006A Datasheet
147Kb / 21P
   8-bit A/D Type MCU
logo
Holtek Semiconductor In...
HT46RU22 HOLTEK-HT46RU22_08 Datasheet
444Kb / 59P
   A/D Type 8-Bit MCU
HT46RU25 HOLTEK-HT46RU25 Datasheet
476Kb / 63P
   A/D Type 8-Bit MCU
HT46C47 HOLTEK-HT46C47 Datasheet
264Kb / 39P
   A/D Type 8-Bit MCU
HT46C23 HOLTEK-HT46C23 Datasheet
348Kb / 48P
   A/D Type 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com