Zakładka z wyszukiwarką danych komponentów |
|
HT98R068-1 Arkusz danych(PDF) 5 Page - Holtek Semiconductor Inc |
|
HT98R068-1 Arkusz danych(HTML) 5 Page - Holtek Semiconductor Inc |
5 / 116 page Rev. 1.10 4 �e���a�� 1�� �01� Rev. 1.10 5 �e���a�� 1�� �01� HT98R068-1 Two Way Radio 8-Bit MCU HT98R068-1 Two Way Radio 8-Bit MCU Features ● Operating voltage: 3V~5V ● Up to 0.25µs instruction cycle with 16MHz system clock ● OTP Program Memory:16K x 16 ● Data Memory: 1K x8 ● Up to 34 bidirectional I/O lines ● Ocillator type: external 32768Hz crystal -- LXT ● Internal PLL to generate the system clock – Input reference clock : 32768Hz – Output: 2.048MHz x4/x5/x6/x8 (optional) ● Four operational modes: Normal, Slow, Idle, Sleep ● Watchdog Timer function with WDT oscillator ● Real Time Clock function ● 8 channel 12-bit A/D converter ● 4 channel 8-bit D/A converter ● All instructions executed in one or two instruction cycles ● Table read instructions ● 63 powerful instructions ● Up to 10-level subroutine nesting ● Bit manipulation instruction ● Low voltage reset function ● Low voltage detect function ● SPI interface for external MCU control ● Two 8-bit and signal 16-bit programmable Timer/Event Counter with overflow interrupt and prescaler ● Programmable Frequency Divider -- PFD ● PGA : 5bit Operational Amplifier Gain setup ● Sub-tone processor – CTCSS/DCS encode/decode ● In-band-Tone processor – DTMF encoder/decode – Selective call encoder/decoder – User defined tone encoder/decoder ● Audio processor – Pre-emphasis/De-emphasis – Scrambler – Compandor – VOX ● Package types: 48/64-pin LQFP |
Podobny numer części - HT98R068-1_13 |
|
Podobny opis - HT98R068-1_13 |