Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HT98R068-1 Arkusz danych(PDF) 10 Page - Holtek Semiconductor Inc

Numer części HT98R068-1
Szczegółowy opis  Two Way Radio 8-Bit MCU
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HOLTEK [Holtek Semiconductor Inc]
Strona internetowa  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT98R068-1 Arkusz danych(HTML) 10 Page - Holtek Semiconductor Inc

Back Button HT98R068-1_13 Datasheet HTML 6Page - Holtek Semiconductor Inc HT98R068-1_13 Datasheet HTML 7Page - Holtek Semiconductor Inc HT98R068-1_13 Datasheet HTML 8Page - Holtek Semiconductor Inc HT98R068-1_13 Datasheet HTML 9Page - Holtek Semiconductor Inc HT98R068-1_13 Datasheet HTML 10Page - Holtek Semiconductor Inc HT98R068-1_13 Datasheet HTML 11Page - Holtek Semiconductor Inc HT98R068-1_13 Datasheet HTML 12Page - Holtek Semiconductor Inc HT98R068-1_13 Datasheet HTML 13Page - Holtek Semiconductor Inc HT98R068-1_13 Datasheet HTML 14Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 116 page
background image
Rev. 1.10
10
�e���a�� 1�� �01�
Rev. 1.10
11
�e���a�� 1�� �01�
HT98R068-1
Two Way Radio 8-Bit MCU
HT98R068-1
Two Way Radio 8-Bit MCU
Absolute Maximum Ratings
Supply Voltage .......................................................................................................VSS -0.3V to 6.0V
Input Voltage .................................................................................................VSS -0.3V to VDD +0.3V
Storage Temperature ..................................................................................................-50°C to 125°C
Operating Temperature ................................................................................................-40°C to 85°C
Note: These are stress ratings only. Stresses exceeding the range specified under “Absolute Maximum
Ratings” may cause substantial damage to the device. Functional operation of this device at other
conditions beyond those listed in the specification is not implied and prolonged exposure to extreme
conditions may affect device reliability.
D.C. Characteristics
Ope�ating Tempe�at��e: -40°C to 85°C Ta=�5°C T�pical
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Ope�ating Voltage
fSYS=��768Hz
�.�
5.5
V
fSYS=�MHz~1�MHz
�.0
5.5
V
fSYS=16MHz
�.�
5.5
V
IDD1
Ope�ating C���ent
(��k OSC+PLL)
�V No load� f
SYS=4MHz
ADC� DAC disa�le
1
mA
5V
�.5
5.0
mA
IDD�
Ope�ating C���ent
(��k OSC+PLL)
�V No load� fSYS=8MHz
4
mA
5V ADC� DAC disa�le
4
8
mA
IDD�
Ope�ating C���ent
(��k OSC+PLL)
�V No load� fSYS=10MHz
4
mA
5V ADC� DAC disa�le
4
8
mA
IDD4
Ope�ating C���ent
(��k OSC+PLL)
�V No load� fSYS=1�MHz
ADC� DAC disa�le
6
1�
mA
IDD5
Ope�ating C���ent
(��k OSC� PLL O��)
�V No load� f
SYS=��768Hz
ADC� DAC disa�le
�0
�0
μA
5V
40
60
μA
IDD6
Ope�ating C���ent
(A�dio P�ocessing T��n On)
�V No load� fSYS=8MHz
see note �
15
mA
mA
ISTB1
Stand�� C���ent
(WDTOSC On� ��k OSC Off)
�V
No load� S�stem halt
5
μA
5V
10
μA
ISTB�
Stand�� C���ent
(WDTOSC Off� ��k OSC Off)
�V
No load� S�stem halt
1
μA
5V
μA
ISTB�
Stand�� C���ent
(WDTOSC Off� ��k OSC On)
�V No load� S�stem halt LXT OSC
slowl� sta�t-�p
5
μA
5V
10
μA
VIL1
Inp�t Low Voltage �o�
PA� PB� PC� PD� PETMR0�
TMR1� INT
0
0.�VDD
V
VIH1
Inp�t High Voltage �o� PA�
PB� PC� PD� PETMR0�
TMR1� INT
0.7VDD
VDD
V
VIL�
Inp�t Low Voltage (RES)
0
0.4VDD
V
VIH�
Inp�t High Voltage (RES)
0.9VDD
VDD
V
VLVR1
Low Voltage Reset Voltage
LVR �.10V option
1.98
�.10
�.��
V
VLVR�
Low Voltage Reset Voltage
LVR �.15V option
�.98
�.15
�.��
V
VLVR�
Low Voltage Reset Voltage
LVR 4.�0V option
�.98
4.�0
4.4�
V


Podobny numer części - HT98R068-1_13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Holtek Semiconductor In...
HT98R068-1 HOLTEK-HT98R068-1 Datasheet
3Mb / 116P
   Two Way Radio 8-Bit MCU
More results

Podobny opis - HT98R068-1_13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Holtek Semiconductor In...
HT98R068-1 HOLTEK-HT98R068-1 Datasheet
3Mb / 116P
   Two Way Radio 8-Bit MCU
HT98F069 HOLTEK-HT98F069 Datasheet
7Mb / 136P
   Two Way Radio Flash MCU
logo
Microsemi Corporation
UM9401 MICROSEMI-UM9401_05 Datasheet
424Kb / 11P
   COMMERCIAL TWO-WAY RADIO
logo
Laird Tech Smart Techno...
EXL LSTD-EXL Datasheet
199Kb / 1P
   Two-Way Radio Antenna
EXH LSTD-EXH Datasheet
292Kb / 1P
   Two-Way Radio Antenna
EXP LSTD-EXP Datasheet
191Kb / 1P
   Two-Way Radio Antenna
WTS-2450 LSTD-WTS-2450 Datasheet
975Kb / 1P
   External Two-Way Radio Antenna
logo
Beken Corporation
BK4819 BEKEN-BK4819 Datasheet
2Mb / 22P
   Analog Two Way Radio IC
Rev.1.0
logo
Asahi Kasei Microsystem...
AK2346B AKM-AK2346B Datasheet
307Kb / 31P
   Two-way Radio Audio Processor
AK2346A AKM-AK2346A Datasheet
389Kb / 37P
   Two-way Radio Audio Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com