Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HT98R068-1 Arkusz danych(PDF) 25 Page - Holtek Semiconductor Inc

Numer części HT98R068-1
Szczegółowy opis  Two Way Radio 8-Bit MCU
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HOLTEK [Holtek Semiconductor Inc]
Strona internetowa  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT98R068-1 Arkusz danych(HTML) 25 Page - Holtek Semiconductor Inc

Back Button HT98R068-1_13 Datasheet HTML 21Page - Holtek Semiconductor Inc HT98R068-1_13 Datasheet HTML 22Page - Holtek Semiconductor Inc HT98R068-1_13 Datasheet HTML 23Page - Holtek Semiconductor Inc HT98R068-1_13 Datasheet HTML 24Page - Holtek Semiconductor Inc HT98R068-1_13 Datasheet HTML 25Page - Holtek Semiconductor Inc HT98R068-1_13 Datasheet HTML 26Page - Holtek Semiconductor Inc HT98R068-1_13 Datasheet HTML 27Page - Holtek Semiconductor Inc HT98R068-1_13 Datasheet HTML 28Page - Holtek Semiconductor Inc HT98R068-1_13 Datasheet HTML 29Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 116 page
background image
Rev. 1.10
�4
�e���a�� 1�� �01�
Rev. 1.10
�5
�e���a�� 1�� �01�
HT98R068-1
Two Way Radio 8-Bit MCU
HT98R068-1
Two Way Radio 8-Bit MCU
Accumulator – ACC
The Accumulator is central to the operation of any microcontroller and is closely related with
operations carried out by the ALU. The Accumulator is the place where all intermediate results
from the ALU are stored. Without the Accumulator it would be necessary to write the result of
each calculation or logical operation such as addition, subtraction, shift, etc., to the Data Memory
resulting in higher programming and timing overheads. Data transfer operations usually involve
the temporary storage function of the Accumulator; for example, when transferring data between
one user defined register and another, it is necessary to do this by passing the data through the
Accumulator as no direct transfer between two registers is permitted.
Program Counter Low Register – PCL
To provide additional program control functions, the low byte of the Program Counter is made
accessible to programmers by locating it within the Special Purpose area of the Data Memory. By
manipulating this register, direct jumps to other program locations are easily implemented. Loading
a value directly into this PCL register will cause a jump to the specified Program Memory location.
However, as the register is only 8-bit wide, only jumps within the current Program Memory page are
permitted. When such operations are used, note that a dummy cycle will be inserted.
Bank Pointer – BP
In this device, the Program and Data Memory are divided into several banks. Selecting the required
Program and Data Memory area is achieved using the Bank Pointer. Bit 5 of the Bank Pointer is
used to select Program Memory Bank 0 or 1, while bits 0~2 are used to select Data Memory Banks
0~5.
The Data Memory is initialised to Bank 0 after a reset, except for the WDT time-out reset in the
Power Down Mode, in which case, the Data Memory bank remains unaffected. It should be noted
that Special Function Data Memory is not affected by the bank selection, which means that the
Special Function Registers can be accessed from within any bank. Directly addressing the Data
Memory will always result in Bank 0 being accessed irrespective of the value of the Bank Pointer.
Accessing data from banks other than Bank 0 must be implemented using Indirect addressing.
As both the Program Memory and Data Memory share the same Bank Pointer Register, care must be
taken during programming.


Podobny numer części - HT98R068-1_13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Holtek Semiconductor In...
HT98R068-1 HOLTEK-HT98R068-1 Datasheet
3Mb / 116P
   Two Way Radio 8-Bit MCU
More results

Podobny opis - HT98R068-1_13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Holtek Semiconductor In...
HT98R068-1 HOLTEK-HT98R068-1 Datasheet
3Mb / 116P
   Two Way Radio 8-Bit MCU
HT98F069 HOLTEK-HT98F069 Datasheet
7Mb / 136P
   Two Way Radio Flash MCU
logo
Microsemi Corporation
UM9401 MICROSEMI-UM9401_05 Datasheet
424Kb / 11P
   COMMERCIAL TWO-WAY RADIO
logo
Laird Tech Smart Techno...
EXL LSTD-EXL Datasheet
199Kb / 1P
   Two-Way Radio Antenna
EXH LSTD-EXH Datasheet
292Kb / 1P
   Two-Way Radio Antenna
EXP LSTD-EXP Datasheet
191Kb / 1P
   Two-Way Radio Antenna
WTS-2450 LSTD-WTS-2450 Datasheet
975Kb / 1P
   External Two-Way Radio Antenna
logo
Beken Corporation
BK4819 BEKEN-BK4819 Datasheet
2Mb / 22P
   Analog Two Way Radio IC
Rev.1.0
logo
Asahi Kasei Microsystem...
AK2346B AKM-AK2346B Datasheet
307Kb / 31P
   Two-way Radio Audio Processor
AK2346A AKM-AK2346A Datasheet
389Kb / 37P
   Two-way Radio Audio Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com