Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HT56R22 Arkusz danych(PDF) 46 Page - Holtek Semiconductor Inc

Numer części HT56R22
Szczegółowy opis  TinyPowerTM A/D Type 8-Bit OTP MCU with DAC
Download  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HOLTEK [Holtek Semiconductor Inc]
Strona internetowa  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56R22 Arkusz danych(HTML) 46 Page - Holtek Semiconductor Inc

Back Button HT56R22_14 Datasheet HTML 42Page - Holtek Semiconductor Inc HT56R22_14 Datasheet HTML 43Page - Holtek Semiconductor Inc HT56R22_14 Datasheet HTML 44Page - Holtek Semiconductor Inc HT56R22_14 Datasheet HTML 45Page - Holtek Semiconductor Inc HT56R22_14 Datasheet HTML 46Page - Holtek Semiconductor Inc HT56R22_14 Datasheet HTML 47Page - Holtek Semiconductor Inc HT56R22_14 Datasheet HTML 48Page - Holtek Semiconductor Inc HT56R22_14 Datasheet HTML 49Page - Holtek Semiconductor Inc HT56R22_14 Datasheet HTML 50Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 127 page
background image
HT56R22/HT56R23/HT56R24/HT56R25/HT56R26
Rev. 1.30
46
December 26, 2014
I/O Pin Structures
The diagrams illustrate the I/O pin internal structures. As
the exact logical construction of the I/O pin may differ
from these drawings, they are supplied as a guide only
to assist with the functional understanding of the I/O
pins.
Programming Considerations
Within the user program, one of the first things to con-
sider is port initialisation. After a reset, the I/O data reg-
ister and I/O port control register will be set high. This
means that all I/O pins will default to an input state, the
level of which depends on the other connected circuitry
and whether pull-high options have been selected. If the
port control registers, are then programmed to setup
some pins as outputs, these output pins will have an ini-
tial high output value unless the associated port data
register is first programmed. Selecting which pins are in-
puts and which are outputs can be achieved byte-wide
by loading the correct value into the port control register
or by programming individual bits in the port control reg-
ister using the
²SET [m].i² and ²CLR [m].i² instructions.
Note that when using these bit control instructions, a
read-modify-write operation takes place. The
microcontroller must first read in the data on the entire
port, modify it to the required new bit values and then re-
write this data back to the output ports.
Pins PA0 to PA7 each have a wake-up functions, se-
lected via the PAWK register. When the device is in the
Idle/Sleep Mode, various methods are available to wake
the device up. One of these is a high to low transition of
any of the these pins. Single or multiple pins on Port A
can be setup to have this function.
Timer/Event Counters
The provision of timers form an important part of any
microcontroller, giving the designer a means of carrying
out time related functions. The devices contain several
8-bit and 16-bit count-up timers. As each timer has three
different operating modes, they can be configured to op-
erate as a general timer, an external event counter or as
a pulse width measurement device. The provision of a
prescaler to the clock circuitry of the 8-bit Timer/Event
Counter also gives added range to this timer.
There are two types of registers related to the
Timer/Event Counters. The first are the registers that
contain the actual value of the Timer/Event Counter and
into which an initial value can be preloaded. Reading
from these registers retrieves the contents of the
Timer/Event Counter. The second type of associated
register is the Timer Control Register which defines the
timer options and determines how the Timer/Event
Counter is to be used. The Timer/Event Counters can
have the their clock configured to come from an internal
clock source. In addition, their clock source can also be
configured to come from an external timer pin.
T 1
T 2
T 3
T 4
T 1
T 2
T 3
T 4
W r i t e t o P o r t
R e a d f r o m P o r t
S y s t e m C l o c k
P o r t D a t a
Read Modify Write Timing
V D D
M
U
X
R e a d D a t a R e g i s t e r
C o n t r o l B i t
P u l l - H i g h
S e l e c t
D a t a B u s
W r i t e C o n t r o l R e g i s t e r
C h i p R e s e t
R e a d C o n t r o l R e g i s t e r
W r i t e D a t a R e g i s t e r
D a t a B i t
P B 0 / S C O M 0 ~
P B 3 / S C O M 3
V D D / 2
W e a k
P u l l - u p
D
Q
C K
S
Q
D
Q
C K
S
Q
C O M n E N
S C O M E N
PB Input/Output Port


Podobny numer części - HT56R22_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Holtek Semiconductor In...
HT56R22 HOLTEK-HT56R22_12 Datasheet
824Kb / 134P
   TinyPowerTM A/D Type 8-Bit OTP MCU with DAC
More results

Podobny opis - HT56R22_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Holtek Semiconductor In...
HT56R22 HOLTEK-HT56R22 Datasheet
739Kb / 131P
   TinyPowerTM A/D Type 8-Bit OTP MCU with DAC
HT56R22 HOLTEK-HT56R22_12 Datasheet
824Kb / 134P
   TinyPowerTM A/D Type 8-Bit OTP MCU with DAC
HT56R66 HOLTEK-HT56R66_12 Datasheet
745Kb / 104P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R62 HOLTEK-HT56R62_12 Datasheet
786Kb / 108P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R62 HOLTEK-HT56R62_13 Datasheet
5Mb / 145P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R64 HOLTEK-HT56R64_12 Datasheet
674Kb / 90P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R67 HOLTEK-HT56R67_10 Datasheet
696Kb / 104P
   TinyPowerTM A/D Type with LCD 8-Bit MCU
HT56R67 HOLTEK-HT56R67_12 Datasheet
758Kb / 104P
   TinyPowerTM A/D Type with LCD 8-Bit MCU
HT45R37 HOLTEK-HT45R37_11 Datasheet
672Kb / 100P
   TinyPowerTM C/R-F Type 8-Bit OTP MCU
HT45R37 HOLTEK-HT45R37 Datasheet
614Kb / 99P
   TinyPowerTM C/R-F Type 8-Bit OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com