Zakładka z wyszukiwarką danych komponentów |
|
7-1377174-9 Arkusz danych(PDF) 4 Page - TE Connectivity Ltd |
|
7-1377174-9 Arkusz danych(HTML) 4 Page - TE Connectivity Ltd |
4 / 24 page Ring Tongue Terminals – Nylon (continued) PIDG Pre-Insulated Diamond Grip Section Catalog 1654376-1 Issued 4-2010. Main Catalog 1654400-1 Chapter 37 – Issued 4-2010. All specifications subject to change. Consult TE Connectivity for latest specifications. 37-4 .469 .437 .841 1.078 .125 320572 2-320572-1 11.91 11.10 21.36 27.38 3.18 5/16 .469 .437 .841 1.078 .140 31895 2-31895-1 M8 11.91 11.10 21.36 27.38 3.56 .531 .546 .950 1.218 .125 324123 – 13.49 13.87 24.13 30.94 3.18 .531 .546 .950 1.218 .125 320573 2-320573-4 3/8 13.49 13.87 24.13 30.94 3.18 .531 .546 .950 1.218 .140 31897 2-31897-2 13.49 13.87 24.13 30.94 3.56 1/2 .713 .530 .934 1.293 .125 328975 – M12 18.11 13.46 23.72 32.84 3.18 .250 .171 .575 .703 .150 324159 2-324159-2 6.35 4.34 14.61 17.86 3.81 4 .250 .171 .575 .703 .170 – 2-328996-1 6.35 4.34 14.61 17.86 4.32 .250 .281 .685 .813 .150 323676 – 6.35 7.14 17.40 20.65 3.81 .250 .171 .575 .703 .150 – 2-320561-2 6.35 4.34 14.61 17.86 3.81 .250 .281 .685 .813 .170 50881 0-050881-2 6 6.35 7.14 17.40 20.65 4.32 M3.5 .312 .250 .654 .813 .170 326882 2-326882-1 7.92 6.35 16.61 20.65 4.32 .343 .281 .685 .859 .150 36157 – 8.71 7.14 17.40 21.82 3.81 .312 .250 .654 .813 .170 – 0-053941-2 8 7.92 6.35 16.61 20.65 4.32 M4 .343 .281 .685 .859 .150 320560 2-320560-1 8.71 7.14 17.40 21.82 3.81 .312 .250 .654 .813 .170 -153942-1 0-053942-2 7.92 6.35 16.61 20.65 4.32 10 .343 .281 .685 .859 .150 320574 2-320574-2 8.71 7.14 17.40 21.82 3.81 .469 .437 .841 1.078 .170 324533 – 11.91 11.10 21.36 27.38 4.32 .469 .437 .841 1.078 .150 320575 2-320575-1 5/16 11.91 11.10 21.36 27.38 3.81 M8 .469 .437 .841 1.078 .170 328998 2-328998-1 11.91 11.10 21.36 27.38 4.32 .531 .546 .950 1.218 .150 320564 – 3/8 13.49 13.87 24.13 30.94 3.81 .531 .546 .950 1.218 .170 – 2-328999-1 13.49 13.87 24.13 30.94 4.32 1/2 .713 .530 .934 1.293 .170 328849 – M12 18.11 13.46 23.72 32.84 4.32 .281 .219 .810 .953 .230 320631 – 6 7.14 5.56 20.57 24.21 5.84 M3.5 .281 .219 .810 .953 .250 35634 – 7.14 5.56 20.57 24.21 6.35 .343 .281 .872 1.046 .230 320627 – 8 8.71 7.14 22.15 26.57 5.84 M4 .343 .281 .872 1.046 .250 35106 2-35106-1 8.71 7.14 22.15 26.57 6.35 10 .343 .281 .872 1.046 .230 320630 2-320630-2 8.71 7.14 22.15 26.57 5.84 , Heavy duty for extra mechanical strength. Note: “C” dimension applies from edge of metal wire barrel to center of stud hole. Wire Size AWG (mm2) Terminal Insulation Color Wire Insulation Diameter Max. Tongue Material Thickness Max. Stud Size Dimensions WC E L Min. Max. Max. Part Numbers Loose Tape Piece Mounted L E C W 22–16 (0.26–1.65) .033 0.84 , 16–14HD, (1.04–2.62) .050 1.27 16–14 (1.04–2.62) .033 0.84 Material and Finish Insulation: Nylon acc. UL 94 V-2 Terminal Body and Metallic Sleeve: Copper per ASTM B-152 Plating: Tin per ASTM B-545 |
Podobny numer części - 7-1377174-9 |
|
Podobny opis - 7-1377174-9 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |