Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GS1117CE-2.5 Arkusz danych(PDF) 3 Page - Vishay Siliconix

Numer części GS1117CE-2.5
Szczegółowy opis  800mA Low Dropout Positive Adjustable Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GS1117CE-2.5 Arkusz danych(HTML) 3 Page - Vishay Siliconix

  GS1117CE-2.5 Datasheet HTML 1Page - Vishay Siliconix GS1117CE-2.5 Datasheet HTML 2Page - Vishay Siliconix GS1117CE-2.5 Datasheet HTML 3Page - Vishay Siliconix GS1117CE-2.5 Datasheet HTML 4Page - Vishay Siliconix GS1117CE-2.5 Datasheet HTML 5Page - Vishay Siliconix GS1117CE-2.5 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
GS1117
Vishay Semiconductors
formerly General Semiconductor
Document Number 74802
www.vishay.com
20-Feb-02
3
Electrical Characteristics(1) TJ = 25°C(2), VIN = 5V, Io = 10mA unless otherwise noted.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Output Current
Io
0°C
≤ TJ ≤ 125°C
0.85
A
2.65
≤ Vin ≤ 7V
Adjust Pin Current
Iadj
10mA
≤ Io ≤ 800mA
55
120
µA
0°C
≤ TJ ≤ 125°C
2.65
≤ Vin ≤ 7V
Adjust Pin Current Change
∆Iadj
10mA
≤ Io ≤ 800mA
0.2
5
µA
0°C
≤ TJ ≤ 125°C
Temperature Stability
TS
Io = 0.5A
0.8
%VO
0°C
≤ TJ ≤ 125°C
Minimum Load Current
ILMIN
0°C
≤ TJ ≤ 125°C
3
10
mA
Adjustable Version
Quiescent Current
IQ
0°C
≤ TJ ≤ 125°C10
14
mA
Fixed Voltage Version
RMS Output Noise
N
10HZ
≤ f ≤ 10 kHZ
0.003
%VO
Ripple Rejection Ratio
RR
f = 120 HZ, CO = 25
µF
60
68
dB
Cadj = 25
µF
Thermal Regulation
RTH
TA = 25°C, 30ms Pulse
0.02
0.05
%/W
Long Term Stability
TA = 125°C, 1000 Hrs
0.3
%VO
Notes:
VREF = VOUT – VADJ = 1.25V (typ.)
VOUT = VREF x (1+R2/R1) + IADJ x R2
IADJ = 55
µA (typ.)
(1) C1 needed if device is far away from filter capacitors
(2) C2 required for stability
Typical Application Circuit
VIN
5V
VOUT
3.3V
C1
10
µF
C2
10
µF
ADJ
VREF
1
32
R1
125
1%
R2
205
1%
GS1117
Adjustable Voltage Regulator
+
+
VIN
5V
VOUT
C1
10
µF
C2
10
µF
1
32
GS1117-2.5
GS1117-2.85
GS1117-3.3
GS1117-5
Fixed Voltage Regulator
+
+
Notes:
(1) All parameters, except nominal output voltage are specified for the variable voltage version, allowing a wider Vin Range.
The specified limits also apply for the fixed voltage versions.
(2) To maintain the specified junction temperatures, low duty cycle pulse testing is required for most parameters.


Podobny numer części - GS1117CE-2.5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Allen-Bradley
GS1 ALLEN-BRADLEY-GS1 Datasheet
84Kb / 4P
   Non contact Switches
logo
Yuan Dean Scientific., ...
GS1 YUANDEAN-GS1 Datasheet
269Kb / 2P
   AC-DC Converter
GS1-S05 YUANDEAN-GS1-S05 Datasheet
269Kb / 2P
   AC-DC Converter
GS1-S05F YUANDEAN-GS1-S05F Datasheet
269Kb / 2P
   AC-DC Converter
GS1-S09 YUANDEAN-GS1-S09 Datasheet
269Kb / 2P
   AC-DC Converter
More results

Podobny opis - GS1117CE-2.5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRU1117 IRF-IRU1117 Datasheet
68Kb / 10P
   800mA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Analog Intergrations Co...
AIC1117 AIC-AIC1117 Datasheet
111Kb / 7P
   800mA Low Dropout Positive Adjustable Regulator
AIC1732 AIC-AIC1732 Datasheet
98Kb / 6P
   800mA Low Dropout Positive Adjustable Regulator
AIC1117 AIC-AIC1117_15 Datasheet
260Kb / 12P
   800mA Low Dropout Positive Regulator
logo
Global Mixed-mode Techn...
G958 GMT-G958 Datasheet
149Kb / 7P
   800mA Adjustable Low-Dropout Linear Regulator
logo
Taiwan Semiconductor Co...
TS1117 TSC-TS1117 Datasheet
147Kb / 6P
   800mA Low Dropout Positive Voltage Regulator
TS1117I TSC-TS1117I Datasheet
162Kb / 6P
   800mA Low Dropout Positive Voltage Regulator
TS1117B TSC-TS1117B Datasheet
152Kb / 6P
   800mA Low Dropout Positive Voltage Regulator
TS1117S TSC-TS1117S Datasheet
362Kb / 6P
   800mA Low Dropout Positive Voltage Regulator
logo
Anpec Electronics Corop...
APL1087 ANPEC-APL1087_08 Datasheet
360Kb / 16P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com