Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BUZ11 Arkusz danych(PDF) 3 Page - Fairchild Semiconductor

Numer części BUZ11
Szczegółowy opis  30A, 50V, 0.040 Ohm, N-Channel Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BUZ11 Arkusz danych(HTML) 3 Page - Fairchild Semiconductor

  BUZ11 Datasheet HTML 1Page - Fairchild Semiconductor BUZ11 Datasheet HTML 2Page - Fairchild Semiconductor BUZ11 Datasheet HTML 3Page - Fairchild Semiconductor BUZ11 Datasheet HTML 4Page - Fairchild Semiconductor BUZ11 Datasheet HTML 5Page - Fairchild Semiconductor BUZ11 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
©2001 Fairchild Semiconductor Corporation
BUZ1 Rev. A
Typical Performance Curves Unless Otherwise Specified
FIGURE 1. NORMALIZED POWER DISSIPATION vs CASE
TEMPERATURE
FIGURE 2. MAXIMUM CONTINUOUS DRAIN CURRENT vs
CASE TEMPERATURE
FIGURE 3. MAXIMUM TRANSIENT THERMAL IMPEDANCE
FIGURE 4. FORWARD BIAS SAFE OPERATING AREA
FIGURE 5. OUTPUT CHARACTERISTICS
TA, CASE TEMPERATURE (
oC)
0
0
25
50
75
100
150
0.2
0.4
0.6
0.8
1.0
1.2
125
40
30
20
10
0
0
50
100
150
TC, CASE TEMPERATURE (
oC)
VGS > 10V
10-5
10-4
10-3
10-2
10-1
100
101
t, RECTANGULAR PULSE DURATION (s)
1
0.1
0.01
SINGLE PULSE
0.5
0.2
0.1
0.05
0.02
0.01
PDM
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x ZθJC + TC
t1
t2
VDS, DRAIN TO SOURCE VOLTAGE (V)
100
µs
10
µs
DC
1ms
10ms
100ms
103
102
101
100
100
101
102
2.5
µs
OPERATION IN THIS
AREA MAY BE LIMITED
BY rDS(ON)
TC = 25
oC
TJ = MAX RATED
SINGLE PULSE
60
50
40
30
20
10
0
0123456
VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS = 8.0V
VGS = 7.5V
VGS = 7.0V
VGS = 6.5V
VGS = 6.0V
VGS = 5.5V
VGS = 5.0V
VGS = 4.5V
VGS = 4.0V
10V
VGS = 20V
PULSE DURATION = 80
µs
PD = 75W
DUTY CYCLE = 0.5% MAX
BUZ11


Podobny numer części - BUZ11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
BUZ11 STMICROELECTRONICS-BUZ11 Datasheet
80Kb / 8P
   N - CHANNEL 50V - 0.03W - 33A TO-220 STripFET] MOSFET
logo
Siemens Semiconductor G...
BUZ11 SIEMENS-BUZ11 Datasheet
120Kb / 9P
   SIPMOS Power Transistorm (N channel Enhancement mode Avalanche-rated)
logo
Intersil Corporation
BUZ11 INTERSIL-BUZ11 Datasheet
45Kb / 6P
   30A, 50V, 0.040 Ohm, N-Channel Power MOSFET
June 1999
logo
New Jersey Semi-Conduct...
BUZ11 NJSEMI-BUZ11 Datasheet
131Kb / 3P
   N - CHANNEL 50V - 0.03Q - 33A TO-220 STripFET??MOSFET
logo
Inchange Semiconductor ...
BUZ11 ISC-BUZ11 Datasheet
66Kb / 2P
   High input impedance
More results

Podobny opis - BUZ11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
BUZ11 INTERSIL-BUZ11 Datasheet
45Kb / 6P
   30A, 50V, 0.040 Ohm, N-Channel Power MOSFET
June 1999
IRFP140N INTERSIL-IRFP140N Datasheet
126Kb / 10P
   33A, 100V, 0.040 Ohm, N-Channel Power MOSFET
IRF540N INTERSIL-IRF540N Datasheet
126Kb / 10P
   33A, 100V, 0.040 Ohm, N-Channel Power MOSFET
logo
Fairchild Semiconductor
IRF540N FAIRCHILD-IRF540N Datasheet
138Kb / 10P
   33A, 100V, 0.040 Ohm, N-Channel, Power MOSFET
logo
Intersil Corporation
HUF75631P3 INTERSIL-HUF75631P3 Datasheet
343Kb / 9P
   33A, 100V, 0.040 Ohm, N-Channel, UltraFET Power MOSFET
logo
Fairchild Semiconductor
RFG40N10 FAIRCHILD-RFG40N10 Datasheet
371Kb / 6P
   40A, 100V, 0.040 Ohm, N-Channel Power MOSFETs
logo
Intersil Corporation
HUF76419P3 INTERSIL-HUF76419P3 Datasheet
334Kb / 9P
   27A, 60V, 0.040 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
RFG40N10 INTERSIL-RFG40N10 Datasheet
51Kb / 6P
   40A, 100V, 0.040 Ohm, N-Channel Power MOSFETs
logo
Fairchild Semiconductor
HUF76419P3 FAIRCHILD-HUF76419P3 Datasheet
215Kb / 10P
   27A, 60V, 0.040 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUFA75631P3 FAIRCHILD-HUFA75631P3 Datasheet
201Kb / 10P
   33A, 100V, 0.040 Ohm, N-Channel, UltraFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com