Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CXA2586 Arkusz danych(PDF) 2 Page - Sony Corporation

Numer części CXA2586
Szczegółowy opis  Ultrahigh-Speed (100 MHz) Photodetector IC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SONY [Sony Corporation]
Strona internetowa  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2586 Arkusz danych(HTML) 2 Page - Sony Corporation

  CXA2586 Datasheet HTML 1Page - Sony Corporation CXA2586 Datasheet HTML 2Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
s Figure 1 Sample Optical Pickup Structure
s Figure 2 Block Diagram
s Figure 3 Optical Pickup Pattern Dimensions
s Figure 4-1 A to D Frequency Response
s Figure 4-2 RF Frequency Response
s Figure 5-1 A to D Noise Characteristics
s Figure 5-2 RF Noise Characteristics
1M
3M
5M 7M 10M
30M
300M
50M 70M100M
2
0
–2
–4
–6
–8
Frequency [Hz]
1M
3M
5M 7M 10M
30M
300M
50M 70M100M
2
0
–2
–4
–6
–8
Frequency [Hz]
0
60M
Frequency [Hz]
120M
–100 dBm
–70 dBm
5 dB/
REF –55 dBm
VBW
30 Hz
RBW
30 kHz
0
60M
Frequency [Hz]
120M
–100 dBm
–70 dBm
5 dB/
REF –55 dBm
VBW
30 Hz
RBW
30 kHz
A
FE
D
88
B
C
200
120
124
22
6 deg.
(Unit:
µm)
1
2
3
4
5
6
8
9
7
Fo
VCC
VC
GND
VREF
Eo
Do
Ao
Ao Bo Co Do
RF
Bo
Co
10
Objective
lens
Beam splitter
Grating
Laser diode
CXA2586M
Disc


Podobny numer części - CXA2586

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
CXA2586 SONY-CXA2586 Datasheet
91Kb / 8P
   PDIC for CD-ROM/DVD-ROM
CXA2586M SONY-CXA2586M Datasheet
91Kb / 8P
   PDIC for CD-ROM/DVD-ROM
More results

Podobny opis - CXA2586

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9768 AD-AD9768_15 Datasheet
107Kb / 4P
   Ultrahigh Speed IC D/A Converter
REV. A
AD9768 AD-AD9768 Datasheet
103Kb / 4P
   Ultrahigh Speed IC D/A Converter
REV. A
logo
Finisar Corporation.
XPDV412XR FINISAR-XPDV412XR Datasheet
215Kb / 5P
   Ultra-Fast 100 GHz Photodetector
logo
JDS Uniphase Corporatio...
ETX100RFL JDSU-ETX100RFL Datasheet
178Kb / 5P
   High Speed InGaAs Photodetector Receptacle Modules
logo
Sanyo Semicon Device
CPH3304 SANYO-CPH3304 Datasheet
132Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH3308 SANYO-CPH3308 Datasheet
28Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH3407 SANYO-CPH3407 Datasheet
27Kb / 4P
   Ultrahigh-Speed Switching Applications
FW214 SANYO-FW214 Datasheet
46Kb / 3P
   Ultrahigh-Speed Switching Applications
FW313 SANYO-FW313 Datasheet
61Kb / 6P
   Ultrahigh-Speed Switching Applications
DLE30 SANYO-DLE30 Datasheet
71Kb / 3P
   3.0A Ultrahigh-Speed Rectifier?
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com