Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FDN371N Arkusz danych(PDF) 3 Page - Fairchild Semiconductor

Numer części FDN371N
Szczegółowy opis  20V N-Channel PowerTrench MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDN371N Arkusz danych(HTML) 3 Page - Fairchild Semiconductor

  FDN371N Datasheet HTML 1Page - Fairchild Semiconductor FDN371N Datasheet HTML 2Page - Fairchild Semiconductor FDN371N Datasheet HTML 3Page - Fairchild Semiconductor FDN371N Datasheet HTML 4Page - Fairchild Semiconductor FDN371N Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
FDN371N Rev C (W)
Typical Characteristics
0
5
10
15
20
25
30
0
1
2
3
4
V
DS, DRAIN TO SOURCE VOLTAGE (V)
V
GS = 4.5V
2.0V
3.0V
3.5V
2.5V
0.8
1
1.2
1.4
1.6
1.8
2
2.2
0
10
20
30
ID, DRAIN CURRENT (A)
VGS = 2.0V
4.5V
3.0V
2.5V
3.5V
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation with
Drain Current and Gate Voltage.
0.6
0.8
1
1.2
1.4
1.6
-50
-25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (
o
C)
ID = 2.5A
VGS = 4.5V
0.01
0.02
0.03
0.04
0.05
0.06
0.07
1
2
3
4
5
V
GS, GATE TO SOURCE VOLTAGE (V)
TA = 125
oC
TA = 25
oC
Figure 3. On-Resistance Variation with
Temperature.
Figure 4. On-Resistance Variation with
Gate-to-Source Voltage.
0
5
10
15
20
0.5
1
1.5
2
2.5
3
VGS, GATE TO SOURCE VOLTAGE (V)
25
oC
125
oC
V
DS = 5V
0.0001
0.001
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
VSD, BODY DIODE FORWARD VOLTAGE (V)
V
GS = 0V
T
A = 125
oC
25
oC
-55
oC
Figure 5. Transfer Characteristics.
Figure 6. Body Diode Forward Voltage Variation
with Source Current and Temperature.


Podobny numer części - FDN371N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
VBsemi Electronics Co.,...
FDN371N-NL VBSEMI-FDN371N-NL Datasheet
1Mb / 9P
   N-Channel 30-V (D-S) MOSFET
More results

Podobny opis - FDN371N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDD3706 FAIRCHILD-FDD3706 Datasheet
113Kb / 5P
   20V N-Channel PowerTrench MOSFET
FDD6530A FAIRCHILD-FDD6530A Datasheet
82Kb / 5P
   20V N-Channel PowerTrench MOSFET
FDS6574A FAIRCHILD-FDS6574A Datasheet
90Kb / 5P
   20V N-Channel PowerTrench MOSFET
FDG327N FAIRCHILD-FDG327N Datasheet
79Kb / 5P
   20V N-Channel PowerTrench MOSFET
FDS6162N3 FAIRCHILD-FDS6162N3 Datasheet
189Kb / 6P
   20V N-Channel PowerTrench MOSFET
FDS6572A FAIRCHILD-FDS6572A Datasheet
75Kb / 5P
   20V N-Channel PowerTrench MOSFET
FDV305N FAIRCHILD-FDV305N Datasheet
172Kb / 5P
   20V N-Channel PowerTrench MOSFET
FDG329N FAIRCHILD-FDG329N Datasheet
79Kb / 5P
   20V N-Channel PowerTrench MOSFET
FDS6064N3 FAIRCHILD-FDS6064N3 Datasheet
189Kb / 6P
   20V N-Channel PowerTrench MOSFET
FDS6064N7 FAIRCHILD-FDS6064N7 Datasheet
198Kb / 6P
   20V N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com