Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PZT2222A Arkusz danych(PDF) 4 Page - Fairchild Semiconductor

Numer części PZT2222A
Szczegółowy opis  NPN General Purpose Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

PZT2222A Arkusz danych(HTML) 4 Page - Fairchild Semiconductor

  PZT2222A Datasheet HTML 1Page - Fairchild Semiconductor PZT2222A Datasheet HTML 2Page - Fairchild Semiconductor PZT2222A Datasheet HTML 3Page - Fairchild Semiconductor PZT2222A Datasheet HTML 4Page - Fairchild Semiconductor PZT2222A Datasheet HTML 5Page - Fairchild Semiconductor PZT2222A Datasheet HTML 6Page - Fairchild Semiconductor PZT2222A Datasheet HTML 7Page - Fairchild Semiconductor PZT2222A Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
©2004 Fairchild Semiconductor Corporation
Rev. A1, August 2004
Typical Characteristics
Figure 7. Turn On and Turn Off Times
vs Collector Current
Figure 8. Switching Times vs Collector Current
Figure 9. Power Dissipation vs
Ambient Temperature
Figure 10. Common Emitter Characteristics
Figure 11. Common Emitter Characteristics
Figure 12. Common Emitter Characteristics
10
100
1000
0
80
160
240
320
400
I
- COLLECTOR CURRENT (mA)
I
= I
=
t on
t off
B1
C
B2
I c
10
V
= 25 V
cc
IC
10
100
1000
0
80
160
240
320
400
I
- COLLECTOR CURRENT (mA)
I
= I
=
t r
t s
B1
C
B2
I c
10
V
= 25 V
cc
t f
t d
IC
0
25
50
75
100
125
150
0
0.25
0.5
0.75
1
TEMPERATURE ( C)
o
SOT-223
TO-92
SOT-23
0
10203040
5060
0
2
4
6
8
I - COLLECTOR CURRENT (mA)
V
= 10 V
CE
C
T
= 25 C
A
o
hoe
h re
h fe
h ie
0
204060
80
100
0
0.4
0.8
1.2
1.6
2
2.4
T - AMBIENT TEMPERATURE ( C)
V
= 10 V
CE
A
I = 10 mA
C
hoe
hre
hfe
h ie
o
0
5
10
15
20
25
30
35
0.75
0.8
0.85
0.9
0.95
1
1.05
1.1
1.15
1.2
1.25
1.3
V
- COLLECTOR VOLTAGE (V)
CE
T
= 25 C
A
o
hoe
h re
h fe
h ie
I = 10 mA
C


Podobny numer części - PZT2222A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
PZT2222A PHILIPS-PZT2222A Datasheet
46Kb / 8P
   NPN switching transistor
1999 Apr 14
logo
GUANGDONG HOTTECH INDUS...
PZT2222A HOTTECH-PZT2222A Datasheet
379Kb / 2P
   Plastic-Encapsulate Transistors
logo
Siemens Semiconductor G...
PZT2222A SIEMENS-PZT2222A Datasheet
126Kb / 6P
   NPN Silicon Switching Transistors
logo
ON Semiconductor
PZT2222A ONSEMI-PZT2222A Datasheet
113Kb / 5P
   NPN Silicon Planar Epitaxial Transistor
August, 2013 ??Rev. 9
logo
Fairchild Semiconductor
PZT2222A FAIRCHILD-PZT2222A Datasheet
113Kb / 6P
   NPN General Purpose Amplifier
More results

Podobny opis - PZT2222A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
BCW33 FAIRCHILD-BCW33 Datasheet
85Kb / 5P
   NPN General Purpose Amplifier
BSR14 FAIRCHILD-BSR14 Datasheet
49Kb / 3P
   NPN General Purpose Amplifier
PN2484 FAIRCHILD-PN2484 Datasheet
39Kb / 2P
   NPN General Purpose Amplifier
PN3643 FAIRCHILD-PN3643 Datasheet
23Kb / 2P
   NPN General Purpose Amplifier
MPSW01 FAIRCHILD-MPSW01 Datasheet
140Kb / 5P
   NPN General Purpose Amplifier
logo
Unisonic Technologies
BC817 UTC-BC817 Datasheet
79Kb / 4P
   NPN GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
MPSA18 FAIRCHILD-MPSA18_01 Datasheet
296Kb / 7P
   NPN General Purpose Amplifier
2N3904 FAIRCHILD-2N3904 Datasheet
64Kb / 7P
   NPN General Purpose Amplifier
2N4124 FAIRCHILD-2N4124 Datasheet
93Kb / 2P
   NPN General Purpose Amplifier
2N4410 FAIRCHILD-2N4410 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
2N4953 FAIRCHILD-2N4953 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com