Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

X0605MK Arkusz danych(PDF) 1 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Numer części X0605MK
Szczegółowy opis  Thyristor in a TO-92 Plastic Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Strona internetowa  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

X0605MK Arkusz danych(HTML) 1 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  X0605MK Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. X0605MK Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. X0605MK Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. X0605MK Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. X0605MK Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. X0605MK Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
X0605MK
Rev.F Mar.-2016
DATA SHEET
http://www.fsbrec.com
1 / 6
TO-92 塑封封装单向可控硅。Thyristor in a TO-92 Plastic Package.
较低的通态压降,灵敏一致的触发特性,可靠性高。
Lower on state voltage drop,Sensitive and consistent trigger characteristics,High reliability.
广泛应用于各种脉冲点火器,负离子发生器,小型马达控制器,漏电保护器等线路功率控制。
Used in pulse ignition devices, negative ion generator,small motor controller,leakage protection and
other circuit power control.
PIN1
:Anode
PIN 2
:Gate
PIN 3
:Cathode
放大及印章代码 / hFE Classifications & Marking
见印章说明。See Marking Instructions.
描述 / Descriptions
特征 / Features
用途 / Applications
内部等效电路 / Equivalent Circuit
引脚排列 / Pinning
1 23


Podobny numer części - X0605MK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
X06FF3 ETC-X06FF3 Datasheet
87Kb / 2P
   600 V - 1,000 V Rectifiers
X06FF5 ETC-X06FF5 Datasheet
87Kb / 2P
   600 V - 1,000 V Rectifiers
More results

Podobny opis - X0605MK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Foshan Blue Rocket Elec...
MCR22 FOSHAN-MCR22 Datasheet
1Mb / 6P
   Thyristor in a TO-92 Plastic Package
C106 FOSHAN-C106 Datasheet
788Kb / 6P
   Thyristor in a TO-92 Plastic Package
MCR100 FOSHAN-MCR100 Datasheet
788Kb / 6P
   Thyristor in a TO-92 Plastic Package
2N5064 FOSHAN-2N5064 Datasheet
1Mb / 6P
   Thyristor in a TO-92 Plastic Package
X0205MA FOSHAN-X0205MA Datasheet
1Mb / 6P
   Thyristor in a TO-92 Plastic Package
PCR406 FOSHAN-PCR406 Datasheet
705Kb / 6P
   Thyristor in a TO-92 Plastic Package
XL1225 FOSHAN-XL1225 Datasheet
702Kb / 6P
   Thyristor in a TO-92 Plastic Package
MAC97A8 FOSHAN-MAC97A8 Datasheet
938Kb / 7P
   Triac in a TO-92 Plastic Package
BT131 FOSHAN-BT131 Datasheet
763Kb / 6P
   Triac in a TO-92 Plastic Package
MAC97A6 FOSHAN-MAC97A6 Datasheet
921Kb / 7P
   Triac in a TO-92 Plastic Package
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com