Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PMC-1001ZHL Arkusz danych(PDF) 1 Page - PIC GmbH

Numer części PMC-1001ZHL
Szczegółowy opis  Standard SMD Reed Switch
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PIC [PIC GmbH]
Strona internetowa  http://www.pic-gmbh.com
Logo PIC - PIC GmbH

PMC-1001ZHL Arkusz danych(HTML) 1 Page - PIC GmbH

  PMC-1001ZHL Datasheet HTML 1Page - PIC GmbH PMC-1001ZHL Datasheet HTML 2Page - PIC GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
S W T
I C HI N G T HE S M A R T WAY
PMC-1001ZHL
Contact rating max.
10
Switching current max.
0.7
Drop out min.
4
Operate time max. (incl. bounce)
0.5
Release time max.
0.3
Switching frequency max.
500
Resonant frequency typ.
5000
Vibration
20
Shock
100
Operating temperature
-40
Insulation resistance min.
9
PMC-1001ZHL
Carry current max.
Switching voltage max.
Breakdown voltage min.
Contact resistance max. (initial)
Pull in range available
Test coil
Standard SMD Reed Switch
Magnetical Characteristics (of unmodified Reed Switch)
Operating Characteristics
Environmental Characteristics
Contact form
A
10
180
130
1
200
200
VDC
VAC
W / VA
A
A
VDC
mΩ
10 - 25
010
AT
AT
Contact material
Ru
Test equipment tolerance
2
125
to +
ms
ms
Hz
Hz
TC
± AT
°C
g
g
@ 25 °C
@ 25 °C
Packing Unit
2500
Weight per piece
0.2
Weight per package
1050
g
g
pcs
Standard AT ranges
Features
Dimensions in mm
Approvals
Ordering example
PMC-1001ZHL1015 describes
PMC-1001ZHL with 10 to 15 AT
(50-2000 Hz)
(1/2 sin 11 ms)
Reel size
13 inches
Storage temperature
-40
125
Soldering temperature max.
255
Lead tensile strength min.
3
°C
°C
kg
to +
Electrical Characteristics
@ 25 °C
Ordering Information
10
15
to
AT
15
20
to
AT
20
25
to
AT
Small size
Minimum height above PCB
Over 1 billion reliable operations at
dry circuits or low level loads
Suitable for automated assembly
Suitable for lead-free soldering
Tape & reel packaging
Mechanically protected
PIC Proximity Instrumentation Controls
Kontaktbauelemente GmbH
Phone +49 911 99 59 06-0
Fax
+49 911 99 59 06-99
Rev.:
1.2
pmc1001zhl_ds_e_1.2
info@pic-gmbh.com
www.pic-gmbh.com
Nibelungenstr. 5 A
90530 Wendelstein, Germany
Page 1 of 2


Podobny numer części - PMC-1001ZHL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
PIC GmbH
PMC-1001Z PIC-PMC-1001Z Datasheet
158Kb / 2P
   Standard SMD Reed Switch
More results

Podobny opis - PMC-1001ZHL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
PIC GmbH
PMC-1401Z PIC-PMC-1401Z Datasheet
159Kb / 2P
   Standard SMD Reed Switch
PMC-1001FH PIC-PMC-1001FH Datasheet
145Kb / 2P
   Standard SMD Reed Switch
PMC-1401FH PIC-PMC-1401FH Datasheet
146Kb / 2P
   Standard SMD Reed Switch
PMC-1001F PIC-PMC-1001F Datasheet
156Kb / 2P
   Standard SMD Reed Switch
PMC-1001Z PIC-PMC-1001Z Datasheet
158Kb / 2P
   Standard SMD Reed Switch
PMC-1402S PIC-PMC-1402S Datasheet
399Kb / 2P
   Standard SMD Reed Switch
PMC-1401F PIC-PMC-1401F Datasheet
159Kb / 2P
   Standard SMD Reed Switch
PMC-1401T PIC-PMC-1401T Datasheet
291Kb / 5P
   Standard-SMD-Reed Switch for automated assembly
PMC-1506 PIC-PMC-1506 Datasheet
26Kb / 1P
   Standard Reed Switch
PMC-1001 PIC-PMC-1001 Datasheet
34Kb / 1P
   Standard Reed Switch
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com