Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ELGT-150-C Arkusz danych(PDF) 8 Page - Mean Well Enterprises Co., Ltd.

Numer części ELGT-150-C
Szczegółowy opis  105~150W Class ??Constant Current Mode LED Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MEANWELL [Mean Well Enterprises Co., Ltd.]
Strona internetowa  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

ELGT-150-C Arkusz danych(HTML) 8 Page - Mean Well Enterprises Co., Ltd.

Back Button ELGT-150-C Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. ELGT-150-C Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. ELGT-150-C Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. ELGT-150-C Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. ELGT-150-C Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd. ELGT-150-C Datasheet HTML 7Page - Mean Well Enterprises Co., Ltd. ELGT-150-C Datasheet HTML 8Page - Mean Well Enterprises Co., Ltd. ELGT-150-C Datasheet HTML 9Page - Mean Well Enterprises Co., Ltd. ELGT-150-C Datasheet HTML 10Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
LIFE TIME
Tcase
( )
ELGT-150-C series
File Name:ELGT-150-C-SPEC 2017-07-10
0
20
40
60
80
100
120
20
30
40
50
60
70
80
90
105~150W Class
Constant Current Mode LED Driver


Podobny numer części - ELGT-150-C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Kemet Corporation
ELG KEMET-ELG Datasheet
5Mb / 66P
   Aluminum Electrolytic Capacitors
logo
Mean Well Enterprises C...
ELG-100 MEANWELL-ELG-100 Datasheet
153Kb / 7P
   100W Single Output Switching Power Supply
ELG-100-36-A MEANWELL-ELG-100-36-A Datasheet
153Kb / 7P
   100W Single Output Switching Power Supply
ELG-100-C MEANWELL-ELG-100-C Datasheet
148Kb / 7P
   100W Single Output LED Power Supply
ELG-100-C500-A MEANWELL-ELG-100-C500-A Datasheet
148Kb / 7P
   100W Single Output LED Power Supply
More results

Podobny opis - ELGT-150-C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mean Well Enterprises C...
ELG-150U MEANWELL-ELG-150U Datasheet
1Mb / 8P
   150W Constant Voltage Constant Current LED Driver
logo
Inventronics Inc.
EUC-150SXXXDDA INVENTRONICS-EUC-150SXXXDDA Datasheet
289Kb / 8P
   150W Class II Constant Current IP67 Driver
Rev. D
logo
Mean Well Enterprises C...
XLG-150 MEANWELL-XLG-150 Datasheet
725Kb / 9P
   150W Constant Power Mode LED Driver
ELG-150 MEANWELL-ELG-150_V01 Datasheet
341Kb / 11P
    84-150W Constant Voltage Constant Current LED Driver
2018-05-29
logo
Inventronics Inc.
EBC-150SXXXSVA000X INVENTRONICS-EBC-150SXXXSVA000X Datasheet
206Kb / 8P
   150W Constant Current IP67 Driver
Rev. D
ESC-150SXXXDT INVENTRONICS-ESC-150SXXXDT Datasheet
676Kb / 10P
   150W Constant Current IP67 Driver
Rev. O
EUC-150SXXXDV INVENTRONICS-EUC-150SXXXDV Datasheet
562Kb / 12P
   150W Constant Current IP67 Driver
Rev. F
ETC-150SXXXDT INVENTRONICS-ETC-150SXXXDT Datasheet
565Kb / 9P
   150W Constant Current IP67 Driver
Rev. F
EUC-150SXXXDVA INVENTRONICS-EUC-150SXXXDVA Datasheet
590Kb / 11P
   150W Constant Current IP67 Driver
Rev. D
EUC-150SXXXDT INVENTRONICS-EUC-150SXXXDT Datasheet
647Kb / 14P
   150W Constant Current IP67 Driver
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com