Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

RR1VWM4STF Arkusz danych(PDF) 1 Page - Rohm

Numer części RR1VWM4STF
Szczegółowy opis  Rectifier Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

RR1VWM4STF Arkusz danych(HTML) 1 Page - Rohm

  RR1VWM4STF Datasheet HTML 1Page - Rohm RR1VWM4STF Datasheet HTML 2Page - Rohm RR1VWM4STF Datasheet HTML 3Page - Rohm RR1VWM4STF Datasheet HTML 4Page - Rohm RR1VWM4STF Datasheet HTML 5Page - Rohm RR1VWM4STF Datasheet HTML 6Page - Rohm RR1VWM4STF Datasheet HTML 7Page - Rohm RR1VWM4STF Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Data Sheet
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
Rectifier Diode
RR1VWM4STF
l
Series
l
Dimensions (Unit : mm)
l
Land Size Figure (Unit : mm)
Standard Rectifier
l
Applications
General rectification
l
Features
1) Low forward voltage
l
Structure
2)
3) Small mold type
(PMDE)
l
Taping Dimensions (Unit : mm)
l
Construction
Silicon diffused junction type
l
Absolute Maximum Ratings (T
l= 25°C)
Repetitive peak reverse voltage
VRM
V
Reverse voltage
VR
V
Junction temperature
Tj
°C
Storage temperature
Tstg
°C
l
Electrical Characteristics (T
j= 25°C)
Symbol
Min.
Typ. Max.
Unit
VF
0.9
1.08
1.2
V
Reverse current
IR
-
-
10
mA
Thermal resistance
Rth(j-l)
-
-
30
°C/W
Forward voltage
Parameter
A
IFSM
Non-repetitive forward surge current
60Hz half sin wave,
15
A
Average current
Io
On glass epoxy substrate,
60Hz half sin wave , Resistive load
Unit
400
Parameter
Conditions
Duty≦0.5
Junction to lead
Direct voltage
IF=1A
Conditions
Non-repetitive at Tj=25ºC
-
-
VR=400V
Tl=125°C
High current overload capacity
1
400
175
-55 to +175
Symbol
Limits
PMDE
Anode
Cathode
ROHM : PMDE
dot (year week factory) + day
1.1
0.8
1/4
2016.07 - Rev.A
AEC-Q101 Qualified


Podobny numer części - RR1VWM4STF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
RR1VWM4S ROHM-RR1VWM4S Datasheet
884Kb / 7P
   Rectifier Diode
More results

Podobny opis - RR1VWM4STF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
1SR154-400 ROHM-1SR154-400_1 Datasheet
136Kb / 4P
   Rectifier diode
logo
eupec GmbH
D1481N EUPEC-D1481N Datasheet
217Kb / 8P
   Rectifier Diode
logo
SEMPO ELECTRONIC Limite...
SMDCX-3000 SEMPO-SMDCX-3000 Datasheet
50Kb / 1P
   RECTIFIER DIODE
SMDCX-2000 SEMPO-SMDCX-2000 Datasheet
50Kb / 1P
   RECTIFIER DIODE
SMD-12 SEMPO-SMD-12 Datasheet
37Kb / 1P
   Rectifier Diode
SMDCX-300 SEMPO-SMDCX-300 Datasheet
49Kb / 1P
   Rectifier Diode
SMDCX-400 SEMPO-SMDCX-400 Datasheet
49Kb / 1P
   Rectifier Diode
SMDCX-500 SEMPO-SMDCX-500 Datasheet
49Kb / 1P
   Rectifier Diode
logo
Semikron International
SK3 SEMIKRON-SK3 Datasheet
317Kb / 3P
   Rectifier Diode
logo
Rohm
1SR139-600 ROHM-1SR139-600 Datasheet
164Kb / 4P
   Rectifier diode
logo
ABB
5SDD33L5500 ABB-5SDD33L5500 Datasheet
829Kb / 6P
   Rectifier Diode
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com