Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV163A Arkusz danych(PDF) 9 Page - Texas Instruments

Numer części 74LV163A
Szczegółowy opis  4BIT SYNCHRONOUS BINARY
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

74LV163A Arkusz danych(HTML) 9 Page - Texas Instruments

Back Button 74LV163A Datasheet HTML 5Page - Texas Instruments 74LV163A Datasheet HTML 6Page - Texas Instruments 74LV163A Datasheet HTML 7Page - Texas Instruments 74LV163A Datasheet HTML 8Page - Texas Instruments 74LV163A Datasheet HTML 9Page - Texas Instruments 74LV163A Datasheet HTML 10Page - Texas Instruments 74LV163A Datasheet HTML 11Page - Texas Instruments 74LV163A Datasheet HTML 12Page - Texas Instruments 74LV163A Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
SN54LV163A, SN74LV163A
4BIT SYNCHRONOUS BINARY COUNTERS
SCLS405F − APRIL 1998 − REVISED APRIL 2005
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching
characteristics
over
recommended
operating
free-air
temperature
range,
VCC = 2.5 V ± 0.2 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
SN54LV163A
SN74LV163A
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
LOAD
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
fmax
CL = 15 pF
50*
115*
40*
40
MHz
fmax
CL = 50 pF
30
90
25
25
MHz
Q
8.5*
16.2*
1*
19.5*
1
19.5
tpd
CLK
RCO
(count mode)
CL = 15 pF
9.1*
17*
1*
20.5*
1
20.5
ns
tpd
CLK
RCO
(preset mode)
CL = 15 pF
12.1*
20.6*
1*
24.5*
1
24.5
ns
ENT
RCO
8.7*
15.7*
1*
19*
1
19
Q
11
19.2
1
22.5
1
22.5
tpd
CLK
RCO
(count mode)
CL = 50 pF
11.9
20
1
23.5
1
23.5
ns
tpd
CLK
RCO
(preset mode)
CL = 50 pF
14.6
23.6
1
27.5
1
27.5
ns
ENT
RCO
11.7
18.7
1
22
1
22
* On products compliant to MIL-PRF-38535, this parameter is not production tested.
switching
characteristics
over
recommended
operating
free-air
temperature
range,
VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
SN54LV163A
SN74LV163A
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
LOAD
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
fmax
CL = 15 pF
80*
160*
70*
70
MHz
fmax
CL = 50 pF
55
125
50
50
MHz
Q
6.2*
12.8*
1*
15*
1
15
tpd
CLK
RCO
(count mode)
CL = 15 pF
6.8*
13.6*
1*
16*
1
16
ns
tpd
CLK
RCO
(preset mode)
CL = 15 pF
8.8*
17.2*
1*
20*
1
20
ns
ENT
RCO
6.5*
12.3*
1*
14.5*
1
14.5
Q
8
16.3
1
18.5
1
18.5
tpd
CLK
RCO
(count mode)
CL = 50 pF
8.8
17.1
1
19.5
1
19.5
ns
tpd
CLK
RCO
(preset mode)
CL = 50 pF
10.7
20.7
1
23.5
1
23.5
ns
ENT
RCO
8.2
15.8
1
18
1
18
* On products compliant to MIL-PRF-38535, this parameter is not production tested.
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Podobny numer części - 74LV163A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LV163 PHILIPS-74LV163 Datasheet
142Kb / 14P
   Presettable synchronous 4-bit binary counter; synchronous reset
1998 Apr 30
74LV163D PHILIPS-74LV163D Datasheet
142Kb / 14P
   Presettable synchronous 4-bit binary counter; synchronous reset
1998 Apr 30
74LV163DB PHILIPS-74LV163DB Datasheet
142Kb / 14P
   Presettable synchronous 4-bit binary counter; synchronous reset
1998 Apr 30
74LV163N PHILIPS-74LV163N Datasheet
142Kb / 14P
   Presettable synchronous 4-bit binary counter; synchronous reset
1998 Apr 30
74LV163PW PHILIPS-74LV163PW Datasheet
142Kb / 14P
   Presettable synchronous 4-bit binary counter; synchronous reset
1998 Apr 30
More results

Podobny opis - 74LV163A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC74HC161AP TOSHIBA-TC74HC161AP_07 Datasheet
644Kb / 15P
   Binary, Synchronous Clear
logo
Fairchild Semiconductor
MM74HC161 FAIRCHILD-MM74HC161_03 Datasheet
108Kb / 9P
   Synchronous Binary Counter with Asynchronous Clear Synchronous Binary Counter with Synchronous Clear
MM74HC161 FAIRCHILD-MM74HC161 Datasheet
85Kb / 8P
   Synchronous Binary Counter with Asynchronous Clear . Synchronous Binary Counter with Synchronous Clear
74AC163 FAIRCHILD-74AC163 Datasheet
112Kb / 11P
   Synchronous Presettable Binary Counter
logo
Renesas Technology Corp
HD74ACT161 RENESAS-HD74ACT161 Datasheet
221Kb / 9P
   Synchronous Presettable Binary Counter
logo
Fairchild Semiconductor
74F161A FAIRCHILD-74F161A Datasheet
96Kb / 8P
   Synchronous Presettable Binary Counter
logo
ON Semiconductor
MC74AC161 ONSEMI-MC74AC161 Datasheet
192Kb / 15P
   Synchronous Presettable Binary Counter
March, 2006 ??Rev. 7
logo
Fairchild Semiconductor
74163 FAIRCHILD-74163 Datasheet
112Kb / 11P
   Synchronous Presettable Binary Counter
logo
AVG Semiconductors(HITE...
DV74ACT163 AVG-DV74ACT163 Datasheet
438Kb / 5P
   Synchronous Presettable Binary counter
logo
ON Semiconductor
MC74AC161 ONSEMI-MC74AC161_15 Datasheet
115Kb / 12P
   Synchronous Presettable Binary Counter
January, 2015 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com