Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STP5950 Arkusz danych(PDF) 1 Page - Stanson Technology

Numer części STP5950
Szczegółowy opis  P Channel Enhancement Mode MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STANSON [Stanson Technology]
Strona internetowa  http://www.stansontech.com
Logo STANSON - Stanson Technology

STP5950 Arkusz danych(HTML) 1 Page - Stanson Technology

  STP5950 Datasheet HTML 1Page - Stanson Technology STP5950 Datasheet HTML 2Page - Stanson Technology STP5950 Datasheet HTML 3Page - Stanson Technology STP5950 Datasheet HTML 4Page - Stanson Technology STP5950 Datasheet HTML 5Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
STP5950
P Channel Enhancement Mode MOSFET
-35.0A
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
www.stansontech.com
Copyright © 2009, Stanson Corp.
STP5950 2016 V1
DESCRIPTION
STP5950 is the P-Channel logic enhancement mode power field effect transistor which
is produced using high cell density, DMOS trench technology.
This high density process is especially tailored to minimize on-state resistance.
These device is particularly suited for low voltage application, notebook computer
power management and other battery circuits where high-side switching.
PIN CONFIGURATION
ABSOULTE MAXIMUM RATINGS (Ta = 25℃ Unless otherwise noted )
Parameter
Symbol
Typical
Unit
Drain-Source Voltage
VDSS
-100
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current
(TJ=150℃)
TA=25℃
TA=80℃
ID
-35.0
-33.0
A
Pulsed Drain Current
IDM
-140
A
Power Dissipation
TA=25℃
PD
140
W
Operation Junction Temperature
TJ
-55/150
Storgae Temperature Range
TSTG
-55/150
Thermal Resistance-Junction to Ambient
RθJA
62
/W
FEATURE
l
-100V/-15A, RDS(ON) = 36mΩ (Typ.)
@VGS = -10V
l
-100V/-10A, RDS(ON) = 40mΩ
@VGS = -4.5V
l
Super high density cell design for
extremely low RDS(ON)
l
Exceptional on-resistance and
maximum DC current capability
l
TO-220 package design


Podobny numer części - STP5950

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STP50N06 STMICROELECTRONICS-STP50N06 Datasheet
201Kb / 10P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
STP50N06FI STMICROELECTRONICS-STP50N06FI Datasheet
201Kb / 10P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
STP50N06L STMICROELECTRONICS-STP50N06L Datasheet
199Kb / 10P
   N - CHANNEL ENHANCEMENT MODE LOW THRESHOLD POWER MOS TRANSISTOR
STP50N06LFI STMICROELECTRONICS-STP50N06LFI Datasheet
199Kb / 10P
   N - CHANNEL ENHANCEMENT MODE LOW THRESHOLD POWER MOS TRANSISTOR
logo
VBsemi Electronics Co.,...
STP50N06LFI VBSEMI-STP50N06LFI Datasheet
2Mb / 8P
   N-Channel 60 V (D-S) MOSFET
More results

Podobny opis - STP5950

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AUK corp
STJ828SF AUK-STJ828SF Datasheet
300Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
   P-Channel Enhancement Mode MOSFET
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
   P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM2095P ANPEC-APM2095P Datasheet
201Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095P ANPEC-APM3095P Datasheet
140Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM4461 ANPEC-APM4461 Datasheet
568Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095PU ANPEC-APM3095PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM3195PU ANPEC-APM3195PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4425K ANPEC-APM4425K Datasheet
119Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4435K ANPEC-APM4435K Datasheet
191Kb / 10P
   P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com