Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STP5950 Arkusz danych(PDF) 2 Page - Stanson Technology

Numer części STP5950
Szczegółowy opis  P Channel Enhancement Mode MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STANSON [Stanson Technology]
Strona internetowa  http://www.stansontech.com
Logo STANSON - Stanson Technology

STP5950 Arkusz danych(HTML) 2 Page - Stanson Technology

  STP5950 Datasheet HTML 1Page - Stanson Technology STP5950 Datasheet HTML 2Page - Stanson Technology STP5950 Datasheet HTML 3Page - Stanson Technology STP5950 Datasheet HTML 4Page - Stanson Technology STP5950 Datasheet HTML 5Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
STP5950
P Channel Enhancement Mode MOSFET
-35.0A
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
www.stansontech.com
Copyright © 2009, Stanson Corp.
STP5950 2016 V1
ELECTRICAL CHARACTERISTICS ( Ta = 25℃ Unless otherwise noted )
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Static
Drain-Source
Breakdown Voltage
V(BR)DSS
VGS=0V,ID=-250mA
-100
V
Gate Threshold
Voltage
VGS(th)
VDS=VGS,ID=-250uA
-1.0
-2.5
V
Gate Leakage Current
IGSS
VDS=0V,VGS=±20V
±100
nA
Zero Gate Voltage
Drain Current
IDSS
VDS=-100V,VGS=0V
-1
uA
VDS=-80V,VGS=0V
TJ=85℃
-10
Drain-source On-
Resistance
RDS(on)
VGS=-10V,ID=-15A
VGS=-4.5V,ID=-10A
36
40
45
55
Forward
Transconductance
gfs
VDS=-30V,ID=-10A
21
S
Diode Forward Voltage
VSD
IS=-1A,VGS=0V
-1.0
V
Dynamic
Total Gate Charge
Qg
VDS=-50V
VGS=-10V
ID≡-10A
95
150
nC
Gate-Source Charge
Qgs
16
30
Gate-Drain Charge
Qgd
13.8
26
Input Capacitance
Ciss
VDS =-25V
VGS=0V
F=1MHz
2800 3600
pF
Output Capacitance
Coss
1300 1700
Reverse
TransferCapacitance
Crss
320
420
Turn-On Time
td(on)
tr
VDS=-50V
RG= 25Ω
ID=-5A
58
110
nS
24
50
Turn-Off Time
td(off)
tf
215
450
55
100


Podobny numer części - STP5950

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STP50N06 STMICROELECTRONICS-STP50N06 Datasheet
201Kb / 10P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
STP50N06FI STMICROELECTRONICS-STP50N06FI Datasheet
201Kb / 10P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
STP50N06L STMICROELECTRONICS-STP50N06L Datasheet
199Kb / 10P
   N - CHANNEL ENHANCEMENT MODE LOW THRESHOLD POWER MOS TRANSISTOR
STP50N06LFI STMICROELECTRONICS-STP50N06LFI Datasheet
199Kb / 10P
   N - CHANNEL ENHANCEMENT MODE LOW THRESHOLD POWER MOS TRANSISTOR
logo
VBsemi Electronics Co.,...
STP50N06LFI VBSEMI-STP50N06LFI Datasheet
2Mb / 8P
   N-Channel 60 V (D-S) MOSFET
More results

Podobny opis - STP5950

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AUK corp
STJ828SF AUK-STJ828SF Datasheet
300Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
   P-Channel Enhancement Mode MOSFET
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
   P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM2095P ANPEC-APM2095P Datasheet
201Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095P ANPEC-APM3095P Datasheet
140Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM4461 ANPEC-APM4461 Datasheet
568Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095PU ANPEC-APM3095PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM3195PU ANPEC-APM3195PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4425K ANPEC-APM4425K Datasheet
119Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4435K ANPEC-APM4435K Datasheet
191Kb / 10P
   P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com