Zakładka z wyszukiwarką danych komponentów |
|
GPDR3620 Arkusz danych(PDF) 1 Page - Green Power Solutions srl |
|
GPDR3620 Arkusz danych(HTML) 1 Page - Green Power Solutions srl |
1 / 2 page GPDR3620 RECTIFIER DIODE VOLTAGE UP TO 2800 V AVERAGE CURRENT 6200 A SURGE CURRENT 55 kA BLOCKING CHARACTERISTICS Characteristic Conditions VRRM Repetitive peak reverse voltage 2800 V VRSM Non-repetitive peak reverse voltage 2800 V IRRM Repetitive peak reverse current, max. VRRM, single phase, half wave, Tj = 175 °C 150 mA FORWARD CHARACTERISTICS IF(AV) Average forward current Sine wave,180° conduction, Th = 55°C 6200 A IF(RMS) R.M.S. forward current Sine wave,180° conduction, Th = 55°C 9739 A IFSM Surge forward current Non rep. half sine wave, 50 Hz, VR = 0 V, Tj = Tjmax 55 kA I²t I² t for fusing coordination 15125 kA²s VF(TO) Threshold voltage Tj = Tjmax 0.85 V rF Forward slope resistance Tj = Tjmax 0.065 m W VFM Peak forward voltage, max Forward current IF = 5000 A, Tj = Tjmax 1.2 V SWITCHING CHARACTERISTICS Qrr Rverse recovery charge, typ Tj = Tjmax, IF = 2000 A, di/dt = -5 A/µs µC Irr Reverse recovery current VR = 100 V A trr Reverse recovery time µs THERMAL AND MECHANICAL CHARACTERISTICS Rth(j-c) Thermal resistance (junction to case) Double side cooled 0.009 °C/W Rth(c-h) Thermal resistance (case to heatsink) Double side cooled 0.002 °C/W Tjmax Max operating junction temperature 175 °C Tstg Storage temperature -40 / 175 °C F Clamping force ± 10% 50 kN Mass 1500 g Document GPDR3620T001 Value Green Power Solutions srl Via Venezia 34D - 10088 Volpiano (TO), Italy Phone: +39-011-988 2251 Fax: +39-011-988 1358 Web: www.gpsemi.it e-mail: info@gpsemi.it |
Podobny numer części - GPDR3620 |
|
Podobny opis - GPDR3620 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |