Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GPDR3620 Arkusz danych(PDF) 2 Page - Green Power Solutions srl

Numer części GPDR3620
Szczegółowy opis  RECTIFIER DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  GPSEMI [Green Power Solutions srl]
Strona internetowa  http://www.gpsemi.it
Logo GPSEMI - Green Power Solutions srl

GPDR3620 Arkusz danych(HTML) 2 Page - Green Power Solutions srl

  GPDR3620 Datasheet HTML 1Page - Green Power Solutions srl GPDR3620 Datasheet HTML 2Page - Green Power Solutions srl  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RECTIFIER DIODE
GPDR3620
Ordering information GPDR3620-VV
VV: blocking voltage / 100 (e.g. 28 for 2800V)
Document GPDR3620T001
0
10
20
30
40
50
60
1
10
100
Number of cycle current pulses [n]
Maximum surge current
d.s. cooled
0.000
0.001
0.002
0.003
0.004
0.005
0.006
0.007
0.008
0.009
0.001
0.01
0.1
1
10
100
Time [s]
Thermal Impedance (j-c)
0
2000
4000
6000
8000
10000
12000
14000
0.5
1
1.5
2
V
F [V]
Forward voltage drop
Tj=Tjmax
50
70
90
110
130
150
170
0
1000 2000 3000 4000 5000 6000 7000
I
F [A]
Current rating - sine wave
180
°
90
°
120
°
60
°
30
°
0
2000
4000
6000
8000
10000
12000
0
1000 2000 3000 4000 5000 6000 7000
I
F [A]
Power loss - sine wave
180
°
120
°
90
°
60
°
30
°
In the interest of product improvement Green Power Solutions reserves the right to change any specification given in this data sheet
without notice.
dimensions mm


Podobny numer części - GPDR3620

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Green Power Solutions s...
GPDR3652 GPSEMI-GPDR3652 Datasheet
112Kb / 1P
   RECTIFIER DIODE
GPDR3652 GPSEMI-GPDR3652 Datasheet
150Kb / 2P
   RECTIFIER DIODE
GPDR3652 GPSEMI-GPDR3652_12 Datasheet
150Kb / 2P
   RECTIFIER DIODE
GPDR3692 GPSEMI-GPDR3692 Datasheet
333Kb / 2P
   RECTIFIER DIODE
GPDR3692 GPSEMI-GPDR3692_17 Datasheet
333Kb / 2P
   RECTIFIER DIODE
More results

Podobny opis - GPDR3620

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
1SR154-400 ROHM-1SR154-400_1 Datasheet
136Kb / 4P
   Rectifier diode
logo
eupec GmbH
D1481N EUPEC-D1481N Datasheet
217Kb / 8P
   Rectifier Diode
logo
SEMPO ELECTRONIC Limite...
SMDCX-3000 SEMPO-SMDCX-3000 Datasheet
50Kb / 1P
   RECTIFIER DIODE
SMDCX-2000 SEMPO-SMDCX-2000 Datasheet
50Kb / 1P
   RECTIFIER DIODE
SMD-12 SEMPO-SMD-12 Datasheet
37Kb / 1P
   Rectifier Diode
SMDCX-300 SEMPO-SMDCX-300 Datasheet
49Kb / 1P
   Rectifier Diode
SMDCX-400 SEMPO-SMDCX-400 Datasheet
49Kb / 1P
   Rectifier Diode
SMDCX-500 SEMPO-SMDCX-500 Datasheet
49Kb / 1P
   Rectifier Diode
logo
Semikron International
SK3 SEMIKRON-SK3 Datasheet
317Kb / 3P
   Rectifier Diode
logo
Rohm
1SR139-600 ROHM-1SR139-600 Datasheet
164Kb / 4P
   Rectifier diode
logo
ABB
5SDD33L5500 ABB-5SDD33L5500 Datasheet
829Kb / 6P
   Rectifier Diode
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com