Zakładka z wyszukiwarką danych komponentów |
|
GPTP2199 Arkusz danych(PDF) 1 Page - Green Power Solutions srl |
|
GPTP2199 Arkusz danych(HTML) 1 Page - Green Power Solutions srl |
1 / 2 page Phone: +39-011-988 2251 Fax: +39-011-988 1358 http://gpsemi.it/pdf/GPTP2199.pdf GPTP2199 PHASE CONTROLLED SCR High reliability operation DC power supply AC drives VOLTAGE UP TO 1800 V AVERAGE CURRENT 1990 A SURGE CURRENT 36 kA BLOCKING CHARACTERISTICS Characteristic Conditions VRRM Repetitive peak reverse voltage 1800 V VRSM Non-repetitive peak reverse voltage 1900 V VDRM Repetitive peak off-state voltage 1800 V IDRM Repetitive peak off-state current, max. VDRM, single phase, half wave, Tj = Tjmax 70 mA IRRM Repetitive peak reverse current, max. VRRM, single phase, half wave, Tj = Tjmax 70 mA ON-STATE CHARACTERISTICS IT(AV) Average on-state current Sine wave,180° conduction, Th = 55 °C 1990 A IT(RMS) R.M.S. on-state current Sine wave,180° conduction, Th = 55 °C 3126 A ITSM Surge on-state current Non rep. half sine wave, 50 Hz, VR = 0 V, Tj = Tjmax 36 kA I²t I² t for fusing coordination 6480 kA²s VT(TO) Threshold voltage Tj = Tjmax 0.80 V rT On-state slope resistance Tj = Tjmax 0.178 m W VTM Peak on-state voltage, max On-state current IT = 2900 A , Tj = 25 °C 1.40 V IH Holding current, max Tj = 25 °C 300 mA IL Latching current, typ Tj = 25 °C 700 mA TRIGGERING CHARACTERISTICS VGT Gate trigger voltage Tj = 25 °C, VD = 5 V 3.5 V IGT Gate trigger current Tj = 25 °C, VD = 5 V 300 mA VGD Non-trigger voltage VD = 67% VRRM, Tj = Tjmax 0.25 V PGM Peak gate power dissipation Pulse width 100 µs 150 W PG(AV) Average gate power dissipation 2 W IFGM Peak gate current 10 A VFGM Peak gate voltage (forward) 30 V VRGM Peak gate voltage (reverse) 5 V SWITCHING CHARACTERISTICS di/dt Critical rate of rise of on-state current Tj = Tjmax 200 A/µs dV/dt Critical rate of rise of off-state voltage Tj = Tjmax 1000 V/µs tq Turn-off time, typ Tj = Tjmax, IT = 1000 A, di/dt = -20 A/µs µs VR = 50 V, VD = 67% VDRM, dV/dt = 20 V/µs THERMAL AND MECHANICAL CHARACTERISTICS Rth(j-c) Thermal resistance (junction to case) Double side cooled 0.015 °C/W Rth(c-h) Thermal resistance (case to heatsink) Double side cooled 0.006 °C/W Tjmax Max operating junction temperature 125 °C Tstg Storage temperature -40 / 125 °C F Clamping force ± 5% 23 kN Mass 500 g Document GPTP2199T002 Value Green Power Solutions Srl Web: www.gpsemi.it e-mail: info@gpsemi.it |
Podobny numer części - GPTP2199_17 |
|
Podobny opis - GPTP2199_17 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |