Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GPTP3150 Arkusz danych(PDF) 1 Page - Green Power Solutions srl

Numer części GPTP3150
Szczegółowy opis  PHASE CONTROLLED SCR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  GPSEMI [Green Power Solutions srl]
Strona internetowa  http://www.gpsemi.it
Logo GPSEMI - Green Power Solutions srl

GPTP3150 Arkusz danych(HTML) 1 Page - Green Power Solutions srl

  GPTP3150_17 Datasheet HTML 1Page - Green Power Solutions srl GPTP3150_17 Datasheet HTML 2Page - Green Power Solutions srl  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Phone: +39-011-988 2251
Fax:
+39-011-988 1358
http://gpsemi.it/pdf/GPTP3150.pdf
GPTP3150
PHASE CONTROLLED SCR
High reliability operation
DC power supply
AC drives
VOLTAGE UP TO
2600 V
AVERAGE CURRENT
1500 A
SURGE CURRENT
28 kA
BLOCKING CHARACTERISTICS
Characteristic
Conditions
VRRM
Repetitive peak reverse voltage
2600
V
VRSM
Non-repetitive peak reverse voltage
2700
V
VDRM
Repetitive peak off-state voltage
2600
V
IDRM
Repetitive peak off-state current, max.
VDRM, single phase, half wave, Tj = Tjmax
70
mA
IRRM
Repetitive peak reverse current, max.
VRRM, single phase, half wave, Tj = Tjmax
70
mA
ON-STATE CHARACTERISTICS
IT(AV)
Average on-state current
Sine wave,180° conduction, Th = 55 °C
1500
A
IT(AV)
Average on-state current
Sine wave,180° conduction, Tc = 85 °C
1280
A
ITSM
Surge on-state current
Non rep. half sine wave, 50 Hz, VR = 0 V, Tj = Tjmax
28
kA
I²t
I² t for fusing coordination
3920
kA²s
VT(TO)
Threshold voltage
Tj = Tjmax
1.00
V
rT
On-state slope resistance
Tj = Tjmax
0.30
m
W
VTM
Peak on-state voltage, max
On-state current IT = 2900 A , Tj = 25 °C
1.80
V
IH
Holding current, max
Tj = 25 °C
300
mA
IL
Latching current, typ
Tj = 25 °C
700
mA
TRIGGERING CHARACTERISTICS
VGT
Gate trigger voltage
Tj = 25 °C, VD = 5 V
3.5
V
IGT
Gate trigger current
Tj = 25 °C, VD = 5 V
300
mA
VGD
Non-trigger voltage
VD = 67% VRRM, Tj = Tjmax
0.25
V
PGM
Peak gate power dissipation
Pulse width 100 µs
150
W
PG(AV)
Average gate power dissipation
2
W
IFGM
Peak gate current
10
A
VFGM
Peak gate voltage (forward)
30
V
VRGM
Peak gate voltage (reverse)
5
V
SWITCHING CHARACTERISTICS
di/dt
Critical rate of rise of on-state current
Tj = Tjmax
200
A/µs
dV/dt
Critical rate of rise of off-state voltage
Tj = Tjmax
1000
V/µs
tq
Turn-off time, typ
Tj = Tjmax, IT = 1000 A, di/dt = -20 A/µs
350
µs
VR = 50 V, VD = 67% VDRM, dV/dt = 20 V/µs
THERMAL AND MECHANICAL CHARACTERISTICS
Rth(j-c)
Thermal resistance (junction to case)
Double side cooled
0.016
°C/W
Rth(c-h)
Thermal resistance (case to heatsink)
Double side cooled
0.006
°C/W
Tjmax
Max operating junction temperature
125
°C
Tstg
Storage temperature
-40 / 125
°C
F
Clamping force ± 10%
24.5
kN
Mass
520
g
Document GPTP3150T003
Value
Green Power Solutions Srl
Web: www.gpsemi.it e-mail: info@gpsemi.it


Podobny numer części - GPTP3150_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Green Power Solutions s...
GPTP3150 GPSEMI-GPTP3150 Datasheet
122Kb / 2P
   PHASE CONTROLLED SCR
More results

Podobny opis - GPTP3150_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
GPTR3190 ETC2-GPTR3190 Datasheet
122Kb / 2P
   PHASE CONTROLLED SCR
logo
Green Power Solutions s...
GPTG2072 GPSEMI-GPTG2072_17 Datasheet
314Kb / 2P
   PHASE CONTROLLED SCR
GPTR4260 GPSEMI-GPTR4260 Datasheet
294Kb / 2P
   PHASE CONTROLLED SCR
GPTS7224 GPSEMI-GPTS7224 Datasheet
301Kb / 2P
   PHASE CONTROLLED SCR
GPTP2165 GPSEMI-GPTP2165_17 Datasheet
487Kb / 2P
   PHASE CONTROLLED SCR
GPTR1545 GPSEMI-GPTR1545 Datasheet
301Kb / 2P
   PHASE CONTROLLED SCR
GPTS3612 GPSEMI-GPTS3612 Datasheet
301Kb / 2P
   PHASE CONTROLLED SCR
GPTS4510 GPSEMI-GPTS4510 Datasheet
300Kb / 2P
   PHASE CONTROLLED SCR
GPTR4154 GPSEMI-GPTR4154 Datasheet
116Kb / 2P
   PHASE CONTROLLED SCR
GPTG2072 GPSEMI-GPTG2072 Datasheet
159Kb / 2P
   PHASE CONTROLLED SCR
GPTN5061 GPSEMI-GPTN5061 Datasheet
301Kb / 2P
   PHASE CONTROLLED SCR
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com