Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GPTR5230 Arkusz danych(PDF) 2 Page - Green Power Solutions srl

Numer części GPTR5230
Szczegółowy opis  PHASE CONTROLLED SCR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  GPSEMI [Green Power Solutions srl]
Strona internetowa  http://www.gpsemi.it
Logo GPSEMI - Green Power Solutions srl

GPTR5230 Arkusz danych(HTML) 2 Page - Green Power Solutions srl

  GPTR5230 Datasheet HTML 1Page - Green Power Solutions srl GPTR5230 Datasheet HTML 2Page - Green Power Solutions srl  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PHASE CONTROLLED SCR
GPTR5230
Ordering information GPTR5230-VVGL
VV: blocking voltage / 100 (e.g. 44 for 4400 V)
G: trigger lead type (S = straight T = twisted blank = no leads)
L: trigger lead lenght x 100mm (3 - 4 - 5 - 7 blank = no leads)
Document GPTR5230T002
0
500
1000
1500
2000
2500
3000
3500
4000
4500
5000
0
1
2
3
V
T [V]
On-state voltage drop
T
j=Tjmax
0
1000
2000
3000
4000
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
V
T [V]
On-state voltage drop
T
j=Tjmax
0
5
10
15
20
25
30
35
40
1
10
100
Number of cycle current pulses [n]
Maximum surge current
d.s. cooled
0
0.001
0.002
0.003
0.004
0.005
0.006
0.007
0.008
0.009
0.001
0.01
0.1
1
10
100
Time [s]
Thermal impedance (j-c)
In the interest of product improvement Green Power Solutions reserves the right to change any specification given in this data sheet
without notice.
50
60
70
80
90
100
110
120
130
0
400
800
1200
1600
2000
2400
I
T [A]
Current rating - sine wave
180
°
90
°
120
°
60
°
30
°
0
1000
2000
3000
4000
5000
6000
7000
0
400
800
1200
1600
2000
2400
I
T[A]
Power loss - sine wave
180
°
120
°
90
°
60
°
30
°
dimensions mm


Podobny numer części - GPTR5230

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Green Power Solutions s...
GPTR5222 GPSEMI-GPTR5222 Datasheet
299Kb / 2P
   PHASE CONTROLLED SCR
GPTR5226 GPSEMI-GPTR5226 Datasheet
122Kb / 2P
   PHASE CONTROLLED SCR
More results

Podobny opis - GPTR5230

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
GPTR3190 ETC2-GPTR3190 Datasheet
122Kb / 2P
   PHASE CONTROLLED SCR
logo
Green Power Solutions s...
GPTG2072 GPSEMI-GPTG2072_17 Datasheet
314Kb / 2P
   PHASE CONTROLLED SCR
GPTR4260 GPSEMI-GPTR4260 Datasheet
294Kb / 2P
   PHASE CONTROLLED SCR
GPTS7224 GPSEMI-GPTS7224 Datasheet
301Kb / 2P
   PHASE CONTROLLED SCR
GPTP2165 GPSEMI-GPTP2165_17 Datasheet
487Kb / 2P
   PHASE CONTROLLED SCR
GPTR1545 GPSEMI-GPTR1545 Datasheet
301Kb / 2P
   PHASE CONTROLLED SCR
GPTS3612 GPSEMI-GPTS3612 Datasheet
301Kb / 2P
   PHASE CONTROLLED SCR
GPTS4510 GPSEMI-GPTS4510 Datasheet
300Kb / 2P
   PHASE CONTROLLED SCR
GPTR4154 GPSEMI-GPTR4154 Datasheet
116Kb / 2P
   PHASE CONTROLLED SCR
GPTG2072 GPSEMI-GPTG2072 Datasheet
159Kb / 2P
   PHASE CONTROLLED SCR
GPTN5061 GPSEMI-GPTN5061 Datasheet
301Kb / 2P
   PHASE CONTROLLED SCR
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com