Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST16C2552IJ44 Arkusz danych(PDF) 11 Page - Exar Corporation

Numer części ST16C2552IJ44
Szczegółowy opis  DUAL ASYNCHRONOUS RECEIVER/TRANSMITTER WITH FIFOs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  EXAR [Exar Corporation]
Strona internetowa  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C2552IJ44 Arkusz danych(HTML) 11 Page - Exar Corporation

Back Button ST16C2552IJ44 Datasheet HTML 7Page - Exar Corporation ST16C2552IJ44 Datasheet HTML 8Page - Exar Corporation ST16C2552IJ44 Datasheet HTML 9Page - Exar Corporation ST16C2552IJ44 Datasheet HTML 10Page - Exar Corporation ST16C2552IJ44 Datasheet HTML 11Page - Exar Corporation ST16C2552IJ44 Datasheet HTML 12Page - Exar Corporation ST16C2552IJ44 Datasheet HTML 13Page - Exar Corporation ST16C2552IJ44 Datasheet HTML 14Page - Exar Corporation ST16C2552IJ44 Datasheet HTML 15Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
3-145
ST16C2552
MCR BIT-2:
Not used except in local loop-back mode.
MCR BIT-3:
0=force OP2* output to high.
1=force OP2* output to low.
MCR BIT-4:
0=normal operating mode.
1=enable local loop-back mode (diagnostics). The
transmitter output (TX) is set high (Mark condition),
the receiver input (RX) , CTS*, DSR*, CD*, and RI* are
disabled. Internally the transmitter output is con-
nected to the receiver input and DTR*, RTS*, OP1*
and OP2* are connected to modem control inputs.
In this mode , the receiver and transmitter interrupts
are fully operational. The Modem Control Interrupts
are also operational, but the interrupts sources are
now the lower four bits of the Modem Control Register
instead of the four Modem Control inputs. The inter-
rupts are still controlled by the IER .
MCR BIT 5-7:
Not used. Are set to zero permanently.
LINE STATUS REGISTER (LSR)
This register provides the status of data transfer to
CPU.
LSR BIT-0:
0=no data in receive holding register or FIFO.
1=data has been received and saved in the receive
holding register or FIFO.
LSR BIT-1:
0=no overrun error (normal).
1=overrun error, next character arrived before receive
holding register was emptied or if FIFOs are enabled,
an overrun error will occur only after the FIFO is full
and the next character has been completely received
in the shift register. Note that character in the shift
register is overwritten, but it is not transferred to the
FIFO.
LSR BIT-2:
0=no parity error (normal).
1=parity error, received data does not have correct
parity information. In the FIFO mode this error is
associated with the character at the top of the FIFO.
LSR BIT-3:
0=no framing error (normal).
1=framing error received, received data did not have
a valid stop bit. In the FIFO mode this error is
associated with the character at the top of the FIFO.
LSR BIT-4:
0=no break condition (normal).
1=receiver received a break signal (RX was low for
one character time frame). In FIFO mode, only one
zero character is loaded into the FIFO.
LSR BIT-5:
0=transmit holding register is full. ST16C2552 will not
accept any data for transmission.
1=transmit holding register (or FIFO ) is empty. CPU
can load the next character.
LSR BIT-6:
0=transmitter holding and shift registers are full.
1=transmitter holding and shift registers are empty. In
FIFO mode this bit is set to one whenever the trans-
mitter FIFO and transmit shift register are empty.
LSR BIT-7:
0=Normal.
1=At least one parity error, framing error or break
indication in the FIFO. This bit is cleared when LSR is
read.
MODEM STATUS REGISTER (MSR)
This register provides the current state of the control
lines from the modem or peripheral to the CPU. Four
bits of this register are used to indicate the changed
information. These bits are set to “1” whenever a
control input from the MODEM changes state. They
are set to “0” whenever the CPU reads this register.


Podobny numer części - ST16C2552IJ44

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Exar Corporation
ST16C2552IJ44 EXAR-ST16C2552IJ44 Datasheet
673Kb / 36P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
More results

Podobny opis - ST16C2552IJ44

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
PC16552C NSC-PC16552C Datasheet
827Kb / 22P
   Dual Universal Asynchronous Receiver/Transmitter with FIFOs
logo
Texas Instruments
PC16552DVX TI-PC16552DVX Datasheet
335Kb / 24P
[Old version datasheet]   Dual Universal Asynchronous Receiver/Transmitter with FIFOs
logo
National Semiconductor ...
PC16552D NSC-PC16552D Datasheet
291Kb / 21P
   Dual Universal Asynchronous Receiver/Transmitter with FIFOs
logo
Texas Instruments
NS16C552 TI1-NS16C552 Datasheet
335Kb / 24P
[Old version datasheet]   PC16552D Dual Universal Asynchronous Receiver/Transmitter with FIFOs?
logo
National Semiconductor ...
PC16550D NSC-PC16550D Datasheet
344Kb / 22P
   PC16550D Universal Asynchronous Receiver/Transmitter with FIFOs
logo
IMP, Inc
IMP16C554 IMP-IMP16C554 Datasheet
510Kb / 20P
   Quad Universal Asynchronous Receiver/Transmitter (UART) with FIFOs
logo
National Semiconductor ...
PC16553 NSC-PC16553 Datasheet
1Mb / 37P
   Dual Universal Asynchronous Receiver/Transmitter with FIFOs plus High Performance Parallel Interface
logo
Motorola, Inc
MC68681 MOTOROLA-MC68681 Datasheet
964Kb / 35P
   Dual Asynchronous Receiver/Transmitter
logo
NXP Semiconductors
SCC68681 PHILIPS-SCC68681 Datasheet
195Kb / 29P
   Dual asynchronous receiver/transmitter
2004 Apr 06
SCN2681T PHILIPS-SCN2681T Datasheet
114Kb / 14P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com