Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC-140-CGB-ST3 Arkusz danych(PDF) 1 Page - Vectron International, Inc

Numer części TC-140-CGB-ST3
Szczegółowy opis  Temperature Compensated Crystal Oscillators (TCXOs)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VECTRON [Vectron International, Inc]
Strona internetowa  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TC-140-CGB-ST3 Arkusz danych(HTML) 1 Page - Vectron International, Inc

  TC-140-CGB-ST3 Datasheet HTML 1Page - Vectron International, Inc TC-140-CGB-ST3 Datasheet HTML 2Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Temperature Compensated Crystal Oscillators (TCXO’s)
TC-140 (R Series)
Description:
The TC-140 series offers performance for short-term stabili-
ty, phase noise, aging and temperature stability normally
only associated with Oven Controlled Crystal Oscillators,
while consuming typically <20 mA.
Features:
• Stratum 3 option
• Frequency from 0.5 to 160 MHz
• “1 ppm Forever” option
• TTL, HCMOS and Sinewave
• Over 600,000 units produced
Performance Characteristics
Standard Frequencies:
4.096, 10.00, 12.80, 13.00, 16.384, 19.44, 20.00, 20.48 MHz
Available from 0.5 MHz to 160 MHz
Supply Voltage (Vdd):
12.0 Vdc ±5%
(other options are available upon request)
5.0 Vdc ±5%
Current:
Current draw will vary greatly depending on frequency and output type.
For this series TCXO typical current draw will be about 20 mA. Please
consult the factory about your exact current requirements.
Output:
A = HCMOS / ACMOS
0.5 to 160 MHz
B = 10 TTL
0.5 to 160 MHz
G = 0 dBm to +6 dBm
3.0 to 100 MHz
J = +7 dBm to +13 dBm
3.0 to 100 MHz (+12 Vdc only)
Temperature Stability:
B-1PM - ±1.0 x 10-6 over 0°C to +50°C, 10 years and initial accuracy
Note: Not all stabilities are available
B-207 - ±2.0 x 10-7 over 0°C to +50°C, Aging <2 ppm/10 years
with all frequency/output combinations.
B-ST3 - Stratum 3 over 0°C to +50°C, *See note below
Please consult the factory.
B-4PM - ±4.6 x 10-6 over 0°C to +50°C, 10 years and initial accuracy
C-1PM - ±1.0 x 10-6 over 0°C to +70°C, 10 years and initial accuracy
C-ST3 - Stratum 3 over 0°C to +70°C, *See note below
C-507 - ±5.0 x 10-7 over 0°C to +70°C, Aging <2 ppm/10 years
C-4PM - ±4.6 x 10-6 over 0°C to +70°C, 10 years and initial accuracy
F-106 - ±1.0 x 10-6 over -40°C to +85°C, Aging <2 ppm/10 years
F-4PM - ±4.6 x 10-6 over -40°C to +85°C, 10 years and initial accuracy
*STRATUM 3 per GR-1244-CORE Table 3-1
Total Stability:
<±4.6 x 10-6 for all causes and 10 years
Total Stability:
<±3.7 x 10-7 for all causes and 24 hours
Note: Tighter stabilities and wider temperature ranges are available, please
consult the factory.
Phase Noise (Typical):
Offset
Phase Noise
10 MHz
10 Hz
-110 dBc/Hz
+12 Vdc
100 Hz
-135 dBc/Hz
J - Output
1 kHz
-150 dBc/Hz
10 kHz
-155 dBc/Hz
Frequency vs. Supply:
<±0.05 ppm for a ±5% change in supply voltage
Package:
38.89 x 38.89 x 13.462 mm (1.53” x 1.53” x 0.53”)
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • Web: www.vectron.com
Parameter
Characteristics
60
8798_AA's Vectron
05/30/02
3:11 PM
Page 60


Podobny numer części - TC-140-CGB-ST3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
TC-1400RHN4 ETC2-TC-1400RHN4 Datasheet
281Kb / 17P
   1400W Redundant Power Supply
More results

Podobny opis - TC-140-CGB-ST3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vectron International, ...
TC-350 VECTRON-TC-350 Datasheet
763Kb / 6P
   Low Profile TCXOs Temperature Compensated Crystal Oscillators
TC-210 VECTRON-TC-210 Datasheet
404Kb / 5P
   TEMPERATURE COMPENSATED CRYSTAL OSCILLATORS
6825 VECTRON-6825 Datasheet
457Kb / 4P
   Temperature Compensated Crystal Oscillators
logo
Kyocera Kinseki Corpota...
KT1612 KSS-KT1612 Datasheet
65Kb / 1P
   Temperature Compensated Crystal Oscillators
KT2016 KSS-KT2016_18 Datasheet
68Kb / 1P
   Temperature Compensated Crystal Oscillators
KT3225 KSS-KT3225 Datasheet
69Kb / 1P
   Temperature Compensated Crystal Oscillators
logo
Raltron Electronics Cor...
TX146 RALTRON-TX146 Datasheet
70Kb / 3P
   TEMPERATURE COMPENSATED CRYSTAL OSCILLATORS
TX045 RALTRON-TX045 Datasheet
67Kb / 3P
   Temperature Compensated Crystal Oscillators
logo
List of Unclassifed Man...
IQTCXO-250 ETC1-IQTCXO-250 Datasheet
49Kb / 2P
   Temperature compensated crystal oscillators
logo
Vectron International, ...
RCR7HYA17C160 VECTRON-RCR7HYA17C160 Datasheet
132Kb / 7P
   Temperature Compensated Crystal Oscillators
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com