Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KSD5701 Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części KSD5701
Szczegółowy opis  High Voltage Color Display Horizontal Deflection Output
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSD5701 Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  KSD5701 Datasheet HTML 1Page - Fairchild Semiconductor KSD5701 Datasheet HTML 2Page - Fairchild Semiconductor KSD5701 Datasheet HTML 3Page - Fairchild Semiconductor KSD5701 Datasheet HTML 4Page - Fairchild Semiconductor KSD5701 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
©2000 Fairchild Semiconductor International
Rev. A, February 2000
NPN Triple Diffused Planar Silicon Transistor
Absolute Maximum Ratings T
C=25°C unless otherwise noted
Electrical Characteristics T
C=25°C unless otherwise noted
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
1500
V
VCEO
Collector-Emitter Voltage
800
V
VEBO
Emitter-Base Voltage
6
V
IC
Collector Current (DC)
3.5
A
ICP
Collector Current (Pulse)
10
A
PC
Collector Dissipation (TC=25°C)
50
W
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
- 55 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
ICBO
Collector Cut-off Current
VCB = 800V, IE = 0
10
µA
IEBO
Emitter Cut-off Current
VEB = 4V, IC = 0
40
250
mA
hFE1
hFE2
DC Current Gain
VCE = 5V, IC = 0.5A
VCE = 5V, IC = 2.5A
10
2.5
30
VCE(sat)
Collector-Emitter Saturation Voltage
IC = 2.5A, IB = 0.8A
5
V
VBE(sat)
Base-Emitter Saturation Voltage
IC = 2.5A, IB = 0.8A
1.5
V
fT
Current Gain Bandwidth Product
VCE = 10V, IC = 0.5A
3
MHz
VF
Damper Diode Turn On Voltage
IF = 3.5A
2
V
tF
Fall Time
VCC = 200V, IC = 3A
IB1 = 0.8A, IB2 = - 1.6A
RL = 66.7Ω
0.4
µs
KSD5701
High Voltage Color Display Horizontal
Deflection Output
(Damper Diode Built In)
• High Collector-Base Voltage : VCBO=1500V
• High Switching Speed : tF = 0.4µs (Max.)
• For Color TV
C
B
E
50
Ω typ.
Equivalent Circuit
TO-3PF
1.Base
2.Collector
3.Emitter
1


Podobny numer części - KSD5701

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
KSD5702 FAIRCHILD-KSD5702 Datasheet
80Kb / 5P
   High Voltage Color Display Horizontal Deflection Output (Damper Diode Built In)
KSD5703 FAIRCHILD-KSD5703 Datasheet
69Kb / 5P
   High Voltage Color Display Horizontal Deflection Output (No Damper Diode)
logo
Inchange Semiconductor ...
KSD5703 ISC-KSD5703 Datasheet
133Kb / 2P
   isc Silicon NPN Power Transistor
logo
New Jersey Semi-Conduct...
KSD5703 NJSEMI-KSD5703 Datasheet
123Kb / 2P
   Silicon NPN Power Transistor
logo
Fairchild Semiconductor
KSD5707 FAIRCHILD-KSD5707 Datasheet
78Kb / 5P
   High Voltage Color Display Horizontal Deflection Output
More results

Podobny opis - KSD5701

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FJAF6815TU FAIRCHILD-FJAF6815TU Datasheet
145Kb / 5P
   High Voltage Color Display Horizontal Deflection Output
KSC5386 FAIRCHILD-KSC5386 Datasheet
764Kb / 5P
   High Voltage Color Display Horizontal Deflection Output
FJL6920TU FAIRCHILD-FJL6920TU Datasheet
90Kb / 5P
   High Voltage Color Display Horizontal Deflection Output
FJAF6810ATU FAIRCHILD-FJAF6810ATU Datasheet
102Kb / 6P
   High Voltage Color Display Horizontal Deflection Output
FJAF6820 FAIRCHILD-FJAF6820 Datasheet
113Kb / 5P
   High Voltage Color Display Horizontal Deflection Output
FJAF6920 FAIRCHILD-FJAF6920 Datasheet
91Kb / 5P
   High Voltage Color Display Horizontal Deflection Output
FJAF6810TU FAIRCHILD-FJAF6810TU Datasheet
102Kb / 5P
   High Voltage Color Display Horizontal Deflection Output
FJAF6910TU FAIRCHILD-FJAF6910TU Datasheet
114Kb / 5P
   High Voltage Color Display Horizontal Deflection Output
FJAF6810A FAIRCHILD-FJAF6810A Datasheet
159Kb / 5P
   High Voltage Color Display Horizontal Deflection Output
KSD5707 FAIRCHILD-KSD5707 Datasheet
78Kb / 5P
   High Voltage Color Display Horizontal Deflection Output
KSC5803D FAIRCHILD-KSC5803D Datasheet
90Kb / 5P
   High Voltage Color Display Horizontal Deflection Output
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com