Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MPSH10 Arkusz danych(PDF) 3 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Numer części MPSH10
Szczegółowy opis  TO-92 Plastic-Encapsulate Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Strona internetowa  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

MPSH10 Arkusz danych(HTML) 3 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  MPSH10 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd MPSH10 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd MPSH10 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd MPSH10 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
0LQ0D[
0LQ0D[
A
3.300
3.700
0.130
0.146
A1
1.100
1.400
0.043
0.055
b
0.380
0.550
0.015
0.022
c
0.360
0.510
0.014
0.020
D4.
4.700

D1
3.430
0.135
E
4.300
4.700
0.169
0.185
e
e1
2.440
2.640
0.096
0.104
L
14.100
14.500
0.555
0.571
1.600
0.063
h
0.000
0.380
0.000
0.015
6\PERO
'LPHQVLRQV ,Q 0LOOLPHWHUV
'LPHQVLRQV ,Q,QFKHV
1.270 TYP
0.050 TYP
72 3DFNDJH2XWOLQH'LPHQVLRQV
726XJJHVWHG3DG/D\RXW
ZZZFMHOHFFRP
'$XJ


Podobny numer części - MPSH10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MPSH10 MOTOROLA-MPSH10 Datasheet
78Kb / 4P
   VHF/UHF Transistors
logo
SHENZHEN YONGERJIA INDU...
MPSH10 WINNERJOIN-MPSH10 Datasheet
125Kb / 1P
   TRANSISTOR (NPN)
logo
ON Semiconductor
MPSH10 ONSEMI-MPSH10 Datasheet
78Kb / 4P
   VHF/UHF Transistors(NPN Silicon)
1996
logo
Continental Device Indi...
MPSH10 CDIL-MPSH10 Datasheet
267Kb / 4P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
logo
NXP Semiconductors
MPSH10 PHILIPS-MPSH10 Datasheet
77Kb / 8P
   NPN 1 GHz general purpose switching transistor
1998 Aug 27
More results

Podobny opis - MPSH10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tiger Electronic Co.,Lt...
MCR100-6 TGS-MCR100-6 Datasheet
132Kb / 2P
   TO-92 Plastic-Encapsulate Transistors (TO-92)
logo
Avic Technology
AV42 AVICTEK-AV42 Datasheet
148Kb / 2P
   TO-92 Plastic-Encapsulate Transistors
AV1015 AVICTEK-AV1015 Datasheet
423Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
AV1815 AVICTEK-AV1815 Datasheet
404Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
AV4401 AVICTEK-AV4401 Datasheet
478Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SC2001 JIANGSU-2SC2001 Datasheet
802Kb / 5P
   TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu High diode Semi...
S9014-TO-92 HDSEMI-S9014-TO-92 Datasheet
2Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SD1513 JIANGSU-2SD1513 Datasheet
422Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
2SD1835 JIANGSU-2SD1835 Datasheet
1Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
BC237 JIANGSU-BC237 Datasheet
1Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
BC327 JIANGSU-BC327 Datasheet
534Kb / 4P
   TO-92 Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com