Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

RGCL80TS60 Arkusz danych(PDF) 1 Page - Rohm

Numer części RGCL80TS60
Szczegółowy opis  600V 40A Field Stop Trench IGBT
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

RGCL80TS60 Arkusz danych(HTML) 1 Page - Rohm

  RGCL80TS60 Datasheet HTML 1Page - Rohm RGCL80TS60 Datasheet HTML 2Page - Rohm RGCL80TS60 Datasheet HTML 3Page - Rohm RGCL80TS60 Datasheet HTML 4Page - Rohm RGCL80TS60 Datasheet HTML 5Page - Rohm RGCL80TS60 Datasheet HTML 6Page - Rohm RGCL80TS60 Datasheet HTML 7Page - Rohm RGCL80TS60 Datasheet HTML 8Page - Rohm RGCL80TS60 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Data Sheet
www.rohm.com
© 2015 ROHM Co., Ltd. All rights reserved.
RGCL80TS60
650V 30A Field Stop Trench IGBT
600V 40A Field Stop Trench IGBT
*1 Pulse width limited by Tjmax.
Operating Junction Temperature
Tj
-40 to +175
°C
Storage Temperature
Tstg
-55 to +175
°C
Power Dissipation
TC = 25°C
PD
148
W
TC = 100°C
PD
74
W
160
A
Pulsed Collector Current
ICP
*1
lOutline
VCES
600V
TO-247N
IC(100°C)
40A
VCE(sat) (Typ.)
1.4V
PD
148W
lFeatures
lInner Circuit
1) Low Collector - Emitter Saturation Voltage
2) Soft Switching
3) Pb - free Lead Plating ; RoHS Compliant
lPackaging Specifications
lApplications
Type
Packaging
Tube
Partial Switching PFC
Reel Size (mm)
-
Discharge Circuit
Tape Width (mm)
-
Brake for Inverter
Basic Ordering Unit (pcs)
450
Taping Code
C11
Marking
RGCL80TS60
lAbsolute Maximum Ratings (at T
C = 25°C unless otherwise specified)
Parameter
Symbol
Value
Unit
Collector - Emitter Voltage
VCES
600
V
Gate - Emitter Voltage
VGES
30
V
Collector Current
TC = 25°C
IC
65
A
TC = 100°C
IC
40
A
(1)(2)(3)
(1) Gate
(2) Collector
(3) Emitter
(1)
(2)
(3)
1/9
2015.09 - Rev.A


Podobny numer części - RGCL80TS60

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
RGCL80TS60D ROHM-RGCL80TS60D Datasheet
907Kb / 13P
   600V 40A Field Stop Trench IGBT
More results

Podobny opis - RGCL80TS60

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
RGCL80TK60D ROHM-RGCL80TK60D Datasheet
909Kb / 13P
   600V 40A Field Stop Trench IGBT
RGCL80TS60D ROHM-RGCL80TS60D Datasheet
907Kb / 13P
   600V 40A Field Stop Trench IGBT
RGCL80TK60 ROHM-RGCL80TK60 Datasheet
763Kb / 11P
   600V 40A Field Stop Trench IGBT
logo
Fairchild Semiconductor
FGH40N60SF FAIRCHILD-FGH40N60SF Datasheet
683Kb / 8P
   600V, 40A Field Stop IGBT
FGH40N60UF FAIRCHILD-FGH40N60UF Datasheet
710Kb / 8P
   600V, 40A Field Stop IGBT
FGH40N60SMDF FAIRCHILD-FGH40N60SMDF Datasheet
357Kb / 10P
   600V, 40A Field Stop IGBT
FGH40N60SFD FAIRCHILD-FGH40N60SFD Datasheet
806Kb / 9P
   600V, 40A Field Stop IGBT
FGH40N60UFD FAIRCHILD-FGH40N60UFD Datasheet
793Kb / 9P
   600V, 40A Field Stop IGBT
FGB40N60SM FAIRCHILD-FGB40N60SM Datasheet
850Kb / 9P
   600V, 40A Field Stop IGBT
FGI40N60SF FAIRCHILD-FGI40N60SF Datasheet
728Kb / 8P
   600V, 40A Field Stop IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com