Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

RGS60TS65D Arkusz danych(PDF) 5 Page - Rohm

Numer części RGS60TS65D
Szczegółowy opis  650V 30A Field Stop Trench IGBT
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

RGS60TS65D Arkusz danych(HTML) 5 Page - Rohm

  RGS60TS65D Datasheet HTML 1Page - Rohm RGS60TS65D Datasheet HTML 2Page - Rohm RGS60TS65D Datasheet HTML 3Page - Rohm RGS60TS65D Datasheet HTML 4Page - Rohm RGS60TS65D Datasheet HTML 5Page - Rohm RGS60TS65D Datasheet HTML 6Page - Rohm RGS60TS65D Datasheet HTML 7Page - Rohm RGS60TS65D Datasheet HTML 8Page - Rohm RGS60TS65D Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
Data Sheet
RGS60TS65D
lElectrical Characteristic Curves
 
0
20
40
60
80
100
120
140
160
180
200
220
240
0
25
50
75
100
125
150
175
0
20
40
60
80
100
120
0
200
400
600
800
T
j≦175ºC
V
GE=15V
0
10
20
30
40
50
60
0
25
50
75
100
125
150
175
T
j≦175ºC
V
GE≧15V
0.01
0.1
1
10
100
1000
1
10
100
1000
10
µs
T
C= 25ºC
Single Pulse
100
µs
Fig.2 Collector Current vs. Case Temperature
Case Temperature : T
C [ºC]
Collector To Emitter Voltage : V
CE[V]
Fig.4 Reverse Bias Safe Operating Area
Collector To Emitter Voltage : V
CE[V]
Fig.1 Power Dissipation vs. Case Temperature
Case Temperature : T
C [ºC]
Fig.3 Forward Bias Safe Operating Area
5/11
2016.07 - Rev.A


Podobny numer części - RGS60TS65D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Ohmite Mfg. Co.
RGS OHMITE-RGS Datasheet
523Kb / 3P
   (Potentiometers) Wirewound
logo
ORing Industrial Networ...
RGS-9168GCP ORING-RGS-9168GCP Datasheet
581Kb / 7P
   Industrial 24-port rack mount managed Gigabit Ethernet switch
RGS-9168GCP-E_EU ORING-RGS-9168GCP-E_EU Datasheet
581Kb / 7P
   Industrial 24-port rack mount managed Gigabit Ethernet switch
RGS-9168GCP-E_JP ORING-RGS-9168GCP-E_JP Datasheet
581Kb / 7P
   Industrial 24-port rack mount managed Gigabit Ethernet switch
RGS-9168GCP-E_UK ORING-RGS-9168GCP-E_UK Datasheet
581Kb / 7P
   Industrial 24-port rack mount managed Gigabit Ethernet switch
More results

Podobny opis - RGS60TS65D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
RGTH60TS65 ROHM-RGTH60TS65 Datasheet
1Mb / 11P
   650V 30A Field Stop Trench IGBT
RGTH60TK65D ROHM-RGTH60TK65D Datasheet
885Kb / 13P
   650V 30A Field Stop Trench IGBT
RGTH60TK65 ROHM-RGTH60TK65 Datasheet
743Kb / 11P
   650V 30A Field Stop Trench IGBT
RGTH60TS65D ROHM-RGTH60TS65D Datasheet
731Kb / 12P
   650V 30A Field Stop Trench IGBT
TGTH60TS65 ROHM-TGTH60TS65 Datasheet
683Kb / 10P
   650V 30A Field Stop Trench IGBT
RGT60TS65D ROHM-RGT60TS65D Datasheet
731Kb / 12P
   650V 30A Field Stop Trench IGBT
RGCL60TK60 ROHM-RGCL60TK60 Datasheet
759Kb / 11P
   650V 30A Field Stop Trench IGBT
RGTV60TS65D ROHM-RGTV60TS65D Datasheet
1Mb / 13P
   650V 30A Field Stop Trench IGBT
RGTV60TS65 ROHM-RGTV60TS65 Datasheet
1Mb / 11P
   650V 30A Field Stop Trench IGBT
RGTV60TK65 ROHM-RGTV60TK65 Datasheet
1Mb / 10P
   650V 30A Field Stop Trench IGBT
2017.10 - Rev.A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com