Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

RT5509 Arkusz danych(PDF) 44 Page - Richtek Technology Corporation

Numer części RT5509
Szczegółowy opis  Speaker Amplifier with Speaker Protection
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RICHTEK [Richtek Technology Corporation]
Strona internetowa  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5509 Arkusz danych(HTML) 44 Page - Richtek Technology Corporation

Back Button RT5509 Datasheet HTML 40Page - Richtek Technology Corporation RT5509 Datasheet HTML 41Page - Richtek Technology Corporation RT5509 Datasheet HTML 42Page - Richtek Technology Corporation RT5509 Datasheet HTML 43Page - Richtek Technology Corporation RT5509 Datasheet HTML 44Page - Richtek Technology Corporation RT5509 Datasheet HTML 45Page - Richtek Technology Corporation RT5509 Datasheet HTML 46Page - Richtek Technology Corporation RT5509 Datasheet HTML 47Page - Richtek Technology Corporation RT5509 Datasheet HTML 48Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 58 page
background image
RT5509
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
www.richtek.com
DS5509-00
August
2017
44
ADDR Byte
Bits
R/W
Name
Description
Default
0x77
4
31:0
R/W
VB_GAIN_4[25:0]
u[31:26], gain1[25:0]
32'h00800000
0x78
4
31:0
R/W
VB_GAIN_5[25:0]
u[31:26], gain1[25:0]
32'h00800000
0x79
4
31:0
R/W
VB_GAIN_6[25:0]
u[31:26], gain1[25:0]
32'h00800000
0x7A
4
31:0
R/W
VB_GAIN_7[25:0]
u[31:26], gain1[25:0]
32'h00800000
0x7B
4
31:0
R/W
VB_GAIN_8[25:0]
u[31:26], gain1[25:0]
32'h00800000
0x7C
4
31:0
R/W
VB_GAIN_9[25:0]
u[31:26], gain1[25:0]
32'h00800000
0x7D
4
31:0
R/W
VB_GAIN_10[25:0]
u[31:26], gain1[25:0]
32'h00800000
0x7E
1
7
R/W
PALPF4EN
2nd Biquad enable
0
6
Reversed
5:4
R/W
CONSTANT [1:0]
2
’b00
3:0
R/W
SLOP [3:0]
4
’b0000
0x7F
1
7:0
R/W
BW_COEFF[7:0]
Default : 0dB, 0.5dB per steps
Increase setting will decrease
output gain
Decrease setting will increase
8'h30
0x80
1
7
R/W
SW_RESET
1 : Software Reset
0
0
Reserved
0
0x81
1
7:5
D_SPK_BOOST[2:0]
Class D gain control [000:110] = 0 to
15db/3db
3'b100
4:0
D_SPKLPF_VOL[4:0]
PGA Feedback Gain control RF
[0000 to 1111] =
31db to 0db/1db
4'b10111
0x82
1
1:0
R/W
D_PGA_SPKPGA_VOL
[1:0]
PGA Input Gain control 00 =
6dB
01 =
3dB 10 = 0dB 11 = 3dB
2'b10
0x86
1
7
R/W
D_VMID_EN
VMID enable (AVDD/2)
0
6
R/W
D_VMID_FAST
VMID quick charge
0
0x88
1
7
R/W
D_CS_EN
Current sense enable
0
0x8B
2
15:0
R/W
vbat_data[15:0]
Read mode : read vbat_data value
from vbt_sens
Write mode : when 0xC8
vbat_data_tst_en is set to 1,
vbat_data is from this register
16'h0000
0x8C
2
15:0
R/W
vtherm_data[15:0]
read mode : read vtherm_data value
from vbt_sens
write mode : when 0xC8
vtherm_data_tst_en is set to 1,
vtherm_data is from this register
16'h0000


Podobny numer części - RT5509

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Richtek Technology Corp...
RT5508 RICHTEK-RT5508 Datasheet
2Mb / 57P
   Speaker Amplifier with Speaker Protection
RT5508WSC RICHTEK-RT5508WSC Datasheet
2Mb / 57P
   Speaker Amplifier with Speaker Protection
logo
RFHIC
RT550PD RFHIC-RT550PD Datasheet
153Kb / 2P
   Power Transistor
RT550PD RFHIC-RT550PD Datasheet
185Kb / 3P
   Power Transistor
RT550PD RFHIC-RT550PD_14 Datasheet
185Kb / 3P
   Power Transistor
More results

Podobny opis - RT5509

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Richtek Technology Corp...
RT5508 RICHTEK-RT5508 Datasheet
2Mb / 57P
   Speaker Amplifier with Speaker Protection
logo
Texas Instruments
LM49251 TI1-LM49251 Datasheet
3Mb / 42P
[Old version datasheet]   Stereo Audio Subsystem with Class G Headphone Amplifier and Class D Speaker Amplifier with Speaker Protection
LM49251 TI1-LM49251_15 Datasheet
8Mb / 41P
[Old version datasheet]   Stereo Audio Subsystem with Class G Headphone Amplifier and Class D Speaker Amplifier with Speaker Protection
logo
KODENSHI_AUK CORP.
KK5009 KODENSHI-KK5009 Datasheet
207Kb / 3P
   Speaker Amplifier
logo
Texas Instruments
LM49153 TI1-LM49153_15 Datasheet
2Mb / 31P
[Old version datasheet]   Mono Audio Subsystem with Class G Headphone Amplifier, Class D Speaker Amplifier, Noise Gate and Speaker Protection
logo
OKI electronic componet...
MSA180 OKI-MSA180 Datasheet
147Kb / 17P
   Piezo Speaker Amplifier
MSC1157 OKI-MSC1157 Datasheet
143Kb / 14P
   Speaker Drive Amplifier
logo
Toshiba Semiconductor
TA7317P TOSHIBA-TA7317P Datasheet
176Kb / 3P
   PROTECTION CIRCUIT FOR OCL POWER AMPLIFIER AND SPEAKER
logo
ON Semiconductor
CM1416 ONSEMI-CM1416 Datasheet
168Kb / 9P
   Headset/Speaker EMI Filter with ESD Protection
April 2010 Rev. 2
logo
OKI electronic componet...
MSC1191 OKI-MSC1191 Datasheet
481Kb / 9P
   DIRECT DRIVE SPEAKER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com